Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMA166S-L Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # TMA166S-L
Description  Triacs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TMA166S-L Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  TMA166S-L Datasheet HTML 1Page - Inchange Semiconductor Company Limited TMA166S-L Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Triacs
TMA166S-L
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX UNIT
IRRM
Repetitive peak reverse current
VR=VRRM,
VR=VRRM, Tj=125
0.1
2
mA
IDRM
Repetitive peak off-state current
VD=VDRM,
VD=VDRM, Tj=125
0.1
2
mA
IGT
Gate trigger current
-Ⅱ-Ⅲ
VD=12V; RL= 20Ω
30
mA
IH
Holding current
IGT= 0.5A,
60
mA
VGT
Gate trigger voltage
-Ⅱ-Ⅲ
VD=12V; RL= 20Ω
1.5
V
dv/dt
VD=67%
VDRM
gate
open(Tj=125℃)
1000
V/us
(dv/dt)c Critical Rising Rate of Off-State Voltage
during Commutation
Tj=125℃
10
V/us
VTM
On-state voltage
ITM=32A , tp=380µs
1.5
V
TO-220F outline dimensional drawing


Similar Part No. - TMA166S-L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TMA166S-L SANKEN-TMA166S-L Datasheet
269Kb / 12P
   Triac (Bidirectional Triode Thyristor)
More results

Similar Description - TMA166S-L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com