Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1393811-2 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 1393811-2
Description  Great variety of contact arrangements and materials to meet specific applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1393811-2 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  1393811-2 Datasheet HTML 1Page - TE Connectivity Ltd 1393811-2 Datasheet HTML 2Page - TE Connectivity Ltd 1393811-2 Datasheet HTML 3Page - TE Connectivity Ltd 1393811-2 Datasheet HTML 4Page - TE Connectivity Ltd 1393811-2 Datasheet HTML 5Page - TE Connectivity Ltd 1393811-2 Datasheet HTML 6Page - TE Connectivity Ltd 1393811-2 Datasheet HTML 7Page - TE Connectivity Ltd 1393811-2 Datasheet HTML 8Page - TE Connectivity Ltd 1393811-2 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
07-2012, Rev. 0712
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
AXICOM
Signal Relays
Cradle N Relay V23154/V23162 (Continued)
Terminal assignment
2 form C (2 CO)
V231xx-xxxxx-Bx04
V231xx-xxxxx-Cx04
Size I
2 form A (2 NO)
V231xx-xxxxx-F105
2 form B (2 NC)
V231xx-xxxxx-F107
1 form A + 1 form B
(1 NO + 1 NC)
V231xx-xxxxx-F106
6 form A (6 NO)
V231xx-xxxxx-Bx12
V231xx-xxxxx-Cx12
Size II
4 form C (4 CO)
V231xx-xxxxx-Bx10
2 form C (2 CO)
V231xx-xxxxx-F104
Dimensions
V23154-C0xx, size I type
V23154-D0xx, size II type
V23162-A0xx, size I type
V23162-B0xx, size II type
V23162-H0xx, size II type


Similar Part No. - 1393811-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1393811-2 TEC-1393811-2 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
More results

Similar Description - 1393811-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
N-V23154 TEC-N-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
W-V23005 TEC-W-V23005 Datasheet
775Kb / 4P
   Great variety of contact arrangements and materials to meet specific applications
P-V23003 TEC-P-V23003 Datasheet
1Mb / 5P
   Great variety of contact arrangements and materials to meet specific applications
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
S2-5VDC PANASONIC-S2-5VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
ADJ15005 PANASONIC-ADJ15005 Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays Variety of contact arrangements
logo
PHOENIX CONTACT
2230008 PHOENIX-2230008 Datasheet
57Kb / 2P
   Customizable to meet specific connector requirements for different applications
2230004 PHOENIX-2230004 Datasheet
57Kb / 2P
   Customizable to meet specific connector requirements for different applications
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com