Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARC2-10 Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # ARC2-10
Description  RoHS Compliant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

ARC2-10 Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  ARC2-10 Datasheet HTML 1Page - Ohmite Mfg. Co. ARC2-10 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2
ARC2 High Voltage Precision
Resistors
5/11-39
Dimensions (mm)
Derating Curve
Ordering Procedure
Standard Resistor To specify standard: Series, Termination Style,
Coating Type, Ohmic Value, Tolerance Code and Temperature
Coefficient Code, e.g.: ARC2-3 20M D F
Tolerance (Code) ±0.1% (B), ±0.25% (C), ±0.5% (D), ±1% (F),
±2% (G), ±5% (J), ±10% (K)
Temperature Coefficient (Code) ±15ppm/°C (A), ±25ppm/°C (E),
±50ppm/°C (F), ±100ppm/°C (S), ±200ppm/°C (L)
L
37±3
Ø8
Ø0.8
100
80
60
40
20
0
040100
225
Temperature °C
Type
L
ARC2-2
27 ± 1
ARC2-3
37 ± 1
ARC2-5
52 ± 1
ARC2-7
78 ± 1.5
ARC2-10
103 ± 1.5
ARC2-12
128 ± 2
ARC2-15
153 ± 2


Similar Part No. - ARC2-10

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
ARC2 OHMITE-ARC2 Datasheet
158Kb / 2P
   Designed for applications such as voltage dividers
logo
List of Unclassifed Man...
ARC241 ETC2-ARC241 Datasheet
105Kb / 6P
   Array chip resistors size 4 X 0603
logo
YAGEO Corporation
ARC241 YAGEO-ARC241 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
logo
List of Unclassifed Man...
ARC242 ETC2-ARC242 Datasheet
105Kb / 6P
   Array chip resistors size 4 X 0603
logo
YAGEO Corporation
ARC242 YAGEO-ARC242 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results

Similar Description - ARC2-10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com