Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACL-TFBR Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # ACL-TFBR
Description  The TFBR series provides high power density in a low profile package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

ACL-TFBR Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  ACL-TFBR Datasheet HTML 1Page - Ohmite Mfg. Co. ACL-TFBR Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2
The information contained herein does not form part of a
contract and is subject to change without notice. ARCOL
operate a policy of continual product development, therefore,
specifications may change.
It is the responsibility of the customer to ensure that the
component selected from our range is suitable for the intended
application. If in doubt please ask ARCOL.
ARCOL UK Limited,
Threemilestone Ind. Estate,
Truro, Cornwall, TR4 9LG, UK.
T +44 (0) 1872 277431
F +44 (0) 1872 222002
E sales@arcolresistors.com
www.arcolresistors.com
3/13.25
TFBR Stainless Steel Power Resistors
Dimensions (mm)
TFBR100L
TFBR100S
TFBR300
TFBR900
Types
Length
Width
Thickness
TFBR100L
61.0
41.0
1.0
TFBR100S
55.0
43.0
1.0
TFBR300
70.0
61.0
1.0
TFBR900
188.0
75.0
1.0
Mounting Notes: It is recommended that the resistor is mounted to a heatsink with a surface finish of <6.3μm with a flatness of
<0.05mm. Thermal grease (e.g. Dow Corning DC340 or equivalent) should also be applied between heatsink and resistor.
Torque: The resistor should be mounted using an M4/M5 screw head bolt, torqued to a maximum of 6Nm.
Cable specifications: AWG 20 - 0,519mm² wire Ø, UL style 1015, 105°C, 600V, 100mm length but other length available on request.
Push-on terminals: 5.5x2.8mm, 0.8 mm thick
DATA SHEET
Power resistor (stainless steel)
Model PLR 300
Metallux AG
page3 / 3
Robert-Bosch-Str. 29
Tel. +49 (0) 7195/5980-0
www.metallux.de
date: 10/2011
D-71397 Leutenbach
Fax +49 (0) 7195/5980-300
info@metallux.de
Copyright 2011 by Metallux
Drawing
Substrate thickness 1 ± 0,2
How to order
PLR 300.70.61 100R ± 10 % <electrical terminal>
Specifications subject to change without notice.
Soldering lead free
Melting point 217°C
PLR 300.70.61
Metallux AG
page 3 of 3
Robert-Bosch-Str. 29
Tel. +49 (0) 7195/5980-0
www.metallux.de
Stand: 10/2011
D-71397 Leutenbach
Fax +49 (0) 7195/5980-300
info@metallux.de
Copyright 2011 by Metallux
Drawing
PLR 900.188.75
Substrate thickness1,2 ± 0,2 mm
Specifications subject to change without notice
(1) other values on request
(2) other cables or terminals on request
How to order
PLR 900.188.75 100R ±10%
DATA SHEET
Power resistors (stainless steel)
Model: PLR 900
Page 3/3
Metallux AG
info@metallux.de
Robert-Bosch-Str. 29
Tel. +49 (0) 7195/5980-0
www.metallux.de
D-71397 Leutenbach - Germany
Fax. +49 (0) 7195/5980-300
Copyright 10/2011 by Metallux
Power Resistor
Stainless steel
PLR 100
Drawing
PLR 100.61.41
PLR 100.55.43
Substrate thickness 1 ± 0,2
How to order
PLR 100.61.41 100 R ± 10% <electrical terminal >
Specifications subject to change without notice.
Soldering lead free
Melting point 217°C
Soldering lead free
Melting point 217˚C


Similar Part No. - ACL-TFBR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACL-10337 ETC2-ACL-10337 Datasheet
244Kb / 1P
   8-CH High-Power Relay Outputs & 8-CH Isolated Digital Inputs Card
logo
Applied Concepts Inc.
ACL-11-1171 ACIPOWER-ACL-11-1171 Datasheet
90Kb / 1P
   CCFL INVERTER
ACL-12-1129 ACIPOWER-ACL-12-1129 Datasheet
95Kb / 1P
   CCFL INVERTER
ACL-12-1225 ACIPOWER-ACL-12-1225 Datasheet
124Kb / 2P
   CCFL INVERTER
ACL-12-1258 ACIPOWER-ACL-12-1258 Datasheet
90Kb / 1P
   CCFL INVERTER
More results

Similar Description - ACL-TFBR

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MCWI03 TOTAL-POWER-MCWI03 Datasheet
569Kb / 4P
   High Power Density in SIP-8 Package
MCW03 TOTAL-POWER-MCW03 Datasheet
695Kb / 4P
   High Power Density in SIP-8 Package
MCW1000 TOTAL-POWER-MCW1000_17 Datasheet
494Kb / 4P
   High Power Density in SIP-8 Package
MCWI02 TOTAL-POWER-MCWI02 Datasheet
668Kb / 3P
   High Power Density in SIP-8 Package
MEW1000 TOTAL-POWER-MEW1000 Datasheet
552Kb / 4P
   High Power Density in SIP-9 Package
logo
Quelighting Corp
QLSP08RGBXW-273 QUELIGHTING-QLSP08RGBXW-273 Datasheet
1Mb / 17P
   This is a multi-color LED that provides high lumen output in the 5050 package.
1.0 11-23-2020
logo
Total Power Internation...
MA03 TOTAL-POWER-MA03 Datasheet
406Kb / 4P
   High Power Density, 3W in SIP-7 Package
logo
Quelighting Corp
QLSP06RGBXWAJ-274 QUELIGHTING-QLSP06RGBXWAJ-274 Datasheet
1Mb / 17P
   This is a small package with ceramic substrate for multi-color high power LED, that provides high lumen output in the 3030 package.
1.0 11-26-2020
logo
Recom International Pow...
RS6 RECOM-RS6 Datasheet
402Kb / 7P
   Highest Power Density In SIP Package
logo
Amphenol Corporation
T5100 AMPHENOL-T5100 Datasheet
129Kb / 4P
   Patented, Absorption Infrared Gas sensing engine provides high accuracy in a compact low cost package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com