Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP851330RJ Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # AP851330RJ
Description  Moulded case for proctection and easy to mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

AP851330RJ Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  AP851330RJ Datasheet HTML 1Page - Ohmite Mfg. Co. AP851330RJ Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
2/13.18
AP851 50 Watts TO-220 High
Power Resistors
A high power TO-220 style resistor package designed for high frequency emitter
circuits in switching power supplies. Also used in voltage regulation and low energy
pulse loading.
50 Watts at 25˚C case temperature on heat sink
Single screw mounting to heat sink
Moulded case for proctection and easy to mount
Non-inductive design
Electrically isolated case
RoHS Compliant
Electrical Specifications
Resistance
Value Range
Available Tolerance & Pref.
Value Ranges
Available TCR
R1 - 1R
J (±5%) K (±10%)
Not specified
1R02 - 3R
F (±1%) , J (±5%) ,
K (±10%)
±300ppm/˚C
3R01 - 10R
±100ppm/˚C
±200ppm/˚C
10R2 - 10K
D (±0.5%) F (±1%) J
(±5%) K (±10%)
±50ppm/˚C
±100ppm/˚C
±200ppm/˚C
Preferred value ranges:
F (±1%) - E96 , J (±5%) - E24, K (±10%) - E12
Characteristics
Power rating:
Operating voltage:
Dielectric strength:
Insulation resistance:
Temperature coefficient:
Short time overload:
Load life:
Damp heat with load:
Solderability:
Thermal shock:
Terminal strength:
Vibration and high frequency:
2.25 Watts in free air
420V max
1800Vac
10GΩ min
As specified, referenced to 25˚C, ∆R taken at +105˚C
∆R ±0.3%, 2 times rated power with applied voltage not to exceed 1.5 times maximum continuous
operating voltage for 5 seconds
∆R ±1.0%, 2000 hours at rated power
∆R ±0.5%, 40 ±2˚C, 90 - 95% R.H max working voltage for 1000 hours with 1.5 hours “ON” and
0.5 hours “OFF”
90% min coverage, 245 ±5˚C for 3 seconds
∆R ±0.3%, -65˚C - 150˚C, 100 cycles
∆R ±0.2%, 2.4 N
∆R ±0.2%, 20g peak
Derating Curve
100
80
60
40
20
0
0
25
50
75
100
125
150
175
Case Temperature (°C)
www.arcolresistors.com
For more information and ordering, please consult
(std.)
(std.)


Similar Part No. - AP851330RJ

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
AP851 OHMITE-AP851 Datasheet
430Kb / 2P
   Single screw mounting to heat sink
More results

Similar Description - AP851330RJ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-9140 AVAGO-AEDT-9140 Datasheet
233Kb / 9P
   Easy to mount
logo
Schneider Electric
L600AWK SCHNEIDER-L600AWK Datasheet
83Kb / 2P
   TYPE 12K 250 to 600A MOULDED CASE CIRCUIT BREAKER ENCLOSURE
J250SS SCHNEIDER-J250SS Datasheet
93Kb / 2P
   TYPE 4X 150 to 250A MOULDED CASE CIRCUIT BREAKER ENCLOSURE
L600AWKMC SCHNEIDER-L600AWKMC Datasheet
93Kb / 2P
   TYPE 12K 250 to 600A MOULDED CASE CIRCUIT BREAKER ENCLOSURE
M800SS SCHNEIDER-M800SS Datasheet
106Kb / 2P
   TYPE 4X 300 to 800A MOULDED CASE CIRCUIT BREAKER ENCLOSURE
GT1330 SCHNEIDER-GT1330 Datasheet
62Kb / 2P
   MOULDED CASE CIRCUIT BREAKER GROUND FAULT SENSOR
logo
Eaton All Rights Reserv...
EGB3015FFG EATON-EGB3015FFG Datasheet
975Kb / 45P
   Moulded Case Circuit Breakers 16-2500 Amperes for IEC 60947-2 Applications
logo
Schneider Electric
PDC12P4 SCHNEIDER-PDC12P4 Datasheet
91Kb / 2P
   250 to 1200A M-FRAME MOULDED CASE CIRCUIT BREAKER POWER DISTRIBUTION CONNECTOR
PDC12P44 SCHNEIDER-PDC12P44 Datasheet
56Kb / 2P
   250 to 1200A M-FRAME MOULDED CASE CIRCUIT BREAKER POWER DISTRIBUTION CONNECTOR
logo
List of Unclassifed Man...
HBT3 ETC2-HBT3 Datasheet
29Kb / 2P
   Moulded Box And Lid
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com