Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12FR060E Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # 12FR060E
Description  Ideal for current sensing applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

12FR060E Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  12FR060E Datasheet HTML 1Page - Ohmite Mfg. Co. 12FR060E Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
44
10 Series
Axial Wire Element Current Sense
Two Terminal Axial
L max.
D ±.010" /
±0.3mm
d ±.002" /
±0.05mm
M
1.562" ±0.062 /
39.7mm ±1.6
Series
Wattage
Ohms
12
2
0.005-0.10
13
3
0.005-0.20
15
5
0.005-0.25
Series Wattage
Length “L”
Diam. “D”
“M”
“d” (lead ga.)
12
2
0.416 / 10.6
0.094 / 2.4
1.156 / 29.4
20
13
3
0.570 / 14.5
0.205 / 5.2
1.310 / 33.3
20
15
5
0.935 / 23.8
0.330 / 8.4
1.675 / 42.5
18
F e a t u r e S
•Idealforcurrentsensingapplications
•1%Tolerancestandard,othersavailable
•Fixedresistancemeasuringpoint“M”
•Lowinductance(non-inductivebelow0.25
Ω)
•RoHScompliantproductavailable;add“E”suffixto
partnumbertospecify
0
500
400
300
200
100
Milliohms
10
20
40
30
50
600
700
0
2 watt
3 watt
5 watt
Temperature
Coefficient of
Resistance
Terminals Solder-plated copper terminals or copper clad steel depending
on ohmic value. RoHS solder is 96% Sn, 3.5% Ag, 0.5% Cu
Encapsulation Silicone molding compound
Derating Linearly from 100% @ +25°C to 0% @ +275°C
Tolerance ±1% standard; Others available
Power rating Based on 25°C free air rating
Overload 5 times rated wattage for 5 seconds
Dielectric withstanding voltage 1000 VRMS for 3 and 5 watt; 500 VRMS for 2 watt
Insulation resistance Not less than 1000MΩ
Thermal EMF Less than ±2µV/°C
Temperature range -55°C to 275°C
Chara C teri S ti CS
Serie S S pe C i F i C ation S
Dimen S ion S
or D erin G in F ormation
Standard part numbers
Ohmic
value
2 watt
3 watt
5 watt
0.005 12FR005E 13FR005E 15FR005E
0.010 12FR010E 13FR010E 15FR010E
0.015 12FR015E 13FR015E 15FR015E
0.020 12FR020E 13FR020E 15FR020E
0.025 12FR025E 13FR025E 15FR025E
0.030 12FR030E 13FR030E 15FR030E
0.040 12FR040E 13FR040E 15FR040E
0.050 12FR050E 13FR050E 15FR050E
0.060 12FR060E 13FR060E 15FR060E
0.070 12FR070E 13FR070E 15FR070E
0.080 12FR080E 13FR080E 15FR080E
0.090 12FR090E 13FR090E 15FR090E
0.100 12FR100E 13FR100E 15FR100E
0.150
13FR150E 15FR150E
0.200
13FR200E 15FR200E
0.250
15FR250E
Ohm Value
Example:
R050= 0.05
Tolerance
F= 1%
D= 0.5%
10 Series
Wattage
RoHS Compliant
(continued)


Similar Part No. - 12FR060E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
12FR060E OHMITE-12FR060E Datasheet
427Kb / 2P
   Axial Wire Element Current Sense Two Terminal Axial
More results

Similar Description - 12FR060E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
   Ideal for current sensing applications
logo
Marl International Limi...
669-503-0410 MARL-669-503-0410_15 Datasheet
321Kb / 4P
   Ideal for marine applications
507-501-2112 MARL-507-501-2112_15 Datasheet
434Kb / 5P
   Ideal for high vibration applications
logo
Sangdest Microelectroni...
DSR1A SMC-DSR1A Datasheet
162Kb / 5P
   Ideal for surface mouted applications
logo
Marl International Limi...
240-061-64 MARL-240-061-64_13 Datasheet
202Kb / 4P
   Ideal for high vibration applications
logo
International Rectifier
IRF7342D2PBF IRF-IRF7342D2PBF_15 Datasheet
203Kb / 11P
   Ideal For Buck Regulator Applications
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-P106 AVAGO-HLMP-P106 Datasheet
227Kb / 7P
   Ideal for space limited applications
logo
STMicroelectronics
AN3306 STMICROELECTRONICS-AN3306 Datasheet
639Kb / 21P
   Current sensing in metering applications using
logo
International Rectifier
IRF5803D2PBF IRF-IRF5803D2PBF_15 Datasheet
148Kb / 11P
   Ideal For Buck Regulator Applications
logo
STMicroelectronics
AN4313 STMICROELECTRONICS-AN4313 Datasheet
232Kb / 15P
   Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com