Electronic Components Datasheet Search |
|
13FR080E Datasheet(PDF) 1 Page - Ohmite Mfg. Co. |
|
13FR080E Datasheet(HTML) 1 Page - Ohmite Mfg. Co. |
1 / 2 page 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com 44 10 Series Axial Wire Element Current Sense Two Terminal Axial L max. D ±.010" / ±0.3mm d ±.002" / ±0.05mm M 1.562" ±0.062 / 39.7mm ±1.6 Series Wattage Ohms 12 2 0.005-0.10 13 3 0.005-0.20 15 5 0.005-0.25 Series Wattage Length “L” Diam. “D” “M” “d” (lead ga.) 12 2 0.416 / 10.6 0.094 / 2.4 1.156 / 29.4 20 13 3 0.570 / 14.5 0.205 / 5.2 1.310 / 33.3 20 15 5 0.935 / 23.8 0.330 / 8.4 1.675 / 42.5 18 F e a t u r e S •Idealforcurrentsensingapplications •1%Tolerancestandard,othersavailable •Fixedresistancemeasuringpoint“M” •Lowinductance(non-inductivebelow0.25 Ω) •RoHScompliantproductavailable;add“E”suffixto partnumbertospecify 0 500 400 300 200 100 Milliohms 10 20 40 30 50 600 700 0 2 watt 3 watt 5 watt Temperature Coefficient of Resistance Terminals Solder-plated copper terminals or copper clad steel depending on ohmic value. RoHS solder is 96% Sn, 3.5% Ag, 0.5% Cu Encapsulation Silicone molding compound Derating Linearly from 100% @ +25°C to 0% @ +275°C Tolerance ±1% standard; Others available Power rating Based on 25°C free air rating Overload 5 times rated wattage for 5 seconds Dielectric withstanding voltage 1000 VRMS for 3 and 5 watt; 500 VRMS for 2 watt Insulation resistance Not less than 1000MΩ Thermal EMF Less than ±2µV/°C Temperature range -55°C to 275°C Chara C teri S ti CS Serie S S pe C i F i C ation S Dimen S ion S or D erin G in F ormation Standard part numbers Ohmic value 2 watt 3 watt 5 watt 0.005 12FR005E 13FR005E 15FR005E 0.010 12FR010E 13FR010E 15FR010E 0.015 12FR015E 13FR015E 15FR015E 0.020 12FR020E 13FR020E 15FR020E 0.025 12FR025E 13FR025E 15FR025E 0.030 12FR030E 13FR030E 15FR030E 0.040 12FR040E 13FR040E 15FR040E 0.050 12FR050E 13FR050E 15FR050E 0.060 12FR060E 13FR060E 15FR060E 0.070 12FR070E 13FR070E 15FR070E 0.080 12FR080E 13FR080E 15FR080E 0.090 12FR090E 13FR090E 15FR090E 0.100 12FR100E 13FR100E 15FR100E 0.150 13FR150E 15FR150E 0.200 13FR200E 15FR200E 0.250 15FR250E Ohm Value Example: R050= 0.05 Tolerance F= 1% D= 0.5% 10 Series Wattage RoHS Compliant (continued) |
Similar Part No. - 13FR080E |
|
Similar Description - 13FR080E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |