Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8423 Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-8423
Description  6-Channel / 8-Channel Discrete-to-Digital Interface Sensing Open / Ground Signals
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8423 Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-8423_13 Datasheet HTML 1Page - Holt Integrated Circuits HI-8423_13 Datasheet HTML 2Page - Holt Integrated Circuits HI-8423_13 Datasheet HTML 3Page - Holt Integrated Circuits HI-8423_13 Datasheet HTML 4Page - Holt Integrated Circuits HI-8423_13 Datasheet HTML 5Page - Holt Integrated Circuits HI-8423_13 Datasheet HTML 6Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HI - 842xxx x x
PACKAGE
DESCRIPTION
20 PIN PLASTIC TSSOP (20HT)
16 PIN PLASTIC NARROW BODY SOIC (16HN)
PART
NUMBER
8423PT
8420PS
TEMPERATURE
RANGE
FLOW
BURN
IN
-40°C TO +85°C
NO
I
-55°C TO +125°C
NO
T
PART
NUMBER
T
I
LEAD
FINISH
PART
NUMBER
100% Matte Tin (Pb-free, RoHS compliant)
F
Tin / Lead (Sn / Pb) Solder
Blank
TIMING DIAGRAMS
ORDERING INFORMATION
INPUT SWITCHING THRESHOLD
The input switching threshold of the Open / Ground
inputs will decrease with increasing series resistance
according to the function
V = 3.25 - 0.1R
where V is the nominal input switching threshold,
and R is the value of the external series resistor in
Kohms.
T
T
HI-8420, HI-8423
t, t
ZL
ZH
CE
OE
or
OUTx
Output Enable Timing
t, t
ZL
ZH
INx
tHL
Input to Output Propagation Delay
OUTx
tLH
HOLT INTEGRATED CIRCUITS
4


Similar Part No. - HI-8423_13

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8423PTIF HOLTIC-HI-8423PTIF Datasheet
69Kb / 6P
   6-Channel / 8-Channel Discrete-to-Digital Interface
HI-8423PTTF HOLTIC-HI-8423PTTF Datasheet
69Kb / 6P
   6-Channel / 8-Channel Discrete-to-Digital Interface
More results

Similar Description - HI-8423_13

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8420 HOLTIC-HI-8420 Datasheet
156Kb / 4P
   Six-Channel Discrete-to-Digital Interface Sensing Open / Ground Signals
logo
Device Engineering Inco...
DEI1026 DEIAZ-DEI1026 Datasheet
264Kb / 8P
   Six Channel Discrete-to-Digital Interface Sensing Open/Ground Signals
DEI1026A DEIAZ-DEI1026A Datasheet
425Kb / 9P
   Six Channel Discrete-to-Digital Interface Sensing Open/Ground Signals
logo
Holt Integrated Circuit...
HI-8424 HOLTIC-HI-8424_13 Datasheet
64Kb / 5P
   6-Channel / 8-Channel Discrete-to-Digital Interface Sensing 28V / Open Signals
HI-8422 HOLTIC-HI-8422 Datasheet
62Kb / 6P
   16-Channel Discrete-to-Digital Interface Sensing 28 Volt / Open and Open / Ground Signals
HI-8422 HOLTIC-HI-8422_14 Datasheet
63Kb / 7P
   16-Channel Discrete-to-Digital Interface Sensing 28 Volt / Open and Open / Ground Signals
logo
Device Engineering Inco...
DEI1058 DEIAZ-DEI1058 Datasheet
428Kb / 5P
   Six Channel Discrete-to-Digital Interface Sensing 28 Volt/Ground
logo
Holt Integrated Circuit...
HI-8420 HOLTIC-HI-8420 Datasheet
69Kb / 6P
   6-Channel / 8-Channel Discrete-to-Digital Interface
HI-8421-10 HOLTIC-HI-8421-10 Datasheet
68Kb / 5P
   6-Channel / 8-Channel Discrete-to-Digital Interface
logo
Device Engineering Inco...
DEI1054 DEIAZ-DEI1054 Datasheet
369Kb / 7P
   Six Channel Discrete-to-Digital Interface Sensing 28 Volt/Open
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com