Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1011K8J Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # AP1011K8J
Description  Mou lded case for protection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

AP1011K8J Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  AP1011K8J Datasheet HTML 1Page - Ohmite Mfg. Co. AP1011K8J Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2
The information contained herein does not form part of
a contract and is subject to change without notice. Arcol
operate a policy of continual product development, therefore,
speci cations may change.
It is the responsibility of the customer to ensure that the
component selected from our range is suitable for the intended
application. If in doubt please ask Arcol.
ARCOL UK Limited,
Threemilestone Ind. Estate,
Truro, Cornwall, TR4 9LG, UK.
T +4 4 (0) 1872 277431
F +4 4 (0) 1872 222002
E s ales @arcolresistors.com
www.arcolresistors.com
3/12.10
AP101 100WTO-247HighPowerResistors
Dimensions (mm)
15.49 - 16.01
3.53 - 3.73
3.45 - 3.81
9.90 - 10.42
1.42 - 1.62
4.69 - 5.21
0.55 - 1.07
2.15 - 2.67
Standard part numbers
AP101R05J
AP101R1J
AP101R2J
AP101R5J
AP1011RJ
AP1011R2J
AP1011R5J
AP1011R8J
AP1012R2J
AP1012R7J
AP1013RJ
AP1013R3J
AP1013R9J
AP1014R3J
AP1014R7J
AP1015R6J
AP1016R2J
AP1016R8J
AP1017R5J
AP1018R2J
AP10110RJ
AP10112RJ
AP10115RJ
AP10118RJ
AP10122RJ
AP10124RJ
AP10127RJ
AP10130RJ
AP10133RJ
AP10139RJ
AP10147RJ
AP10151RJ
AP10156RJ
AP10162RJ
AP10168RJ
AP10182RJ
AP101100RJ
AP101120RJ
AP101150RJ
AP101180RJ
AP101200RJ
AP101220RJ
AP101270RJ
AP101330RJ
AP101390RJ
AP101470RJ
AP101560RJ
AP101620RJ
AP101680RJ
AP101820RJ
AP1011KJ
AP1011K2J
AP1011K5J
AP1011K8J
AP1012KJ
AP1012K2J
AP1012K7J
AP1013KJ
AP1013K3J
AP8213K6J
AP1013K9J
AP1014K3J
AP1014K7J
AP1015K6J
AP1016K8J
AP1018K2J
AP1017K5J
AP10110KJ
A P10 1 1 0 K J V
Series
Resistance
Tolerance
F = 1%
J = 5%
K = 10%
TCR
N = 50ppm
L = 200ppm
Blank = standard
Ordering Information


Similar Part No. - AP1011K8J

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1011 AKM-AP1011 Datasheet
220Kb / 5P
   9V Duall H--Briidge Mottor Driiver IIC
logo
Ohmite Mfg. Co.
AP1011R2J OHMITE-AP1011R2J Datasheet
333Kb / 2P
   TO-247 style power package
AP1011R5J OHMITE-AP1011R5J Datasheet
333Kb / 2P
   TO-247 style power package
AP1011R8J OHMITE-AP1011R8J Datasheet
333Kb / 2P
   TO-247 style power package
AP1011RJ OHMITE-AP1011RJ Datasheet
333Kb / 2P
   TO-247 style power package
More results

Similar Description - AP1011K8J

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
16_SERIES QUALTEK-16_SERIES Datasheet
1Mb / 1P
   CABL E TIES S CREW MOU NT BASE
logo
List of Unclassifed Man...
RTN250 ETC-RTN250 Datasheet
317Kb / 1P
   LIT EPIP E짰 FOR SUR FACE MOU NT AND STA NDAR D LEDs
logo
Molex Electronics Ltd.
0734040301 MOLEX11-0734040301 Datasheet
31Kb / 1P
   75 Ohms, SMB Jack, Air Dielectric, Edge Mou
logo
List of Unclassifed Man...
LBE66B1CB ETC2-LBE66B1CB Datasheet
366Kb / 1P
   HEAT DISSIPATORS FOR PLASTIC CASE, CASE-MOUNTED SEMICONDUCTORS
logo
PHOENIX CONTACT
0803675 PHOENIX-0803675 Datasheet
51Kb / 2P
   Case - TMP CASE
09/11/2020
logo
Pepperl+Fuchs Inc.
M-LB-1.150.M PF-M-LB-1.150.M Datasheet
580Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
M-LB-1.275.M PF-M-LB-1.275.M Datasheet
441Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
M-LB-2.150.T3.M PF-M-LB-2.150.T3.M Datasheet
512Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
logo
Kemet Corporation
C878BF34300AA4J KEMET-C878BF34300AA4J_V01 Datasheet
475Kb / 10P
   C87, Cylindrical Aluminum Case, Overpressure Protection, 420 VAC/470 VAC
F3063_C87 12/13/2022
logo
Pepperl+Fuchs Inc.
M-LB-1.NPE.M PF-M-LB-1.NPE.M Datasheet
582Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com