Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8436 Datasheet(PDF) 11 Page - Holt Integrated Circuits

Part # HI-8436
Description  32-Channel Ground/Open or Supply/Open
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8436 Datasheet(HTML) 11 Page - Holt Integrated Circuits

Back Button HI-8436_16 Datasheet HTML 7Page - Holt Integrated Circuits HI-8436_16 Datasheet HTML 8Page - Holt Integrated Circuits HI-8436_16 Datasheet HTML 9Page - Holt Integrated Circuits HI-8436_16 Datasheet HTML 10Page - Holt Integrated Circuits HI-8436_16 Datasheet HTML 11Page - Holt Integrated Circuits HI-8436_16 Datasheet HTML 12Page - Holt Integrated Circuits HI-8436_16 Datasheet HTML 13Page - Holt Integrated Circuits HI-8436_16 Datasheet HTML 14Page - Holt Integrated Circuits HI-8436_16 Datasheet HTML 15Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
FUNCTIONAL DESCRIPTION
HI-8436
HOLT INTEGRATED CIRCUITS
11
OVERVIEW
The HI-8436 is comprised of 32 sensors arranged in 4
banks of 8 inputs, easily accessible via a four wire SPI
communication bus. Each bank of sensors can be
programmed as either GND/Open or Supply/Open. The
state of each sensor can be read out through the SPI.
The GND/Open high/low thresholds can be programmed
independently of the Supply/Open high/low thresholds.
An internal test mode is available which sets the input to
each sensor comparator to the test value as programmed
by the Test Mode Data Register.
Certain safety-critical flight applications require
periodic sensor testing or register re-programming during
flight. If programmable registers are periodically re-written,
the sensor inputs
be in a high or low state prior to and
during each re-programming cycle. See also section on Test
Mode.
must
Table 14 summarizes basic function selection and Table 16
gives more details on possible threshold values.
The HI-8436 generates a full reset upon application of
power. This power-on-reset (POR) sets all registers to their
default values.
The part can also be initialized to the full reset state by
applying a 100ns active low pulse to the external nMR pin.
A software reset is also possible via the SPI by writing a “1”
to CTRL<1>. This reset is the same as the full reset except
the part is held in the reset mode until the CTRL<1> bit is
written back to a “0”.
The user configures the HI-8436 for specific applications by:
1) Programming the sensor type for each of the 4 banks.
2) Convert the required VTHI and VTLO into center and
hysteresis values as shown in example below.
3) For GND/Open sensors, VWETn must be set greater
than VTHI/0.9 + 2.75V.
NOTE:
INITIALIZATION AND RESET
CONFIGURATION
PROGRAMMING THRESHOLDS
GND/OPEN SENSING
The HI-8436’s on-chip DAC takes the 6-bit programmed
center and hysteresis values from the Threshold Center
Value and Hysteresis Registers (GOCENHYS and
SOCENHYS) and converts them to VTHI and VTLO
values. Maximum and minimum values may be found in
Table 16. The gain of the DAC is 0.1V per LSB.
VTHI = center value + ½ hysteresis
VTLO = center value - ½ hysteresis
To program the thresholds:
a) Select VTHI and VTLO.
b) Hysteresis = (VTHI - VTLO) / (0.2V/LSB)
c) Center Value = (VTHI - VTLO)/2 / (0.1V/LSB)
d) Program the register.
For GND/Open sensing, the PSENn bit is set to 0.
Referring to the Block Diagram, Figure 2, this selection will
connect a 3.3k
pull-up resistor through a diode to
VLOGIC. This resistor gives extra noise immunity for
detecting the open state while providing relay wetting
current.
T he
user
programs
t he
desired
threshold/hysteresis levels and then determines the open
input voltage to set VWETn. To assist the internal pull up
current in GND/Open mode an external DC voltage of +7V
to +36V should be applied to the VWETn pin.
Ω
SENSE_n
PSEN_n
SO_n
VWET_n
Open or > VTHI
L
(GND/OPEN)
L
**
< VTLO
L
(GND/OPEN)
H
**
Open or < VTLO
H
(V+/OPEN)
H
open
> VTHI
H
(V+/OPEN)
L
open
H = VLOGIC, L = GND
VTHI = Threshold Center Value + ½ Hsyteresis
VTLO = Threshold Center Value - ½ Hysteresis
**For GND/Open applications with thresholds > VLOGIC use VWETn
VWETn > VTHI/0.9 + 2.75V
FUNCTION TABLE
Table 14. Function Table


Similar Part No. - HI-8436_16

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8436PCI HOLTIC-HI-8436PCI Datasheet
209Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8436PCIF HOLTIC-HI-8436PCIF Datasheet
209Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8436PCT HOLTIC-HI-8436PCT Datasheet
209Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8436PCTF HOLTIC-HI-8436PCTF Datasheet
209Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8436PQI HOLTIC-HI-8436PQI Datasheet
209Kb / 21P
   32-Channel Ground/Open or Supply/Open
More results

Similar Description - HI-8436_16

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8435 HOLTIC-HI-8435 Datasheet
220Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8436 HOLTIC-HI-8436 Datasheet
209Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8425 HOLTIC-HI-8425_16 Datasheet
283Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8430 HOLTIC-HI-8430_15 Datasheet
286Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8430 HOLTIC-HI-8430 Datasheet
289Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8425 HOLTIC-HI-8425 Datasheet
280Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8429 HOLTIC-HI-8429_17 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI-8429_1511 HOLTIC-HI-8429_1511 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
QSG-8429 HOLTIC-QSG-8429 Datasheet
718Kb / 19P
   HI??429 Eight Sensor Array with Ground/Open or Supply/Open and SPI interface.
logo
Schurter Inc.
DENO SCHURTER-DENO Datasheet
320Kb / 1P
   Ground wire choke, open design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com