Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

610HR005E Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # 610HR005E
Description  Nichrome resistive element
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

610HR005E Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  610HR005E Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
47
60 Series
Two Terminal Metal Element
Current Sense
A
C
B
Resistor Nichrome resistive element
Terminals Copper clad steel or copper depending on style. RoHS
solder composition is 96% Sn, 3.5% Ag, 0.5% Cu
Derating Linearly from 100% @ +25°C to 0% @ +275°C
Tolerance ±3% standard, others available
Power rating Based on 25°C ambient
Overload 5x rated power for 5 seconds
Inductance <10nh
To calculate max amps use the formula √(P/R)
0
10
20
30
40
50
600
500
400
300
200
100
0
3w
.1-2w
Resistance (m� )
Temp. Coefficient of Resistance
TCR as a function of resistance
These non-inductive, 3-piece welded element resis-
tors offer a reliable low-cost alternative to conven-
tional current sense products. With resistance values
as low as 0.005
Ω, and wattages from 0.1w to 3w,
the 60 Series offers a wide variety of design choices.
F e a t u r e S
•Lowinductance
•Lowcost
•Wirewoundperformance
•Flameproof
Chara C teri S ti CS
O r D eri NG i NFO r M ati ON
(Partial listing; contact Ohmite for others)
00 = 1/10
01 = 1/8
02 = 1/5
03 = 1/4
04 = 3/8
05 = 1/2
��������
Series
Wattage
07 = 3/4
10 = 1.0
15 = 1.5
20 = 2.0
30 = 3.0
Tolerance
F= 1%
H= 3%
J= 5%
Ohms
R005 = .005
R010 = .01
R020 = .02
R050 = .05
R100 = 0.10
E = RoHS compliant
Dimensions
Lead
Part Number
Watts
Ohms
Tolerance
A (ref.) B (max.) C (±0.010) Ga.
600HR050E
0.1
0.05
3%
2.440
0.155
0.655
24
600HR033E
0.1
0.033
3%
2.440
0.155
0.655
24
600HR036E
0.1
0.036
3%
2.440
0.155
0.655
24
601HR027E
0.125
0.027
3%
2.440
0.155
0.655
24
601HR030E
0.125
0.03
3%
2.440
0.155
0.655
24
601HR025E
0.125
0.025
3%
2.440
0.155
0.655
24
602HR050E
0.2
0.05
3%
3.530
0.250
0.559
22
603HR005E
0.25
0.005
3%
2.440
0.155
0.655
24
603HR010E
0.25
0.01
3%
2.440
0.155
0.655
24
603HR015E
0.25
0.015
3%
2.440
0.155
0.655
24
603HR050E
0.25
0.05
3%
3.685
0.330
1.310
20
604HR010E
0.375
0.01
3%
3.530
0.250
0.559
22
604HR020E
0.375
0.02
3%
3.530
0.250
0.559
22
604HR025E
0.375
0.025
3%
3.530
0.250
0.559
22
604HR100E
0.375
0.01
3%
3.587
0.65
1.125
20
605HR010E
0.5
0.01
3%
3.685
0.355
1.310
20
605HR020E
0.5
0.02
3%
3.685
0.330
1.310
20
605HR030E
0.5
0.03
3%
3.685
0.330
1.310
20
605HR100E
0.5
0.1
3%
3.981
0.750
1.675
18
607HR050E
0.75
0.05
3%
3.587
0.630
1.106
20
607HR005E
0.75
0.005
3%
3.674
0.320
1.310
20
610HR005E
1
0.005
3%
3.587
0.650
1.125
20
610HR010E
1
0.01
3%
3.587
0.630
1.106
20
610HR020E
1
0.02
3%
3.587
0.630
1.106
20
610HR030E
1
0.03
3%
3.587
0.650
1.106
20
610HR050E
1
0.05
3%
3.981
0.750
1.675
18
615HR010E
1.5
0.01
3%
3.981
0.750
1.675
18
615HR020E
1.5
0.02
3%
3.981
0.750
1.675
18
615HR030E
1.5
0.03
3%
3.981
0.750
1.675
18
620HR005E
2
0.005
3%
3.981
0.750
1.675
18
630HR010E
3
0.01
3%
4.125
0.781
1.68*
18
630HR015E
3
0.015
3%
4.125
1.11
2
18
630HR025E
3
0.025
3%
4.125
1.279
2.125
18
630HR050E
3
0.05
3%
4.125
1.664
2.375
18
*Reference dimensions; contact Ohmite for details


Similar Part No. - 610HR005E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
610HR005E OHMITE-610HR005E Datasheet
119Kb / 1P
   Two Terminal Metal Element Current Sense
610HR005E OHMITE-610HR005E Datasheet
273Kb / 1P
   Two Terminal Metal Element Current Sense
More results

Similar Description - 610HR005E

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
250375N4Z50-2 ANAREN-250375N4Z50-2 Datasheet
537Kb / 1P
   Non-Nichrome Resistive Element
logo
Ohmite Mfg. Co.
MCS OHMITE-MCS_18 Datasheet
542Kb / 2P
   Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
MCS1632R010FER OHMITE-MCS1632R010FER Datasheet
196Kb / 1P
   Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
logo
List of Unclassifed Man...
698-3-R100KB ETC-698-3-R100KB Datasheet
199Kb / 3P
   Nichrome Resistor Networks on Ceramic Substrates
PCF0603R ETC2-PCF0603R Datasheet
411Kb / 5P
   Precision Thin Film Nichrome Chip Resistors
logo
IRC - a TT electronics ...
PCF-W0201LF-01-1001-F IRCTT-PCF-W0201LF-01-1001-F Datasheet
305Kb / 3P
   Precision Thin Film Nichrome Chip Resistor
logo
Axiomtek Co., Ltd.
P6122 AXIOMTEK-P6122 Datasheet
276Kb / 2P
   Resistive touchscreen
logo
List of Unclassifed Man...
ATCHVR ETC2-ATCHVR Datasheet
116Kb / 2P
   RESISTIVE PRODUCTS
logo
Johanson Technology Inc...
RF400BB13 JOHANSON-RF400BB13 Datasheet
550Kb / 21P
   resistive products
logo
Sony Corporation
DM-232 SONY-DM-232 Datasheet
96Kb / 5P
   Magnetoresistance Element
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com