Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54125 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54125
Description  Quad TRI-STATE Buffers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54125 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54125 Datasheet HTML 1Page - National Semiconductor (TI) 54125 Datasheet HTML 2Page - National Semiconductor (TI) 54125 Datasheet HTML 3Page - National Semiconductor (TI) 54125 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
RL e 400X
Symbol
Parameter
CL e 5pF
CL e 50 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
15
ns
Low to High Level Output
tPHL
Propagation Delay Time
18
ns
High to Low Level Output
tPZH
Output Enable Time to
18
ns
High Level Output
tPZL
Output Enable Time to
25
ns
Low Level Output
tPHZ
Output Disable Time from
8ns
High Level Output
tPLZ
Output Disable Time from
14
ns
Low Level Output
Physical Dimensions inches (millimeters)
14-Lead Ceramic Dual-In-Line Package (J)
Order Number 54125DMQB or DM54125J
NS Package Number J14A
3


Similar Part No. - 54125

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
54125 GILWAY-54125 Datasheet
45Kb / 2P
   100 watt, tungsten halogen, low to medium voltage with reflector
logo
Festo Corporation.
541250 FESTO-541250 Datasheet
83Kb / 1P
   Interlinking block
541252 FESTO-541252 Datasheet
84Kb / 1P
   Interlinking block
541254 FESTO-541254 Datasheet
80Kb / 1P
   Connection block
541256 FESTO-541256 Datasheet
78Kb / 1P
   Connection block
More results

Similar Description - 54125

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS125 NSC-54LS125 Datasheet
122Kb / 6P
   Quad TRI-STATE Buffers
54LS126 NSC-54LS126 Datasheet
74Kb / 3P
   QUAD TRI-STATE BUFFERS
logo
List of Unclassifed Man...
DM80L98 ETC1-DM80L98 Datasheet
90Kb / 2P
   TRI-STATE Hex Buffers
logo
National Semiconductor ...
54LS365A NSC-54LS365A Datasheet
131Kb / 6P
   Hex TRI-STATE Buffers
54LS367A NSC-54LS367A Datasheet
137Kb / 6P
   Hex TRI-STATE Buffers
DM54367 NSC-DM54367 Datasheet
94Kb / 4P
   Hex TRI-STATE Buffers
logo
List of Unclassifed Man...
DM8094 ETC1-DM8094 Datasheet
70Kb / 2P
   TRI-STATE Hex Buffers
logo
Motorola, Inc
SN74LS796N MOTOROLA-SN74LS796N Datasheet
169Kb / 5P
   TRI-STATE OCTAL BUFFERS
SN54LS795 MOTOROLA-SN54LS795 Datasheet
169Kb / 5P
   TRI-STATE OCTAL BUFFERS
logo
National Semiconductor ...
54LS368A NSC-54LS368A Datasheet
137Kb / 6P
   Hex TRI-STATE Inverting Buffers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com