Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGV Datasheet(PDF) 1 Page - Surge Components

Part # SGV
Description  High ripple current
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components

SGV Datasheet(HTML) 1 Page - Surge Components

  SGV Datasheet HTML 1Page - Surge Components SGV Datasheet HTML 2Page - Surge Components SGV Datasheet HTML 3Page - Surge Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SGV Series
 High ripple current
 Load life 5,000 hours at 85 ℃
SPECIFICATIONS
Item
Performance Characteristics
Category Temperature Range
-25 ~ +85℃
Working Voltage Range
200 ~ 500Vdc
Capacitance Range
56 ~ 2200
μF
Capacitance Tolerance
±20%
(at 25℃ and 120Hz)
Dissipation Factor
(tanδ)
(at 25℃, 120Hz)
The above values should be increased by 0.02 for every additional 1000μF
Rated Voltage (V)
200 ~ 450
500
tanδ(Max)
0.15
0.20
Leakage Current
I=0.02CV or 3000
μA,whichever is smaller
I : Leakage current (μA) C : Rated capacitance (μF) V : Rated voltage (V)
Impress the rated voltage for 5 minutes.
Endurance
The following requirements shall be satisfied when the capacitor are restored to 25℃ after the rated voltage applied for
5,000 hours at 85℃.
Capacitance change
≦ ±20% of the initial value
Dissipation factor(tanδ)
≦ 200% of the specified value
Leakage current
≦ specified value
Shelf Life
The following requirements shall be satisfied when the capacitor are restored to 25℃ after exposing
them for 1,000
hours at 85℃ without voltage applied.
Capacitance change
≦ ±20% of the initial value
Dissipation factor(tanδ)
≦ 200% of the specified value
Leakage current
≦ 200% of the specified value
Others
Conforms to JIS-C-5101-4 (1998), characteristic W.
DIMENSIONS (mm)
Terminal Code : ND : Standard
Terminal Code :K6 (ø35)
L+2 Max
4.0¡ À
0.5
Sleeve
Safety vent
PC board Pin-out
2-
2
Negative mark
-
+
L+2 Max
Vent
Sleeve
60¡
ã
60¡
ã
4- 2
PC board pin-out
Terminal B=positive
Terminal A&C=blank
6.3±1.0
*A
B
*C
-
PART NUMBERING SYSTEM( Example : 420V 560µF )
ALUMINUM ELECTROLYTIC CAPACITORS
Special Request
Size code(3550 : 35×50)
Terminal length code
Lead forming Type code
Capacitance tolerance code(M:±20%)
Capacitance code(560
μF)
Voltage code(420V)
Series code (SGV)
G
V
2
6
1
5
S
M N
D
3
5
5
0
S


Similar Part No. - SGV

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
SGV RUBYCON-SGV Datasheet
65Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Lumberg
SGV LUMBERG-SGV Datasheet
117Kb / 2P
   Rundsteckverbinder mit Schraubverschluss nach IEC 60130-9, IP 40
SGV LUMBERG-SGV Datasheet
279Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
SGV LUMBERG-SGV Datasheet
207Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
SGV LUMBERG-SGV Datasheet
348Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
More results

Similar Description - SGV

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JNC JBCAPACITORS-JNC Datasheet
607Kb / 3P
   High ripple current
logo
World Produts Inc.
PCPW225 WPI-PCPW225 Datasheet
256Kb / 8P
   High ripple current
logo
jb Capacitors Company
JNK JBCAPACITORS-JNK Datasheet
499Kb / 1P
   High ripple current
JNE JBCAPACITORS-JNE Datasheet
500Kb / 3P
   High ripple current
JNJ JBCAPACITORS-JNJ Datasheet
594Kb / 4P
   High ripple current
JNG JBCAPACITORS-JNG Datasheet
433Kb / 4P
   High ripple current
logo
World Produts Inc.
PCPW235 WPI-PCPW235 Datasheet
104Kb / 5P
   High ripple current
logo
Kemet Corporation
C0402C100J8GACTU KEMET-C0402C100J8GACTU Datasheet
1Mb / 21P
   High ripple current capability
C0402C519C5GACTU KEMET-C0402C519C5GACTU Datasheet
1Mb / 21P
   High ripple current capability
logo
Surge Components
STG1K152MND2535 SURGE-STG1K152MND2535 Datasheet
341Kb / 3P
   High ripple current, High reliability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com