Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN7002W Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SN7002W
Description  SIPMOS횘 Small-Signal-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SN7002W Datasheet(HTML) 3 Page - Infineon Technologies AG

  SN7002W_11 Datasheet HTML 1Page - Infineon Technologies AG SN7002W_11 Datasheet HTML 2Page - Infineon Technologies AG SN7002W_11 Datasheet HTML 3Page - Infineon Technologies AG SN7002W_11 Datasheet HTML 4Page - Infineon Technologies AG SN7002W_11 Datasheet HTML 5Page - Infineon Technologies AG SN7002W_11 Datasheet HTML 6Page - Infineon Technologies AG SN7002W_11 Datasheet HTML 7Page - Infineon Technologies AG SN7002W_11 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2011-07-13
Rev. 2.5
Page 3
SN7002W
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
gfs
VDS≥2*ID*RDS(on)max,
ID=0.18A
0.1
0.21
-
S
Input capacitance
Ciss
VGS=0, VDS=25V,
f=1MHz
-
34
45
pF
Output capacitance
Coss
-
7.2
9.6
Reverse transfer capacitance
Crss
-
3
4.5
Turn-on delay time
td(on)
VDD=30V, VGS=10V,
ID=0.23A, RG=6Ω
-
2.4
3.6
ns
Rise time
tr
-
2.8
4.2
Turn-off delay time
td(off)
-
6
9
Fall time
tf
-
8.5
12.75
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=48V, ID=0.23A
-
0.11
0.17
nC
Gate to drain charge
Qgd
-
0.42
0.63
Gate charge total
Qg
VDD=48V, ID=0.23A,
VGS=0 to 10V
-
1
1.5
Gate plateau voltage
V(plateau) VDD=48V, ID = 0.23 A
-
3.4
-
V
Reverse Diode
Inverse diode continuous
forward current
IS
TA=25°C
-
-
0.23
A
Inv. diode direct current, pulsedISM
-
-
0.92
Inverse diode forward voltage VSD
VGS=0, IF=0.23A
-
0.85
1.2
V
Reverse recovery time
trr
VR=30V, IF=lS,
diF/dt=100A/µs
-
10.8
16.2
ns
Reverse recovery charge
Qrr
-
3.2
4.8
nC


Similar Part No. - SN7002W_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SN7002W INFINEON-SN7002W_09 Datasheet
1Mb / 8P
   SIPMOS횘 Small-Signal-Transistor Feature N-Channel Enhancement mode
Rev. 2.4 2009-08-19
More results

Similar Description - SN7002W_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO615CG INFINEON-BSO615CG_12 Datasheet
440Kb / 13P
   SIPMOS횘 Small-Signal-Transistor
2012-04-04
BSO612CV INFINEON-BSO612CV_12 Datasheet
392Kb / 13P
   SIPMOS횘 Small-Signal-Transistor
2012-04-04
BSP315P-E6327 INFINEON-BSP315P-E6327 Datasheet
543Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev.1.7 2012-11-26
BSP613P INFINEON-BSP613P_16 Datasheet
387Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev.2.8 2016-05-30
SN7002N INFINEON-SN7002N_11 Datasheet
333Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev. 2.6 2011-07-11
SN7002W INFINEON-SN7002W_09 Datasheet
1Mb / 8P
   SIPMOS횘 Small-Signal-Transistor Feature N-Channel Enhancement mode
Rev. 2.4 2009-08-19
SPB80P06PG INFINEON-SPB80P06PG_11 Datasheet
613Kb / 11P
   SIPMOS횘 Power-Transistor
Rev 1.6 2011-09-01
SPP80P06PH INFINEON-SPP80P06PH Datasheet
612Kb / 11P
   SIPMOS횘 Power-Transistor
Rev 1.5 2011-09-01
SPP08P06PH INFINEON-SPP08P06PH Datasheet
484Kb / 10P
   SIPMOS횘 Power-Transistor
Rev 1.6 2011-08-31
SPD30N03 INFINEON-SPD30N03 Datasheet
111Kb / 8P
   SIPMOS횘 Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com