Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPU60R950C6 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPU60R950C6
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPU60R950C6 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPU60R950C6 Datasheet HTML 2Page - Infineon Technologies AG IPU60R950C6 Datasheet HTML 3Page - Infineon Technologies AG IPU60R950C6 Datasheet HTML 4Page - Infineon Technologies AG IPU60R950C6 Datasheet HTML 5Page - Infineon Technologies AG IPU60R950C6 Datasheet HTML 6Page - Infineon Technologies AG IPU60R950C6 Datasheet HTML 7Page - Infineon Technologies AG IPU60R950C6 Datasheet HTML 8Page - Infineon Technologies AG IPU60R950C6 Datasheet HTML 9Page - Infineon Technologies AG IPU60R950C6 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
!"
(
)
&
D #E/
11 %
F 1 1- ; A 8
(
"
&
!
!
!
"
#
$
%
1% ; @
<8%F
%
+
abOc
"
P D
0
D
# 2
?
1 % 8 %
+
P aS[c
#
.
. #
D P
0
D
13 2
d % +
%
+ 8
;
0
52
D "
P D
D #E/
D "
P D
D # E/
?
1% ;
< + ;
0 P
2
P D
D
1% ; % 1
1 1
;
aWec
B"
(#
)
P D
0
D
#2
D #E/
P D
0
D
#2
D # E/
?
1 1
;
P
"
)
A D =CR %-
8
*
&
!
!
!
"
#
$
%
0 -
; - ;
;
/fLL
B
-
P D
D
A D =CR
: -
; - ;
;
/WLL
-
3AA ;
% -
; - ;
;
+,
8 &
/WaMgc
4
-
P D
D
4B
3AA ;
% -
; - ;
;
8 &
/WaSgc
#X
-
0
D ;% 1
P D
D
4B
% 8
,
_aWec
1
D 4
P D
0
D
(2
P D
)
$1
@
X&
1
gB
1
%AA 8
,
_aWVVc
"
1
V
.
1
+
,
&
&
!
!
!
"
#
$
%
?
% 1% ; ;
+
*TL
#
/
D 4B
0
D
(2
P D
%
?
% 8
;
+
*T_
" #
/
?
;
+
%
*T
.
/
?
-
%
+
IK SM J
# 4
& /WaMgc 1
A ' 8 ; - ;
;
+
1
1
1 % 8
+, 1 /WLL F
1 1 + A %
% B h
abOc
& /WaSgc 1
A ' 8 ; - ;
;
+
1
1
;
+ +
1 /WLL F
1 1 + A %
% B h
abOc


Similar Part No. - IPU60R950C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPU60R950C6 INFINEON-IPU60R950C6 Datasheet
32Kb / 1P
   Material Content Data Sheet
28. September 2015
logo
Inchange Semiconductor ...
IPU60R950C6 ISC-IPU60R950C6 Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPU60R950C6 INFINEON-IPU60R950C6_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
28. September 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com