Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEDSM2000-11043 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FEDSM2000-11043
Description  DUAL EMISSION LASER INDUCED FLUORESCENCE TECHNIQUE (DELIF) FOR OIL FILM THICKNESS AND TEMPERATURE MEASUREMENT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FEDSM2000-11043 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FEDSM2000-11043 Datasheet HTML 1Page - List of Unclassifed Manufacturers FEDSM2000-11043 Datasheet HTML 2Page - List of Unclassifed Manufacturers FEDSM2000-11043 Datasheet HTML 3Page - List of Unclassifed Manufacturers FEDSM2000-11043 Datasheet HTML 4Page - List of Unclassifed Manufacturers FEDSM2000-11043 Datasheet HTML 5Page - List of Unclassifed Manufacturers FEDSM2000-11043 Datasheet HTML 6Page - List of Unclassifed Manufacturers FEDSM2000-11043 Datasheet HTML 7Page - List of Unclassifed Manufacturers FEDSM2000-11043 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Copyright © 2000 by ASME
Consequently, film thickness cannot be inferred from
fluorescence
intensity unless
illumination intensity at a
particular location and time is known.
The ratio of the
illumination intensity and the fluorescence intensity, however, is
independent of spatial and temporal variations in excitation
light intensity.
R(t,
R
I
I
o
f
=
)
16
(
Obtaining illumination intensity is not trivial.
A two-
dimensional instantaneous illumination map, however, can be
inferred from the fluorescence of a second dye. This is the
principle behind DELIF:
(1) the fluorescence of dye 1 in a two-dye system contains
the desired information (film thickness, temperature,
which will be discussed later), along with exciting light
intensity information.
(2) the fluorescence of dye 2 also contains the exciting
light intensity information but behaves differently than
dye 1 to the scalar of interest.
(3) By rationing the fluorescence of dye 1 with the
fluorescence of dye 2, the excitation light information
is canceled out, giving a ratio that contains only the
desired scalar information.
Oil Film Thickness
Oil film thickness measurements are achieved using an
optically thick system that takes advantage of reabsorption. The
film thickness information is contained in the reabsorption of
the fluorescence of dye 1 by dye 2.
The excitation light
intensity information is contained both in the fluorescence of
dye 1 and dye 2. If two narrow-band interference filters are
used to capture the two distinctive fluorescence emissions, an
emission intensity defined by
2
1
2
1
1
1
1
1
1
1
C
)
(
C
)
)
(
C
)
(
(y,
I
y,
,
’(t,
I
filter
laser
filter
laser
o
filter
f,
+
=
[]
{}
()t
C
)
(
C
)
filter
laser
2
1
2
exp
1
+
×
)
17
(
C
)
)
(
C
)
(
(y,
I
y,
,
(t,
I
laser
filter
laser
o
filter
f,
2
2
2
2
2
2
2
=
[]
{}
()t
C
)
laser
× exp
1
)
18
(
)
(
C
)
(
)
(
C
)
(
I
I
)
,
R(t,
filter
laser
filter
laser
f,
f,
filter
filter
2
2
2
2
2
1
1
1
1
1
2
1
2
1
=
=
[]
{}
()
[]
[
]
{}
()t
C
)
C
)
(
C
)
t
C
)
(
C
)
C
)
laser
filter
laser
filter
laser
laser
+
+
×
exp
1
exp
1
(
2
1
2
2
1
2
)
19
(
.
is obtained.
By taking the ratio of the emission of the two dyes, the
excitation light intensity dependence is cancelled leaving a ratio
that is only dependent on film thickness. As film thickness
information is contained in the reabsorption of the fluorescence
of dye 1 by dye 2, the system must be optically thick, in order
for the reabsorption to be substantial and measurable (Fig. 6).
Figure 6: Film thickness ratio
Temperature
It is possible to use LIF as a temperature indicator when
there is a dependence of either the molar absorption (extinction)
or quantum efficiency coefficients on temperature.
7
=
)
20
(


Similar Part No. - FEDSM2000-11043

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
FEDS81V26000-01 OKI-FEDS81V26000-01 Datasheet
151Kb / 20P
   1,114,112-Word X 24-Bit Field Memory
FEDS82V16520A-01 OKI-FEDS82V16520A-01 Datasheet
1Mb / 40P
   262,144-Word 횞 32-Bit 횞 2-Bank SGRAM
FEDS82V48540-01 OKI-FEDS82V48540-01 Datasheet
1Mb / 44P
   393,216-Word 횞 32-Bit 횞 4-Bank FIFO-SGRAM
More results

Similar Description - FEDSM2000-11043

ManufacturerPart #DatasheetDescription
logo
Vaisala
MMT162 VAISALA-MMT162 Datasheet
230Kb / 2P
   MMT162 Moisture and Temperature Transmitter for Oil
MMT310 VAISALA-MMT310 Datasheet
1Mb / 3P
   MMT310 Series Moisture and Temperature Transmitters for Oil
MMT330 VAISALA-MMT330 Datasheet
3Mb / 5P
   MMT330 Series Moisture and Temperature Transmitters for Oil
logo
Roithner LaserTechnik G...
UVLED340-TF ROITHNER-UVLED340-TF Datasheet
452Kb / 2P
   fluorescence-excitation and sensors for analyzers and detectors
logo
TE Connectivity Ltd
TS105-10L5.5MM TEC-TS105-10L5.5MM Datasheet
153Kb / 5P
   For Contactless Temperature Measurement
logo
Amphenol Corporation
NDK102C2R1 AMPHENOL-NDK102C2R1 Datasheet
74Kb / 2P
   Designed for accurate temperature measurement, control and compensation
NK501C2 AMPHENOL-NK501C2 Datasheet
67Kb / 2P
   Designed for accurate temperature measurement, control and compensation
logo
Opnext. Inc.
HL6555G OPNEXT-HL6555G Datasheet
93Kb / 4P
   Visible High Power Laser Diode for Measurement
logo
AVX Corporation
ND03 AVX-ND03 Datasheet
224Kb / 10P
   Alarm and temperature measurement application
logo
Amphenol Corporation
AAS-920-438A AMPHENOL-AAS-920-438A Datasheet
265Kb / 2P
   Intergrated moisture and temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com