Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G219T-D3 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # G219T-D3
Description  Ultra320 Multi-mode LVD/SE SCSI Terminator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G219T-D3 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  G219T-D3 Datasheet HTML 1Page - List of Unclassifed Manufacturers G219T-D3 Datasheet HTML 2Page - List of Unclassifed Manufacturers G219T-D3 Datasheet HTML 3Page - List of Unclassifed Manufacturers G219T-D3 Datasheet HTML 4Page - List of Unclassifed Manufacturers G219T-D3 Datasheet HTML 5Page - List of Unclassifed Manufacturers G219T-D3 Datasheet HTML 6Page - List of Unclassifed Manufacturers G219T-D3 Datasheet HTML 7Page - List of Unclassifed Manufacturers G219T-D3 Datasheet HTML 8Page - List of Unclassifed Manufacturers G219T-D3 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Ver 1.2
Feb 08, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G219
Global Mixed-mode Technology Inc.
Typical Operating Characteristics
Common Mode Bias Vcm -
Temperature
1.125
1.175
1.225
1.275
1.325
1.375
-20
0
20
40
60
80
100
Temperature(ºC)
Vtpwr=2.8V
Vtpwr=5.8V
Common Mode Bias Vcm - Vtpwr
1.125
1.175
1.225
1.275
1.325
1.375
2.5
3.5
4.5
5.5
Vtpwr
T=80ºC
T=-10ºC
Common Mode Termination Resistance
Rcm - Vtpwr @Temperature=24ºC
110
120
130
140
150
160
170
180
190
2.5
3.5
4.5
5.5
Vtpwr
Common Mode Termination Resistance
Rcm - Temperature@Vtpwr=5V
110
120
130
140
150
160
170
180
190
-20
0
20
40
60
80
100
Temperature(ºC)
Differential Mode Termination
Resistance Rdm - Vtpwr
100
101
102
103
104
105
106
107
108
109
110
2.5
3.5
4.5
5.5
Vtpwr
T=80ºC
T=-10ºC
Differential Mode Termination
Resistance Rdm - Temperature
100
102
104
106
108
110
-20
0
20
40
60
80
100
Temperature(ºC)
Vtpwr=2.8V
Vtpwr=5.8V
Differential Mode Bias Vdm -
Temperature@Vtpwr=5V
0.1
0.105
0.11
0.115
0.12
0.125
-20
0
20
40
60
80
100
Temperature(ºC)
Differential Mode Bias Vdm - Vtpwr
0.1
0.105
0.11
0.115
0.12
0.125
2.5
3.5
4.5
5.5
Vtpwr
T=-10ºC
T=80ºC


Similar Part No. - G219T-D3

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
G21.B.301111 TAOGLAS-G21.B.301111 Datasheet
1Mb / 25P
   G21 GSM Hercules Gen.II Penta Band Cellular Antenna
G21.B.3011111 TAOGLAS-G21.B.3011111 Datasheet
1Mb / 23P
   Heavy duty screw mount
G21.B.W.301111 TAOGLAS-G21.B.W.301111 Datasheet
1Mb / 21P
   G21.W White Hercules Gen II Penta Band Cellular Antenna
logo
Polyfet RF Devices
G21001 POLYFET-G21001 Datasheet
44Kb / 2P
   RF POWER GAN TRANSISTOR
logo
Global Mixed-mode Techn...
G2105 GMT-G2105 Datasheet
82Kb / 1P
   7-Channel DC-DC Converter for DSC
More results

Similar Description - G219T-D3

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G220 GMT-G220 Datasheet
193Kb / 9P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
Silicon Standard Corp.
SS8219G SSC-SS8219G Datasheet
727Kb / 10P
   Ultra320 Multi-mode LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
HP7501 ETC1-HP7501 Datasheet
209Kb / 9P
   Ultra320 LVD/SE SCSI Terminator
logo
Global Mixed-mode Techn...
G218A GMT-G218A Datasheet
130Kb / 9P
   Multi-mode LVD/SE SCSI Terminator
logo
Silicon Standard Corp.
SS8218 SSC-SS8218 Datasheet
626Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
logo
Global Mixed-mode Techn...
G218B GMT-G218B Datasheet
188Kb / 11P
   Ultra160 Multi-mode LVD/SE SCSI Terminator
logo
Dallas Semiconductor
DS2118M DALLAS-DS2118M Datasheet
141Kb / 8P
   Ultra2 LVD/SE SCSI Terminator
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com