Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2640R2FRHBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CC2640R2FRHBR
Description  SimpleLink Bluetooth low energy Wireless MCU
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2640R2FRHBR Datasheet(HTML) 4 Page - Texas Instruments

  CC2640R2FRHBR Datasheet HTML 1Page - Texas Instruments CC2640R2FRHBR Datasheet HTML 2Page - Texas Instruments CC2640R2FRHBR Datasheet HTML 3Page - Texas Instruments CC2640R2FRHBR Datasheet HTML 4Page - Texas Instruments CC2640R2FRHBR Datasheet HTML 5Page - Texas Instruments CC2640R2FRHBR Datasheet HTML 6Page - Texas Instruments CC2640R2FRHBR Datasheet HTML 7Page - Texas Instruments CC2640R2FRHBR Datasheet HTML 8Page - Texas Instruments CC2640R2FRHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
4
CC2640R2F
SWRS204 – DECEMBER 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2640R2F
Revision History
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Device Overview
......................................... 1
1.1
Features
.............................................. 1
1.2
Applications
........................................... 2
1.3
Description
............................................ 2
1.4
Functional Block Diagram
............................ 3
2
Revision History
......................................... 4
3
Device Comparison
..................................... 5
3.1
Related Products
..................................... 5
4
Terminal Configuration and Functions
.............. 6
4.1
Pin Diagram – RGZ Package
........................ 6
4.2
Signal Descriptions – RGZ Package
................. 7
4.3
Pin Diagram – RHB Package
........................ 9
4.4
Signal Descriptions – RHB Package
................ 10
4.5
Pin Diagram – YFV (Chip Scale, DSBGA) Package 11
4.6
Signal Descriptions – YFV (Chip Scale, DSBGA)
Package
............................................. 11
4.7
Pin Diagram – RSM Package
....................... 13
4.8
Signal Descriptions – RSM Package
............... 14
5
Specifications
........................................... 15
5.1
Absolute Maximum Ratings
......................... 15
5.2
ESD Ratings
........................................ 15
5.3
Recommended Operating Conditions
............... 15
5.4
Power Consumption Summary
...................... 16
5.5
General Characteristics
............................. 16
5.6
125-kbps Coded (Bluetooth 5) – RX
................ 17
5.7
125-kbps Coded (Bluetooth 5) – TX
................ 18
5.8
500-kbps Coded (Bluetooth 5) – RX
................ 18
5.9
500-kbps Coded (Bluetooth 5) – TX
................ 19
5.10
1-Mbps GFSK (Bluetooth low energy) – RX
........ 19
5.11
1-Mbps GFSK (Bluetooth low energy) – TX
........ 20
5.12
2-Mbps GFSK (Bluetooth 5) – RX
.................. 20
5.13
2-Mbps GFSK (Bluetooth 5) – TX
................... 22
5.14
24-MHz Crystal Oscillator (XOSC_HF)
............. 22
5.15
32.768-kHz Crystal Oscillator (XOSC_LF)
.......... 22
5.16
48-MHz RC Oscillator (RCOSC_HF)
............... 23
5.17
32-kHz RC Oscillator (RCOSC_LF)
................. 23
5.18
ADC Characteristics
................................. 23
5.19
Temperature Sensor
................................ 24
5.20
Battery Monitor
...................................... 24
5.21
Continuous Time Comparator
....................... 24
5.22
Low-Power Clocked Comparator
................... 25
5.23
Programmable Current Source
..................... 25
5.24
Synchronous Serial Interface (SSI)
................ 25
5.25
DC Characteristics
.................................. 27
5.26
Thermal Resistance Characteristics
................ 28
5.27
Timing Requirements
............................... 29
5.28
Switching Characteristics
........................... 29
5.29
Typical Characteristics
.............................. 30
6
Detailed Description
................................... 34
6.1
Overview
............................................ 34
6.2
Functional Block Diagram
........................... 34
6.3
Main CPU
........................................... 35
6.4
RF Core
............................................. 35
6.5
Sensor Controller
................................... 36
6.6
Memory
.............................................. 37
6.7
Debug
............................................... 37
6.8
Power Management
................................. 38
6.9
Clock Systems
...................................... 39
6.10
General Peripherals and Modules
.................. 39
6.11
Voltage Supply Domains
............................ 40
6.12
System Architecture
................................. 40
7
Application, Implementation, and Layout
......... 41
7.1
Application Information
.............................. 41
7.2
5 × 5 External Differential (5XD) Application Circuit
...................................................... 43
7.3
4 × 4 External Single-ended (4XS) Application
Circuit
............................................... 45
8
Device and Documentation Support
............... 47
8.1
Device Nomenclature
............................... 47
8.2
Tools and Software
................................. 48
8.3
Documentation Support
............................. 49
8.4
Texas Instruments Low-Power RF Website
........ 49
8.5
Low-Power RF eNewsletter
......................... 49
8.6
Community Resources
.............................. 49
8.7
Additional Information
............................... 50
8.8
Trademarks
.......................................... 50
8.9
Electrostatic Discharge Caution
..................... 50
8.10
Export Control Notice
............................... 50
8.11
Glossary
............................................. 50
9
Mechanical Packaging and Orderable
Information
.............................................. 50
9.1
Packaging Information
.............................. 50
2
Revision History
DATE
REVISION
NOTES
December 2016
SWRS204*
Initial Release


Similar Part No. - CC2640R2FRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 40P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU for Automotive
CC2640R2F TI-CC2640R2F Datasheet
3Mb / 63P
[Old version datasheet]   CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2640R2F TI-CC2640R2F Datasheet
2Mb / 72P
[Old version datasheet]   CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
JUNE 2022
CC2640R2F TI-CC2640R2F Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
CC2640R2F TI-CC2640R2F Datasheet
3Mb / 72P
[Old version datasheet]   CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
REVISED JUNE 2023
More results

Similar Description - CC2640R2FRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2642R TI1-CC2642R Datasheet
1,016Kb / 45P
[Old version datasheet]   SimpleLink Bluetooth 5 low energy Wireless MCU
CC2640R2F-Q1 TI1-CC2640R2F-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU for Automotive
CC2541-Q1 TI1-CC2541-Q1 Datasheet
987Kb / 35P
[Old version datasheet]   SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2540T TI-CC2540T_15 Datasheet
1,014Kb / 37P
[Old version datasheet]   SimpleLink CC2540T 2.4-GHz Bluetooth Low Energy Wireless MCU
CC2541-Q1 TI-CC2541-Q1_15 Datasheet
984Kb / 35P
[Old version datasheet]   CC2541-Q1 SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
[Old version datasheet]   CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
CC2642R-Q1 TI-CC2642R-Q1_V01 Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
logo
NXP Semiconductors
QN9090 NXP-QN9090 Datasheet
1Mb / 99P
   Bluetooth Low Energy 5.0 wireless MCU
logo
Texas Instruments
CC2640 TI-CC2640_15 Datasheet
1Mb / 51P
[Old version datasheet]   CC2640 SimpleLink Bluetooth Smart Wireless MCU
CC2640R2L TI1-CC2640R2L Datasheet
3Mb / 54P
[Old version datasheet]   CC2640R2L SimpleLink??Bluetooth짰 5.1 Low Energy Wireless MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com