Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR23625-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMR23625-Q1
Description  SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23625-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMR23625-Q1 Datasheet HTML 6Page - Texas Instruments LMR23625-Q1 Datasheet HTML 7Page - Texas Instruments LMR23625-Q1 Datasheet HTML 8Page - Texas Instruments LMR23625-Q1 Datasheet HTML 9Page - Texas Instruments LMR23625-Q1 Datasheet HTML 10Page - Texas Instruments LMR23625-Q1 Datasheet HTML 11Page - Texas Instruments LMR23625-Q1 Datasheet HTML 12Page - Texas Instruments LMR23625-Q1 Datasheet HTML 13Page - Texas Instruments LMR23625-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Temperature (°C)
-50
0
50
100
150
0.41
0.415
0.42
0.425
D010
Temperature (°C)
-50
0
50
100
150
3
3.5
4
4.5
5
5.5
D011
LS Limit
HS Limit
Temperature (°C)
-50
0
50
100
150
60
65
70
75
80
D008
Temperature (°C)
-50
0
50
100
150
3.61
3.62
3.63
3.64
3.65
3.66
3.67
D009
VIN (V)
4
4.5
5
5.5
6
3
3.5
4
4.5
5
5.5
D007
IOUT = 0.5 A
IOUT = 1.0 A
IOUT = 1.5 A
IOUT = 2.0 A
IOUT = 2.5 A
VIN (V)
3.3
3.5
3.7
3.9
4.1
4.3
4.5
2.4
2.7
3
3.3
3.6
D008
IOUT = 0.5 A
IOUT = 1.0 A
IOUT = 1.5 A
IOUT = 2.0 A
IOUT = 2.5 A
10
LMR23625-Q1
SNVSAR5 – DECEMBER 2016
www.ti.com
Product Folder Links: LMR23625-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified the following conditions apply: VIN = 12 V, fSW = 2100 kHz, L = 2.2 µH, COUT = 47 µF, TA = 25 °C.
VOUT = 5 V
Figure 7. Dropout Curve
VOUT = 3.3 V
Figure 8. Dropout Curve
VIN = 12 V
VFB = 1.1 V
Figure 9. IQ vs. Junction Temperature
Figure 10. VIN UVLO Rising Threshold vs. Junction
Temperature
Figure 11. VIN UVLO Hysteresis vs. Junction Temperature
VIN = 12 V
Figure 12. HS & LS Current Limit vs. Junction Temperature


Similar Part No. - LMR23625-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_16 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
More results

Similar Description - LMR23625-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_16 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com