Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2640R2FRSMR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CC2640R2FRSMR
Description  SimpleLink Bluetooth low energy Wireless MCU
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2640R2FRSMR Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC2640R2FRSMR Datasheet HTML 6Page - Texas Instruments CC2640R2FRSMR Datasheet HTML 7Page - Texas Instruments CC2640R2FRSMR Datasheet HTML 8Page - Texas Instruments CC2640R2FRSMR Datasheet HTML 9Page - Texas Instruments CC2640R2FRSMR Datasheet HTML 10Page - Texas Instruments CC2640R2FRSMR Datasheet HTML 11Page - Texas Instruments CC2640R2FRSMR Datasheet HTML 12Page - Texas Instruments CC2640R2FRSMR Datasheet HTML 13Page - Texas Instruments CC2640R2FRSMR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
10
CC2640R2F
SWRS204 – DECEMBER 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2640R2F
Terminal Configuration and Functions
Copyright © 2016, Texas Instruments Incorporated
(1)
See technical reference manual (listed in Section 8.3) for more details.
(2)
Do not supply external circuitry from this pin.
(3)
If internal DC-DC is not used, this pin is supplied internally from the main LDO.
(4)
If internal DC-DC is not used, this pin must be connected to VDDR for supply from the main LDO.
4.4
Signal Descriptions – RHB Package
Table 4-2. Signal Descriptions – RHB Package
NAME
NO.
TYPE
DESCRIPTION
DCDC_SW
17
Power
Output from internal DC-DC(1)
DCOUPL
12
Power
1.27-V regulated digital-supply decoupling(2)
DIO_0
6
Digital I/O
GPIO, Sensor Controller
DIO_1
7
Digital I/O
GPIO, Sensor Controller
DIO_2
8
Digital I/O
GPIO, Sensor Controller, high-drive capability
DIO_3
9
Digital I/O
GPIO, Sensor Controller, high-drive capability
DIO_4
10
Digital I/O
GPIO, Sensor Controller, high-drive capability
DIO_5
15
Digital I/O
GPIO, High drive capability, JTAG_TDO
DIO_6
16
Digital I/O
GPIO, High drive capability, JTAG_TDI
DIO_7
20
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_8
21
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_9
22
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_10
23
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_11
24
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_12
25
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_13
26
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_14
27
Digital/Analog I/O
GPIO, Sensor Controller, Analog
JTAG_TMSC
13
Digital I/O
JTAG TMSC, high-drive capability
JTAG_TCKC
14
Digital I/O
JTAG TCKC
RESET_N
19
Digital input
Reset, active-low. No internal pullup.
RF_N
2
RF I/O
Negative RF input signal to LNA during RX
Negative RF output signal to PA during TX
RF_P
1
RF I/O
Positive RF input signal to LNA during RX
Positive RF output signal to PA during TX
RX_TX
3
RF I/O
Optional bias pin for the RF LNA
VDDR
29
Power
1.7-V to 1.95-V supply, typically connect to output of internal DC-DC(3)(2)
VDDR_RF
32
Power
1.7-V to 1.95-V supply, typically connect to output of internal DC-DC (2)(4)
VDDS
28
Power
1.8-V to 3.8-V main chip supply(1)
VDDS2
11
Power
1.8-V to 3.8-V GPIO supply(1)
VDDS_DCDC
18
Power
1.8-V to 3.8-V DC-DC supply
X32K_Q1
4
Analog I/O
32-kHz crystal oscillator pin 1
X32K_Q2
5
Analog I/O
32-kHz crystal oscillator pin 2
X24M_N
30
Analog I/O
24-MHz crystal oscillator pin 1
X24M_P
31
Analog I/O
24-MHz crystal oscillator pin 2
EGP
Power
Ground – Exposed Ground Pad


Similar Part No. - CC2640R2FRSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 40P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU for Automotive
CC2640R2F TI-CC2640R2F Datasheet
3Mb / 63P
[Old version datasheet]   CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2640R2F TI-CC2640R2F Datasheet
2Mb / 72P
[Old version datasheet]   CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
JUNE 2022
CC2640R2F TI-CC2640R2F Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
CC2640R2F TI-CC2640R2F Datasheet
3Mb / 72P
[Old version datasheet]   CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
REVISED JUNE 2023
More results

Similar Description - CC2640R2FRSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2642R TI1-CC2642R Datasheet
1,016Kb / 45P
[Old version datasheet]   SimpleLink Bluetooth 5 low energy Wireless MCU
CC2640R2F-Q1 TI1-CC2640R2F-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU for Automotive
CC2541-Q1 TI1-CC2541-Q1 Datasheet
987Kb / 35P
[Old version datasheet]   SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2540T TI-CC2540T_15 Datasheet
1,014Kb / 37P
[Old version datasheet]   SimpleLink CC2540T 2.4-GHz Bluetooth Low Energy Wireless MCU
CC2541-Q1 TI-CC2541-Q1_15 Datasheet
984Kb / 35P
[Old version datasheet]   CC2541-Q1 SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
[Old version datasheet]   CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
CC2642R-Q1 TI-CC2642R-Q1_V01 Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
logo
NXP Semiconductors
QN9090 NXP-QN9090 Datasheet
1Mb / 99P
   Bluetooth Low Energy 5.0 wireless MCU
logo
Texas Instruments
CC2640 TI-CC2640_15 Datasheet
1Mb / 51P
[Old version datasheet]   CC2640 SimpleLink Bluetooth Smart Wireless MCU
CC2640R2L TI1-CC2640R2L Datasheet
3Mb / 54P
[Old version datasheet]   CC2640R2L SimpleLink??Bluetooth짰 5.1 Low Energy Wireless MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com