Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR23625CFQDDARQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMR23625CFQDDARQ1
Description  SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23625CFQDDARQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMR23625CFQDDARQ1 Datasheet HTML 7Page - Texas Instruments LMR23625CFQDDARQ1 Datasheet HTML 8Page - Texas Instruments LMR23625CFQDDARQ1 Datasheet HTML 9Page - Texas Instruments LMR23625CFQDDARQ1 Datasheet HTML 10Page - Texas Instruments LMR23625CFQDDARQ1 Datasheet HTML 11Page - Texas Instruments LMR23625CFQDDARQ1 Datasheet HTML 12Page - Texas Instruments LMR23625CFQDDARQ1 Datasheet HTML 13Page - Texas Instruments LMR23625CFQDDARQ1 Datasheet HTML 14Page - Texas Instruments LMR23625CFQDDARQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
EA
REF
EN/SYNC
SW
CBOOT
VCC
Internal
SS
OV/UV
Detector
Oscillator
Precision
Enable
LDO
PFM
Detector
Slope
Comp
PWM CONTROL LOGIC
UVLO
TSD
Freq
Foldback
Zero
Cross
HICCUP
Detector
VIN
Rc
Cc
PGND
FB
LS I Sense
HS I Sense
FB
VCC
Enable
SYNC
Detector
SYNC Signal
SYNC Signal
AGND
(PGOOD)
Copyright © 2016, Texas Instruments Incorporated
11
LMR23625-Q1
www.ti.com
SNVSAR5 – DECEMBER 2016
Product Folder Links: LMR23625-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LMR23625-Q1 SIMPLE SWITCHER® regulator is an easy to use synchronous step-down DC-DC converter
operating from 4 V to 36 V supply voltage. It is capable of delivering up to 2.5 A DC load current with good
thermal performance in a small solution size. For both SOIC and WSON package, an extended family is
available in multiple current options from 1 A to 3 A in pin-to-pin compatible packages.
The LMR23625-Q1 employs fixed frequency peak current mode control. The device enters PFM mode at light
load to achieve high efficiency. A user selectable FPWM option is provided to achieve low output voltage ripple,
tight output voltage regulation, and constant switching frequency. The device is internally compensated, which
reduces design time, and requires few external components. The LMR23625-Q1 is capable of synchronization to
an external clock within the range of 200 kHz to 2.2 MHz.
Additional features such as precision enable, power good flag and internal soft-start provide a flexible and easy
to use solution for a wide range of applications. Protection features include thermal shutdown, VIN and VCC
under-voltage lockout, cycle-by-cycle current limit, and hiccup mode short-circuit protection.
The family requires very few external components and has a pin-out designed for simple, optimum PCB layout.
8.2 Functional Block Diagram


Similar Part No. - LMR23625CFQDDARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23625CFQDDARQ1 TI1-LMR23625CFQDDARQ1 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625CFQDDARQ1 TI1-LMR23625CFQDDARQ1 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
More results

Similar Description - LMR23625CFQDDARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_16 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com