Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5912-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP5912-Q1
Description  Automotive 500-mA Low-Noise, Low-IQ LDO
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5912-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  LP5912-Q1_16 Datasheet HTML 1Page - Texas Instruments LP5912-Q1_16 Datasheet HTML 2Page - Texas Instruments LP5912-Q1_16 Datasheet HTML 3Page - Texas Instruments LP5912-Q1_16 Datasheet HTML 4Page - Texas Instruments LP5912-Q1_16 Datasheet HTML 5Page - Texas Instruments LP5912-Q1_16 Datasheet HTML 6Page - Texas Instruments LP5912-Q1_16 Datasheet HTML 7Page - Texas Instruments LP5912-Q1_16 Datasheet HTML 8Page - Texas Instruments LP5912-Q1_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
IN
OUT
GND
EN
PG
LP5912-Q1
VOUT
VIN
NC
CIN
COUT
RPG
VEN
VPG
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP5912-Q1
SNVSAA8C – DECEMBER 2015 – REVISED SEPTEMBER 2016
LP5912-Q1 Automotive 500-mA Low-Noise, Low-IQ LDO
1
1 Features
1
Qualified for Automotive Applications
AEC Q100-Qualified With the Following Results
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Range
Device HBM Classification Level 2
Device CDM Classification Level C6
Input Voltage Range: 1.6 V to 6.5 V
Output Voltage Range: 0.8 V to 5.5 V
Output Current up to 500 mA
Low Output-Voltage Noise: 12 µVRMS Typical
PSRR at 1 kHz: 75 dB Typical
Output Voltage Tolerance (VOUT ≥ 3.3 V): ±2%
Low IQ (Enabled, No Load): 30 µA Typical
Low Dropout (VOUT ≥ 3.3 V): 95 mV Typical at
500-mA Load
Stable With 1-µF Ceramic Input and Output
Capacitors
Thermal-Overload and Short-Circuit Protection
Reverse Current Protection
No Noise Bypass Capacitor Required
Output Automatic Discharge for Fast Turnoff
Power-Good Output With 140-µs Typical Delay
Internal Soft-Start to Limit the In-rush Current
–40°C to +125°C Operating Junction Temperature
Range
2 Applications
Automotive Infotainment
Telematics Systems
ADAS Cameras and Radar
Navigation Systems
3 Description
The LP5912-Q1 is low-noise LDO that can supply up
to 500 mA of output current. Designed to meet the
requirements of RF and analog circuits, the LP5912-
Q1 device provides low noise, high PSRR, low
quiescent current, and low line and load transient
response. The LP5912-Q1 offers class-leading noise
performance without a noise bypass capacitor and
with
the
ability
for
remote
output
capacitance
placement.
The device is designed to work with a 1-µF input and
a 1-µF output ceramic capacitor (no separate noise
bypass capacitor required).
This device is available with fixed output voltages
from 0.8 V to 5.5 V in 25-mV steps. Contact Texas
Instruments Sales for specific voltage option needs.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP5912-Q1
WSON (6)
2.00 mm × 2.00 mm
(1) For
all
available
packages,
see
the
Package
Option
Addendum (POA) at the end of this data sheet.
space
space
space
space
space
Simplified Schematic


Similar Part No. - LP5912-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912-Q1 TI1-LP5912-Q1_17 Datasheet
2Mb / 33P
[Old version datasheet]   Automotive 500-mA Low-Noise, Low-IQ LDO
More results

Similar Description - LP5912-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912-Q1 TI1-LP5912-Q1_17 Datasheet
2Mb / 33P
[Old version datasheet]   Automotive 500-mA Low-Noise, Low-IQ LDO
LP5912 TI1-LP5912_18 Datasheet
2Mb / 35P
[Old version datasheet]   500-mA Low-Noise, Low-IQ LDO
LP5912 TI1-LP5912_17 Datasheet
2Mb / 33P
[Old version datasheet]   500-mA Low-Noise, Low-IQ LDO
TPS7A21-Q1 TI1-TPS7A21-Q1_V01 Datasheet
3Mb / 34P
[Old version datasheet]   TPS7A21-Q1 Automotive, 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
REVISED AUGUST 2023
TPS7A21-Q1 TI-TPS7A21-Q1 Datasheet
4Mb / 30P
[Old version datasheet]   TPS7A21-Q1 Automotive, 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2022
LP5907-Q1 TI1-LP5907-Q1_18 Datasheet
1Mb / 29P
[Old version datasheet]   Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
TPS7A21 TI-TPS7A21_V01 Datasheet
4Mb / 34P
[Old version datasheet]   TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
TPS7A21 TI1-TPS7A21_V02 Datasheet
4Mb / 33P
[Old version datasheet]   TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
REVISED SEPTEMBER 2022
TPS7A21 TI-TPS7A21 Datasheet
4Mb / 33P
[Old version datasheet]   TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com