Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR23630AFQDDARQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMR23630AFQDDARQ1
Description  SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23630AFQDDARQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMR23630AFQDDARQ1 Datasheet HTML 3Page - Texas Instruments LMR23630AFQDDARQ1 Datasheet HTML 4Page - Texas Instruments LMR23630AFQDDARQ1 Datasheet HTML 5Page - Texas Instruments LMR23630AFQDDARQ1 Datasheet HTML 6Page - Texas Instruments LMR23630AFQDDARQ1 Datasheet HTML 7Page - Texas Instruments LMR23630AFQDDARQ1 Datasheet HTML 8Page - Texas Instruments LMR23630AFQDDARQ1 Datasheet HTML 9Page - Texas Instruments LMR23630AFQDDARQ1 Datasheet HTML 10Page - Texas Instruments LMR23630AFQDDARQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7
LMR23630-Q1
www.ti.com
SNVSAR6 – DECEMBER 2016
Product Folder Links: LMR23630-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Guaranteed by design.
7.6 Timing Characteristics
Over the recommended operating junction temperature range of -40 °C to 125 °C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HICCUP MODE
NOC
(1)
Number of cycles that LS current limit is
tripped to enter Hiccup mode
64
Cycles
TOC
Hiccup retry delay time
SOIC package
5
ms
WSON package
12
SOFT START
TSS
Internal soft-start time. The time of internal
reference to increase from 0 V to 1.0 V
SOIC package
1
2
3
ms
WSON package
6
POWER GOOD
TPGOOD_RISE
Power-good flag rising transition deglitch
delay
150
μs
TPGOOD_FALL
Power-good flag falling transition deglitch
delay
18
μs


Similar Part No. - LMR23630AFQDDARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630AFQDDARQ1 TI1-LMR23630AFQDDARQ1 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
More results

Similar Description - LMR23630AFQDDARQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com