Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2836-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2836-Q1
Description  Very-Low Power, Rail-to-Rail Out, Negative-Rail In, Voltage-Feedback Operational Amplifier
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2836-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2836-Q1 Datasheet HTML 7Page - Texas Instruments OPA2836-Q1 Datasheet HTML 8Page - Texas Instruments OPA2836-Q1 Datasheet HTML 9Page - Texas Instruments OPA2836-Q1 Datasheet HTML 10Page - Texas Instruments OPA2836-Q1 Datasheet HTML 11Page - Texas Instruments OPA2836-Q1 Datasheet HTML 12Page - Texas Instruments OPA2836-Q1 Datasheet HTML 13Page - Texas Instruments OPA2836-Q1 Datasheet HTML 14Page - Texas Instruments OPA2836-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
0
0.5
1
1.5
2
2.5
3
10
100
1k
10k
R - Load Resistance -
L
W
V
= High
OUT
V
= Low
OUT
V = 2.7 V,
G = 5,
R = 1 k
S
F
W
0.001
0.01
0.1
1
0.1
10
100
V
= Low
OUT
V
= High
OUT
V = 2.7 V,
G = 5,
R = 1 k
S
F
W
1
I - Load Current - mA
L
-110
-100
-90
-80
-70
-60
-50
-40
-30
0
1
2
V - Output Voltage - Vpp
O
HD
3
HD
2
V = 2.7 V,
G = 1,
f = 1 MHz,
R = 0
,
R = 1 k
S
F
L
W
W
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
1
2
3
4
5
6
7
8
9
10
Gain - V/V
V = 2.7 V,
G = 1,
f = 1 MHz,
V
= 1 Vpp,
R = 1 k
S
OUT
L
W
HD3
HD2
-110
-105
-100
-95
-90
-85
-80
-75
-70
100
1k
10k
R
- Load Resistance -
LOAD
W
V = 2.7 V,
G = 1,
f = 1 MHz,
R = 0
V
= 1 Vpp
S
F
OUT
W
HD3
HD2
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
10k
100k
1M
10M
f - Frequency - Hz
V = 2.7 V,
G = 1,
V
= 1 Vpp,
R = 0
,
R = 1 k
S
OUT
F
L
W
W
HD3
HD2
11
OPA2836-Q1
www.ti.com
SBOS794 – DECEMBER 2016
Product Folder Links: OPA2836-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Figure 7. Harmonic Distortion vs Frequency
Figure 8. Harmonic Distortion vs Load Resistance
Figure 9. Harmonic Distortion vs Output Voltage
Figure 10. Harmonic Distortion vs Gain
Figure 11. Output Voltage Swing vs Load Resistance
Figure 12. Output Saturation Voltage vs Load Current


Similar Part No. - OPA2836-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2836-Q1 TI1-OPA2836-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   OPA2863-Q1 Automotive, Low-Power, 110-MHz, Rail-to-Rail Input/Output Amplifier
REVISED JULY 2023
More results

Similar Description - OPA2836-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA836 TI-OPA836_15 Datasheet
1Mb / 57P
[Old version datasheet]   OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative-Rail In, Voltage-Feedback Operational Amplifiers
OPA836 TI1-OPA836_14 Datasheet
2Mb / 54P
[Old version datasheet]   Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA836 TI1-OPA836 Datasheet
1Mb / 49P
[Old version datasheet]   Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA2834 TI1-OPA2834 Datasheet
567Kb / 21P
[Old version datasheet]   50-MHz, 170-關A, Negative-Rail In, Rail-to-Rail Out, Voltage-Feedback Amplifier
logo
National Semiconductor ...
THS4281 NSC-THS4281 Datasheet
1Mb / 37P
   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Texas Instruments
TLV9001 TI1-TLV9001_18 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power, Rail-to-Rail In and Out, 1-MHz Operational Amplifier
THS4281 TI1-THS4281_14 Datasheet
1Mb / 38P
[Old version datasheet]   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
THS4281 TI-THS4281 Datasheet
1Mb / 31P
[Old version datasheet]   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
TLV9001_1808 TI1-TLV9001_1808 Datasheet
3Mb / 57P
[Old version datasheet]   Low-Power, Rail-to-Rail In and Out, 1-MHz Operational Amplifier
TLV9001 TI1-TLV9001 Datasheet
896Kb / 23P
[Old version datasheet]   Low-Power, Rail-to-Rail In or Out, 1.2-MHz Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com