Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP423AQDCNTQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMP423AQDCNTQ1
Description  Remote and Local Temperature Sensor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP423AQDCNTQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP423AQDCNTQ1 Datasheet HTML 6Page - Texas Instruments TMP423AQDCNTQ1 Datasheet HTML 7Page - Texas Instruments TMP423AQDCNTQ1 Datasheet HTML 8Page - Texas Instruments TMP423AQDCNTQ1 Datasheet HTML 9Page - Texas Instruments TMP423AQDCNTQ1 Datasheet HTML 10Page - Texas Instruments TMP423AQDCNTQ1 Datasheet HTML 11Page - Texas Instruments TMP423AQDCNTQ1 Datasheet HTML 12Page - Texas Instruments TMP423AQDCNTQ1 Datasheet HTML 13Page - Texas Instruments TMP423AQDCNTQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
ADC
Oscillator
Voltage
Reference
M
U
X
Register
Bank
Serial
Interface
Control
Logic
MUX
5 × I
2 × I
I
6
7
4
8
1
2
5
V+
Local
Thermal BJT
A0
SCL
SDA
DXN
DXP
GND
V+
20 × I
3
A1
Copyright © 2016, Texas Instruments Incorporated
10
TMP421-Q1, TMP422-Q1, TMP423-Q1
SBOS821 – NOVEMBER 2016
www.ti.com
Product Folder Links: TMP421-Q1 TMP422-Q1 TMP423-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TMP421-Q1 is a two-channel digital temperature sensor that combines a local die temperature-
measurement channel and a remote-junction temperature-measurement channel, and is available in an 8-pin
SOT-23 package. The TMP422-Q1 (three-channel), and TMP423-Q1 (four-channel) are digital temperature
sensors that combine a local die temperature measurement channel and two or three remote junction
temperature measurement channels, respectively, in a single 8-pin SOT-23 package. These devices are two-
wire- and SMBus interface-compatible and are specified over a temperature range of –40°C to +125°C. The
TMP421-Q1, TMP422-Q1, and TMP423-Q1 each contain multiple registers for holding configuration information
and temperature measurement results.
For proper remote temperature sensing operation, the TMP421-Q1 requires only a transistor connected between
DXP and DXN pins. If the remote channel is not utilized, DXP can be left open or tied to GND.
The TMP422-Q1 requires transistors connected between DX1 and DX2 and between DX3 and DX4. Unused
channels on the TMP422-Q1 must be connected to GND. The TMP423-Q1 requires a transistor connected to
each positive channel (DXP1, DXP2, and DXP3), with the base of each channel tied to the common negative,
DXN. For an unused channel, the TMP423-Q1 DXP pin can be left open or tied to GND.
8.2 Functional Block Diagram
Figure 12. The TMP421-Q1 Supports Multiple Slave Addresses and a Single Remote Diode Input


Similar Part No. - TMP423AQDCNTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP423A TI1-TMP423A Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP423AIDCNR TI-TMP423AIDCNR Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP423AIDCNR TI1-TMP423AIDCNR Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP423AIDCNRG4 TI-TMP423AIDCNRG4 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP423AIDCNRG4 TI1-TMP423AIDCNRG4 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results

Similar Description - TMP423AQDCNTQ1

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
   Digital Remote and Local Temperature Sensor
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
Maxim Integrated Produc...
MAX1668 MAXIM-MAX1668_00 Datasheet
224Kb / 16P
   Multichannel Remote/Local Temperature Sensor
Rev 0; 8/00
logo
Texas Instruments
TMP461-SP TI1-TMP461-SP Datasheet
115Kb / 5P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461-SP TI1-TMP461-SP_18 Datasheet
528Kb / 34P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP421 TI-TMP421 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Texas Instruments
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com