Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3123F-E2 Datasheet(PDF) 3 Page - Rohm

Part # BA3123F-E2
Description  Ground Isolation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3123F-E2 Datasheet(HTML) 3 Page - Rohm

  BA3123F-E2 Datasheet HTML 1Page - Rohm BA3123F-E2 Datasheet HTML 2Page - Rohm BA3123F-E2 Datasheet HTML 3Page - Rohm BA3123F-E2 Datasheet HTML 4Page - Rohm BA3123F-E2 Datasheet HTML 5Page - Rohm BA3123F-E2 Datasheet HTML 6Page - Rohm BA3123F-E2 Datasheet HTML 7Page - Rohm BA3123F-E2 Datasheet HTML 8Page - Rohm BA3123F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
BA3123F
3/12
TSZ02201-0C2C0EZ00400-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
13.Nov.2015 Rev.001
www.rohm.com
TSZ22111・15・001
Typical Performance Curves
Figure 4. Voltage Gain vs Power Supply Voltage
Power Supply Voltage : VCC (V)
Figure 1. Quiescent Current vs
Power Supply Voltage
Power Supply Voltage : VCC (V)
VIN = 0Vrms
Figure 2. Maximum Output Voltage vs
Power Supply Voltage
Power Supply Voltage : VCC (V)
THD=0.1%
RL = 10k
Ω
f=1kHz
Figure 3. Output Noise Voltage vs Power Supply
Voltage
Power Supply Voltage : VCC (V)


Similar Part No. - BA3123F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3123F ROHM-BA3123F Datasheet
338Kb / 9P
   Ground Isolation Amplifier
More results

Similar Description - BA3123F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3121F ROHM-BA3121F_09 Datasheet
338Kb / 9P
   Ground Isolation Amplifier
BA3121F ROHM-BA3121F_15 Datasheet
1Mb / 16P
   Ground Isolation Amplifier
BA3121 ROHM-BA3121 Datasheet
169Kb / 11P
   Ground isolation amplifier
BA3121F-E2 ROHM-BA3121F-E2 Datasheet
348Kb / 9P
   Ground Isolation Amplifier
logo
New Japan Radio
NJM2794 NJRC-NJM2794 Datasheet
177Kb / 11P
   Ground Noise Isolation Amplifier
logo
Shenzhenshi YONGFUKANG ...
D3121 YONGFUKANG-D3121 Datasheet
298Kb / 8P
   Ground isolation amplifier circuit
logo
NXP Semiconductors
TDA8575 PHILIPS-TDA8575 Datasheet
114Kb / 16P
   Ground noise isolation amplifier
1996 Jul 29
logo
List of Unclassifed Man...
NJM2794RB2-TE1 ETC2-NJM2794RB2-TE1 Datasheet
210Kb / 11P
   Ground Noise Isolation Amplifier
logo
Rohm
BA3121F ROHM-BA3121F Datasheet
164Kb / 6P
   Ground isolation amplifier for car audio systems
logo
New Japan Radio
NJM2795 NJRC-NJM2795 Datasheet
129Kb / 6P
   Ground noise isolation Amplifier with Adjustable Differential Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com