Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3433K-E2 Datasheet(PDF) 7 Page - Rohm

Part # BD3433K-E2
Description  6ch Electronic Volume for 5.1ch Car Theater
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3433K-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BD3433K-E2 Datasheet HTML 3Page - Rohm BD3433K-E2 Datasheet HTML 4Page - Rohm BD3433K-E2 Datasheet HTML 5Page - Rohm BD3433K-E2 Datasheet HTML 6Page - Rohm BD3433K-E2 Datasheet HTML 7Page - Rohm BD3433K-E2 Datasheet HTML 8Page - Rohm BD3433K-E2 Datasheet HTML 9Page - Rohm BD3433K-E2 Datasheet HTML 10Page - Rohm BD3433K-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
BD3433K
7/21
TSZ02201-0C2C0E100610-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
16.Dec.2015 Rev.001
Electrical characteristics
– continued
4.
Monaural Signal Circuit
Common condition unless specified otherwise :
Vol=-
∞dB, Giaj=Goaja= Goajb=0dB, Vol.Ex=0dB, Mix=ON
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Voltage Gain
GVe
-1.0
0
+1.0
dB
Phase inversion between input and
output
Maximum Input
Voltage
VIMe
3.8
4.25
-
Vrms
THD+N=1%,
Vol.Ex=-10dB
Input Impedance
RINe
19
27
35
Volume Setting Value
Error
EVe1
-1.0
0
+1.0
dB
Vol=+15dB to +1dB,
-1dB to -20dB,
(+15dB +1dB at
VIN=0.1Vrms)
EVe2
-1.5
0
+1.5
Vol=-21dB to -40dB
EVe3
-2.0
0
+2.0
Vol=-41dB to -60dB
EVe4
-3.0
0
+3.0
Vol=-61dB to -63dB
Volume
Maximum Attenuation
VMUe
-
-108
-85
dB
Vol.Ex=-
∞dB (mute) ,
BW=20Hz to 20kHz
Output Noise Voltage
VNOe
-
4.5
15
µVrms
BW=A-Weight
(Input
terminal AC
short)
Vol.Ex = 0dB
Residual Noise
Voltage
VNRe
-
3.5
10
Vol.Ex = -
∞dB
THD+N
THDe
-
0.002
0.05
%
BW=20Hz to 20kHz, VOUT=1Vrms
Common-Mode
Signal Rejection Ratio
CMRR
40
60
-
dB
BW=20Hz to 20kHz
Soft Switching
Transition Time
tSSE1
-
0.64
-
msec
/dB
Soft
switching: ON
0.64 msec/dB
tSSE2
-
1.28
-
1.28 msec/dB
tSSE3
-
2.56
-
2.56 msec/dB
tSSE4
-
5.12
-
5.12 msec/dB


Similar Part No. - BD3433K-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3433K ROHM-BD3433K Datasheet
327Kb / 6P
   Silicon Monolithic Integrated Circuit
BD3433K ROHM-BD3433K_10 Datasheet
222Kb / 9P
   6ch Electronic Volume for 5.1ch Car Theater
More results

Similar Description - BD3433K-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3433K ROHM-BD3433K_10 Datasheet
222Kb / 9P
   6ch Electronic Volume for 5.1ch Car Theater
logo
Mitsubishi Electric Sem...
M61512FP MITSUBISHI-M61512FP Datasheet
254Kb / 13P
   5.1ch Electronic Volume
logo
Rohm
BD3814FV ROHM-BD3814FV_1 Datasheet
371Kb / 11P
   6ch Electronic Volume
BD3814FV ROHM-BD3814FV Datasheet
39Kb / 3P
   High- performance 5.1ch electronic volume
logo
Silan Microelectronics ...
SC5358 SILAN-SC5358 Datasheet
167Kb / 9P
   6CH ELECTRONIC VOLUME CONTROLLER
logo
Renesas Technology Corp
M61520FP RENESAS-M61520FP Datasheet
244Kb / 16P
   6ch Electronic Volume with Tone Control
logo
Mitsubishi Electric Sem...
M62446AFP MITSUBISHI-M62446AFP Datasheet
5Mb / 19P
   6CH ELECTRONIC VOLUME WITH TONE CONTROL
logo
Renesas Technology Corp
M61541FP RENESAS-M61541FP Datasheet
331Kb / 16P
   6ch Electronic Volume with Tone Control
M61530FP RENESAS-M61530FP Datasheet
346Kb / 19P
   4ch Electronic Volume with 5.1ch Analog Input
logo
List of Unclassifed Man...
REJ03F0057_M61520FP ETC-REJ03F0057_M61520FP Datasheet
244Kb / 16P
   6ch Electronic Volume with Tone Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com