Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU9406KS2 Datasheet(PDF) 3 Page - Rohm

Part # BU9406KS2
Description  28bit Audio DSP with Built-in 2ch ADC, 6ch DAC and ASRC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9406KS2 Datasheet(HTML) 3 Page - Rohm

  BU9406KS2 Datasheet HTML 1Page - Rohm BU9406KS2 Datasheet HTML 2Page - Rohm BU9406KS2 Datasheet HTML 3Page - Rohm BU9406KS2 Datasheet HTML 4Page - Rohm BU9406KS2 Datasheet HTML 5Page - Rohm BU9406KS2 Datasheet HTML 6Page - Rohm BU9406KS2 Datasheet HTML 7Page - Rohm BU9406KS2 Datasheet HTML 8Page - Rohm BU9406KS2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Technical Note
3/34
BU9406KS2
www.rohm.com
2012.03 - Rev.A
© 2012 ROHM Co., Ltd. All rights reserved.
●Electrical Characteristics (Analog system)
VDD=3.3V
(Unless otherwise specified Ta=25℃, RL=10kΩ, Standard VC)
Item
Symbol
Standard Values
Unit
Applicable Pins/Conditions
Min.
Typ.
Max.
Total
Circuit Current
IQ
-
60
90
mA
DVDDIO1,DVDDIO2,DVDDIO3,DVDDREG
,
DVDDPLL,AVDDAD1,ADVDDAD2,
AVDDDA1,AVDDDAR2,AVDDDAL2,
AVDDDAR3,AVDDDAL3
Regulator
Output Voltage
VREG
-
1.5
-
V
IO=100mA
PLL_ASRC
Lock Frequency
(8 times frequency multiplier)
FLK8
-
24.576
-
MHz
BCK=3.072MHz (fs=48kHz)
Sigma-delta audio ADC
Maximum Input Amplitude
VIMAX
-
-
0.7
Vrms
Distortion rate(THD+N)
THDAD
-
0.02
0.05
%
1kHz, -0.5dB
S/N
S/NAD
-
90
-
dB
AIN=0.7Vrms,1kHz,A-weighted
Input Impedance
RI
42
60
78
k
Sigma-delta audio DAC
Maximum Output Amplitude
VOMAX
0.63
0.75
0.86
Vrms
Distortion rate(THD+N)
THDDA
-
0.005
0.03
%
0dB,1kHz
S/N
S/NDA
-
96
-
dB
0dB,1kHz,A-weighted
16bit DAC Section
Maximum Output Amplitude
VOMAX
0.65
0.77
0.88
Vrms
Distortion rate(THD+N)
THDDA
-
0.03
-
%
0dB,1kHz
S/N
S/NDA
-
90
-
dB
0dB,1kHz,A-weighted


Similar Part No. - BU9406KS2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9408KS2 ROHM-BU9408KS2 Datasheet
1Mb / 57P
   32bit Audio DSP with Built-in 4ch DAC and ASRC
BU9408KS2-E2 ROHM-BU9408KS2-E2 Datasheet
1Mb / 57P
   32bit Audio DSP with Built-in 4ch DAC and ASRC
BU9408KS2 ROHM-BU9408KS2_12 Datasheet
1Mb / 57P
   32bit Audio DSP with Built-in 4ch DAC and ASRC
BU9409FV ROHM-BU9409FV Datasheet
1Mb / 58P
   32bit Audio DSP
BU9409FV-E2 ROHM-BU9409FV-E2 Datasheet
1Mb / 58P
   32bit Audio DSP
More results

Similar Description - BU9406KS2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9408KS2 ROHM-BU9408KS2_12 Datasheet
1Mb / 57P
   32bit Audio DSP with Built-in 4ch DAC and ASRC
logo
Asahi Kasei Microsystem...
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7712A-VT AKM-AK7712A-VT Datasheet
968Kb / 87P
   Built-in 20-bit ADC/DAC Sophisticated Audio DSP
AK7722 AKM-AK7722 Datasheet
457Kb / 28P
   24bit 4ch ADC 24bit 4ch DAC with Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
AK7736B AKM-AK7736B Datasheet
1Mb / 22P
   Audio/HF DSP with 2Ch SRC
AK7736BVQ AKM-AK7736BVQ Datasheet
1Mb / 22P
   Audio/HF DSP with 2Ch SRC
AK7757 AKM-AK7757 Datasheet
433Kb / 24P
   Audio DSP with 24bit 3ch ADC 4ch DAC MIC Amp
AK4516A AKM-AK4516A Datasheet
355Kb / 39P
   3V 16BIT ADC&DAC WITH BUILT-IN PGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com