Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD34602FS-M Datasheet(PDF) 10 Page - Rohm

Part # BD34602FS-M
Description  6ch Sound Processor for High-Quality Audio with Built-in Advanced Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD34602FS-M Datasheet(HTML) 10 Page - Rohm

Back Button BD34602FS-M Datasheet HTML 6Page - Rohm BD34602FS-M Datasheet HTML 7Page - Rohm BD34602FS-M Datasheet HTML 8Page - Rohm BD34602FS-M Datasheet HTML 9Page - Rohm BD34602FS-M Datasheet HTML 10Page - Rohm BD34602FS-M Datasheet HTML 11Page - Rohm BD34602FS-M Datasheet HTML 12Page - Rohm BD34602FS-M Datasheet HTML 13Page - Rohm BD34602FS-M Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
10/29
Datasheet
Datasheet
BD34602FS-M
TSZ02201-0C2C0E100310-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
22.Oct.2015
Rev.001
www.rohm.com
TSZ22111・15・001
Explanation of each Select Address
Figure.14 Block diagram
It is able to control to 1 to 4 in block diagram by each Select Address. About detail explanation is Follow as.
The audible signal inputted from 1pin to 6pin are adjusted independently in volume block(2 in block diagram).
< Select Address 28, 29, 2A, 2B, 2C 2D(hex):Volume >
It is able to select adjustment of audible signal in volume block(+23dB to -79dB, -∞).
The audible signal inputted from 7pin to 9pin are adjusted independently in EXT ATT block(4 in block diagram),
and added independently to the audible signal inputted from 1pin to 6pin in EXT ON/OFF block.
(EXT ON/OFF① block (3 in block diagram) : path select, EXT ON/OFF② block (1 in block diagram) : add)
< Select Address 01(hex):EXT ATT 1dB/Step Enable >
About adjustment of audible signal in EXT ATT block (4 in block diagram), it is able to select 1dB/Step mode ON/OFF.
< Select Address 02(hex):Advanced Switch Time of EXT ON/OFF >
Advanced Switch function is applied to EXT ON/OFF for prevention switching pop-noise. (About Advanced Switch,
refer to 15page) It is able to select switching time of Advanced Switch by Select Address 02(hex).
< Select Address 30, 31, 32(hex):EXT ON/OFF >
The audible signal inputted from 7pin to 9pin is added to the audible signal inputted from 1pin to 6pin.
It is able to select path of above combination (1 and 3 in block diagram).
< Select Address 33, 34, 35(hex):EXT ATT >
It is able to select adjustment (0dB to -79dB, -∞) of audible signal in EXT ATT block (3 in block diagram).
10
11
12
22
21
20
19
18
17
16
15
14
13
3
4
5
6
7
8
9
24
23
1
2
VCC/2
100k
GND
+
-
100k
100k
2. Volume (+23dB ~ -79dB, -∞)
(Select Address 28,29,2A,2B,2C,2Dhex)
100k
100k
100k
100k
100k
100k
100k
100k
I2C-BUS LOGIC
VCC
SDA
SCL
CS
GND
FIL
DIFFOUT
NIN
PIN
INF1
INF2
INR1
INR2
INS1
INS2
EXT1
EXT2
EXT3
OUTS2
OUTS1
OUTR2
OUTR1
OUTF2
OUTF1
3. EXT ON/OFF①
(Select Address 30,31,32hex)
4. EXT ATT (0dB ~ -79dB, -∞)
(Select Address 01,33,34,35hex)
1. EXT ON/OFF②
(Select Address 02,30,31,32hex)


Similar Part No. - BD34602FS-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3460FS ROHM-BD3460FS Datasheet
741Kb / 29P
   General-Purpose Electronic Volume with Built-in Advanced Switch
BD3460FS ROHM-BD3460FS Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3460FS-E2 ROHM-BD3460FS-E2 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3460FS ROHM-BD3460FS_15 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
More results

Similar Description - BD34602FS-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD34704KS2 ROHM-BD34704KS2 Datasheet
1Mb / 40P
   7.1ch Sound Processor for High-Quality Audio with Built-in Micro-step Volume
BD37069FV-M ROHM-BD37069FV-M Datasheet
2Mb / 41P
   Sound Processor for Car Audio with Built-in High-Voltage Amplifier
BD3830FS ROHM-BD3830FS Datasheet
240Kb / 6P
   SCF built-in audio sound processor for TV
BD3831FS ROHM-BD3831FS Datasheet
208Kb / 6P
   SCF built-in audio sound processor for TV
BD3827K ROHM-BD3827K Datasheet
220Kb / 6P
   SCF built-in sound processor for car audio
BD3801FS ROHM-BD3801FS Datasheet
210Kb / 6P
   SCF built-in sound processor for car audio
BD3805F ROHM-BD3805F Datasheet
204Kb / 6P
   SCF built-in sound processor for car audio
BD3426K ROHM-BD3426K Datasheet
217Kb / 6P
   SCF built-in sound processor for car audio
BD3460FS ROHM-BD3460FS_15 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
logo
Renesas Technology Corp
M61510AFP RENESAS-M61510AFP Datasheet
681Kb / 23P
   Sound Controller for Quality/Sound Field Control, with Built-in Surround Sound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com