Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD37513FS-E2 Datasheet(PDF) 7 Page - Rohm

Part # BD37513FS-E2
Description  Sound Processor with Built-in 2-band Equalizer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD37513FS-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BD37513FS-E2 Datasheet HTML 3Page - Rohm BD37513FS-E2 Datasheet HTML 4Page - Rohm BD37513FS-E2 Datasheet HTML 5Page - Rohm BD37513FS-E2 Datasheet HTML 6Page - Rohm BD37513FS-E2 Datasheet HTML 7Page - Rohm BD37513FS-E2 Datasheet HTML 8Page - Rohm BD37513FS-E2 Datasheet HTML 9Page - Rohm BD37513FS-E2 Datasheet HTML 10Page - Rohm BD37513FS-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
BD37513FS
7/26
TSZ02201-0C2C0E100430-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
16.Dec.2015 Rev.001
Typical Performance Curves - continued
Treble Gain [dB]
1
10
100
1000
-20 -15 -10 -5
0
5
10 15 20
Bass Gain [dB]
DIN-Audio
IHF-A
Figure 7. Output Noise vs Bass Gain
Bass Gain [dB]
Figure 8. Output Noise vs Treble Gain
1
10
100
1000
-20 -15 -10 -5
0
5
10 15 20
Treble Gain [dB]
DIN-Audio
IHF-A
-25
-20
-15
-10
-5
0
5
10
15
20
25
10
1k
100k
Frequency (Hz)
Figure
5. Treble Gain vs Frequency
TREBLE GAIN:-20dB to +20dB
/1dB step
fo : 7.5kHz
Q : 0.75
Frequency [Hz]
Figure 6. Output Noise vs Volume Gain
1
10
100
1000
-80 -70 -60 -50 -40 -30 -20 -10 0
10 20
Volume Gain[dB]
Din-Audio
IHF-A
Volume Gain [dB]


Similar Part No. - BD37513FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37513FS ROHM-BD37513FS Datasheet
113Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD37513FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37522FS ROHM-BD37522FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37512FS ROHM-BD37512FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37511FS ROHM-BD37511FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37523FS ROHM-BD37523FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37503FV ROHM-BD37503FV Datasheet
1Mb / 32P
   Sound processor with Built-in 2-band Equalizer
BD37515FS ROHM-BD37515FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37521FS ROHM-BD37521FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37514FS ROHM-BD37514FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com