Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB572 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSB572
Description  Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB572 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSB572 Datasheet HTML 4Page - STMicroelectronics TSB572 Datasheet HTML 5Page - STMicroelectronics TSB572 Datasheet HTML 6Page - STMicroelectronics TSB572 Datasheet HTML 7Page - STMicroelectronics TSB572 Datasheet HTML 8Page - STMicroelectronics TSB572 Datasheet HTML 9Page - STMicroelectronics TSB572 Datasheet HTML 10Page - STMicroelectronics TSB572 Datasheet HTML 11Page - STMicroelectronics TSB572 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Electrical characteristics
TSB572
8/27
DocID028308 Rev 2
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
SR
Negative slew rate
Vin = 10.5 to 1.5 V, Av = 1, 10 % to
90 %, RL = 10 kΩ, CL = 100 pF
0.53
0.82
V/μs
-40 °C < T < 125 °C
0.40
Positive slew rate
Vin = 1.5 to 10.5 V, Av = 1, 10 % to
90 %, RL = 10 kΩ, CL = 100 pF
0.55
0.92
-40 °C < T < 125 °C
0.40
en
Equivalent input noise
voltage
f = 1 kHz
20
nV/√Hz
f = 0.1 Hz to 10 Hz
0.7
μVpp
THD+N
Total harmonic distortion +
noise
f = 1 kHz, Vin = 7 Vpp, RL = 10 kΩ,
CL = 100 pF
0.0005
%


Similar Part No. - TSB572

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSB572 STMICROELECTRONICS-TSB572 Datasheet
3Mb / 31P
   Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
Rev 7 - May 2020
TSB572 STMICROELECTRONICS-TSB572 Datasheet
9Mb / 34P
   Precision rail-to-rail input / output 36 V, 22 MHz op-amps
October 2019 Rev 5
TSB572 STMICROELECTRONICS-TSB572 Datasheet
1Mb / 35P
   Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
Rev 3 - December 2022
TSB572IDT STMICROELECTRONICS-TSB572IDT Datasheet
3Mb / 31P
   Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
Rev 7 - May 2020
TSB572IQ2T STMICROELECTRONICS-TSB572IQ2T Datasheet
3Mb / 31P
   Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
Rev 7 - May 2020
More results

Similar Description - TSB572

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSB571 STMICROELECTRONICS-TSB571 Datasheet
3Mb / 31P
   Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
Rev 7 - May 2020
logo
Texas Instruments
OPA170-EP TI1-OPA170-EP Datasheet
1Mb / 20P
[Old version datasheet]   36-V, SINGLE-SUPPLY, LOW-POWER OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TSB621 STMICROELECTRONICS-TSB621 Datasheet
1Mb / 35P
   Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
Rev 3 - December 2022
logo
Analog Devices
ADA4627-1 AD-ADA4627-1 Datasheet
626Kb / 16P
   36 V, 19 MHz, Low Noise, Low Bias Current, JFET Operational Amplifier
REV. A
logo
STMicroelectronics
TSB611 STMICROELECTRONICS-TSB611 Datasheet
1Mb / 24P
   Low-power, rail-to-rail output, 36 V operational amplifier
August 2015 Rev 1
logo
Texas Instruments
OPA2210 TI1-OPA2210 Datasheet
562Kb / 23P
[Old version datasheet]   2.2-nV/?숰z, Precision, Low-Power, 36-V Operational Amplifier
OPA828 TI1-OPA828 Datasheet
370Kb / 22P
[Old version datasheet]   Low-Offset, Low-Drift, Low-Noise, 50-MHz, 36-V JFET-Input Operational Amplifier
OPA196 TI1-OPA196 Datasheet
3Mb / 47P
[Old version datasheet]   36-V, Low-Power, Low Offset Voltage, Rail-to-Rail Operational Amplifier
OPA2210 TI1-OPA2210_V01 Datasheet
1Mb / 32P
[Old version datasheet]   OPA2210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifier
OPA2210 TI1-OPA2210_V02 Datasheet
1Mb / 36P
[Old version datasheet]   OPA2210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com