Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC4L32R010FER Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # FC4L32R010FER
Description  Industry standard sizes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

FC4L32R010FER Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  FC4L32R010FER Datasheet HTML 1Page - Ohmite Mfg. Co. FC4L32R010FER Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
9
A
B
P0
P2
D0
E
F
W
D1
P1
T
T2
Direction
of feed
A
B
P0
P2
D0
E
F
W
D1
P1
T
T2
Direction
of feed
W1
A
H N
W2
E
P a C kag IN g S P e CIFIC at IONS
Reel
Tape
inches(mm)
FC4L16
FC4L32
FC4L64
FC4L110
A
0.037 (0.95±0.05)
0.075 (1.90 ±0.1)
0.135 (3.43 ±0.2)
0.213 (5.40 ±0.10)
B
0.073 (1.85±0.05)
0.138 (3.50 ±0.1)
0.261 (6.63 ±0.2)
0.453 (11.50 ±0.10)
W
0.315 (8.00±0.10)
0.315 (8.00 ±0.2)
0.472 (12.0 ±0.3)
0.945 (24.00 ±0.30)
F
0.138 (3.50±0.05)
0.138 (3.50 ±0.05) 0.069 (1.75 ±0.1)
0.069 (1.75 ±0.10)
E
0.069 (1.75±0.10)
0.069 (1.75 ±0.1)
0.217 (5.5 ±0.05)
0.453 (11.50 ±0.10)
P0
0.157 (4.00±0.10)
0.157 (4.0 ±0.1)
0.157 (4.0 ±0.1)
0.157 (4.00 ±0.10)
P1
0.157 (4.00±0.10)
0.157 (4.0 ±0.1)
0.157 (4.0 ±0.1)
0.315 (8.00 ±0.10)
P2
0.079 (2.00±0.05)
0.079 (2.0 ±0.05)
0.079 (2.0 ±0.05)
0.079 (2.00 ±0.10)
D0
0.059 (1.50+0.10/-0) 0.059 (1.50 +0.1/-0) 0.059 (1.5 +0.1/-0) 0.059 (1.50 ±0.10)
D1
0.024 (0.60±0.05)
0.039 (1.00 +0.2/-0) 0.059 (1.5 +0.2/-0) 0.059 (1.50 ±0.10)
T
0.008 (0.20±0.05)
0.008 (0.20 ±0.05) 0.008 (0.20 ±0.05) 0.012 (0.30 ±0.05)
T2
0.022 (0.55±0.05)
0.039 (1.00 ±0.2)
0.059 (1.5) max.
0.047 (1.2 ±0.15)
FC4L16
FC4L32 & 64
FC4L110
A
7.087 (180 +0/-3) 7.087 (180 +0/-3) 7.087 (180 ±2.0)
H 0.512 (13 ±0.2)
0.512 (13 ±0.2)
0.512 (13 ±0.2)
E
0.079 (2.0 ±0.5)
0.079 (2.0 ±0.5)
0.079 (2.0 ±0.5)
N 2.362 (60 +1/-0)
2.362 (60 +1/-0)
0.827 (21 ±0.8)
W1 0.354 (9.0 ±0.3)
0.512 (13.0 ±0.3) 1.000 (25.4 ±1.0)
W2 0.512 (13.0 ±0.3) 0.669 (17.0 ±1.4) 1.157 (29.4 ±1.0)
FC4L110R005FE R
Series
Tolerance
J= 5%
G=2%
F= 1%
D = 0.5%
Ohms
R005=0.005
R050=0.050
Taping Code
1,000 pc/reel
FC4L16: 5,000 pc/reel
RoHS Compliant
Package Size
110=11050=5W
64=6432=2W
32=3216=1W
16=1608=0.25W
TCR*
(ppm)
W= 25
V = 50
L = per chart
above
*FC4L32 and FC4L64 values over 0.100Ω only
Standard Part Numbers for FC4L series
0.25 watt
1 watt
2 watt
5 watt
FC4L32R001JER
FC4L64R001JER
FC4L110R001JER
FC4L32R002GER
FC4L64R002GER
FC4L110R002GER
FC4L32R003FER
FC4L64R003FER
FC4L110R003FER
FC4L16R005FER
FC4L32R005FER
FC4L64R005FER
FC4L110R005FER
FC4L64R010DER
FC4L110R010DER
FC4L16R010FER
FC4L32R010FER
FC4L64R010FER
FC4L110R010FER
FC4L64R015DER
FC4L110R015DER
FC4L16R015FER
FC4L32R015FER
FC4L64R015FER
FC4L110R015FER
FC4L64R020DER
FC4L110R020DER
FC4L16R020FER
FC4L32R020FER
FC4L64R020FER
FC4L110R020FER
FC4L64R025DER
FC4L110R025DER
FC4L16R025FER
FC4L32R025FER
FC4L64R025FER
FC4L110R025FER
FC4L64R030DER
FC4L110R030DER
FC4L16R030FER
FC4L32R030FER
FC4L64R030FER
FC4L110R030FER
FC4L64R050DER
FC4L110R050DER
FC4L16R050FER
FC4L32R050FER
FC4L64R050FER
FC4L110R050FER
FC4L16R100FER
FC4L32R100FER
FC4L64R100FER
FC4L110R100FER
3
4
1
W
L
t
2
5
1. Alumina substrate
2. Resistive element
(Ni-Cu-Mn alloy)
3. Electrode (Ni, Sn)
4. Protective coating
(Epoxy resin)
5. Marking (Epoxy
resin): wider mark
indicates “V” term.
0.5mm +0.2/-0.05
d
c
b
a
b
e
c
d
(mm)
a
b
c
d
e
FC4L16 0.25 1.2 0.40 0.30 1.2
FC4L32
0.4
2.7 0.35 0.3
2.7
FC4L64
2.0
4.4
0.7
0.5
5.4
FC4L110 3.2
5.6
1.6
1.1
8.7
L
W
t
b
c
d
Rating
(in.±.008/mm ±0.20)
(in./mm)
mm ±0.15
mm ±0.1
mm ±0.15
FC4L16 0.25 watt 0.063 / 1.60 0.031 / 0.8 0.010 / 0.26
0.30 ±.2
0.3 ±.2
1.0 ±.2
FC4L32
1 watt
0.126 / 3.20 0.063 / 1.6 0.014 / 0.35
0.35
0.2
2.6
FC4L64
2 watt
0.251 / 6.40 0.126 / 3.2
0.020 / 0.5
0.7
0.5
5.2
FC4L110
5 watt
0.433 / 11.0 0.197 / 5.0
0.028 / 0.7
1.4
1.1
8.5
FC4L Series
FC4L Four Terminal Current Sense
Metal Foil Construction
DIM e NSIONS
Land Pattern
O r D er IN g INFO r M at ION


Similar Part No. - FC4L32R010FER

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
FC4L32 OHMITE-FC4L32 Datasheet
547Kb / 2P
   Foil Construction ensures a very stable TCR
More results

Similar Description - FC4L32R010FER

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-LVK OHMITE-RES-LVK Datasheet
422Kb / 3P
   Industry standard sizes
logo
TT Electronics.
MIL-CHIP TTELEC-MIL-CHIP Datasheet
449Kb / 3P
   Four industry standard sizes available
logo
AVX Corporation
008290016000011 AVX-008290016000011 Datasheet
48Kb / 2P
   vailable in industry standard sizes of 10-64 positions
008289010006113 AVX-008289010006113 Datasheet
54Kb / 2P
   Available in industry standard sizes of 10-64 positions
008290034001011 AVX-008290034001011 Datasheet
48Kb / 2P
   Available in industry standard sizes of 10-64 positions
008290010000011 AVX-008290010000011 Datasheet
48Kb / 2P
   Available in industry standard sizes of 10-64 positions
logo
List of Unclassifed Man...
BMB0402A-600 ETC1-BMB0402A-600 Datasheet
156Kb / 14P
   Surface Mount Multilayer Chip Beads 0402 -1812 Industry Sizes
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
Energizer
EL123APBP ENERGIZER-EL123APBP Datasheet
253Kb / 1P
   Industry Standard Dimensions
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com