Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA08TB120 Datasheet(PDF) 3 Page - International Rectifier

Part # HFA08TB120
Description  Ultrafast, Soft Recovery Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFA08TB120 Datasheet(HTML) 3 Page - International Rectifier

  HFA08TB120 Datasheet HTML 1Page - International Rectifier HFA08TB120 Datasheet HTML 2Page - International Rectifier HFA08TB120 Datasheet HTML 3Page - International Rectifier HFA08TB120 Datasheet HTML 4Page - International Rectifier HFA08TB120 Datasheet HTML 5Page - International Rectifier HFA08TB120 Datasheet HTML 6Page - International Rectifier HFA08TB120 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Bulletin PD-2.383 rev. C 11/00
HFA08TB120
Fig. 1 - Max. Forward Voltage Drop Characteristics
Reverse Voltage-V
R (V)
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage
Forward Voltage Drop-V
FM(V)
Fig. 2 - Typ. Values Of Reverse Current
Vs. Reverse Voltage
Reverse Voltage-V
R(V)
Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
t1,Rectangular Pulse Duration (Seconds)
1
10
100
0246
8
10
T = 150˚C
T = 125˚C
T = 25˚C
J
J
J
1
10
100
1
10
100
1000
10000
T = 25˚C
J
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
Single Pulse
(Thermal Resistance)
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
Notes:
1. Duty factor D = t1/ t 2
2. Peak Tj = Pdm x ZthJC + Tc
2
t
1
t
P
DM
0.01
0.1
1
10
100
1000
0
300
600
900
1200
125˚C
100˚C
25˚C
T = 150˚C
J


Similar Part No. - HFA08TB120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA08TB120 IRF-HFA08TB120 Datasheet
163Kb / 7P
   ULTRAFAST, SOFT RECOVERY DIODE
logo
Vishay Siliconix
HFA08TB120 VISHAY-HFA08TB120 Datasheet
111Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 30-Jul-08
HFA08TB120 VISHAY-HFA08TB120 Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 25-Jul-08
logo
Thinki Semiconductor Co...
HFA08TB120 THINKISEMI-HFA08TB120 Datasheet
660Kb / 3P
   10 Ampere,1200 Volt SwitchMode Single Fast Recovery Epitaxial Diode
logo
International Rectifier
HFA08TB120PBF IRF-HFA08TB120PBF Datasheet
163Kb / 7P
   ULTRAFAST, SOFT RECOVERY DIODE
More results

Similar Description - HFA08TB120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com