Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJPF08N80 Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJPF08N80
Description  N-Channel Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJPF08N80 Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJPF08N80 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJPF08N80 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJPF08N80 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJPF08N80 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0123
4567
0.0
0.2
0.4
0.6
0.8
1.0
1.2
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
3456
789
10
0
1
2
3
4
5
6
7
8
1234
5678
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
5
10
15
20
25
30
0
1
2
3
4
5
6
7
8
9
10
V
DS=10V
Pulsed
GATE TO SOURCE VOLTAGE V
GS
(V)
Transfer Characteristics
T
a=100
T
a=25
I
D=250uA
Threshold Voltage
JUNCTION TEMPERATURE T
J
( )
8
Pulsed
SOURCE TO DRAIN VOLTAGE V
SD
(V)
V
SD
I
S
——
T
a=100
T
a=25
Pulsed
I
D=4A
R
DS(ON)——
V
GS
GATE TO SOURCE VOLTAGE V
GS
(V)
T
a=100
T
a=25
0.5
T
a=25
Pulsed
DRAIN CURRENT I
D
(A)
I
D
——
R
DS(ON)
V
GS=10V
V
GS= 10V
V
GS=6V
Pulsed
Output Characteristics
DRAIN TO SOURCE VOLTAGE V
DS
(V)
V
GS= 8V
V
GS=5.5V
V
GS=5V
=4.5V
Typical Characteristics
www.cj-elec.com
3
B,May,2016


Similar Part No. - CJPF08N80

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJPF08N60 ZPSEMI-CJPF08N60 Datasheet
701Kb / 3P
   Plastic-Encapsulate MOSFETS
logo
Jiangsu Changjiang Elec...
CJPF08N60 JIANGSU-CJPF08N60 Datasheet
1Mb / 4P
   N-Channel Power MOSFET
logo
ZP Semiconductor
CJPF08N65 ZPSEMI-CJPF08N65 Datasheet
877Kb / 3P
   Plastic-Encapsulate MOSFETS
logo
Jiangsu Changjiang Elec...
CJPF08N65 JIANGSU-CJPF08N65 Datasheet
1Mb / 4P
   N-Channel Power MOSFET
More results

Similar Description - CJPF08N80

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com