Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJU18P10 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJU18P10
Description  P-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJU18P10 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJU18P10 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJU18P10 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJU18P10 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJU18P10 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJU18P10 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Off characteristics
Drain-source breakdown voltage
V(BR) DSS
VGS = 0V, ID =-250µA
-100
V
Zero gate voltage drain current
IDSS
VDS =-100V, VGS =0V
-1
µA
Gate-body leakage current
IGSS
VDS =0V, VGS =±20V
±20
µA
On characteristics (note2)
Gate-threshold voltage
VGS(th)
VDS =VGS, ID =-250µA
-1
-1.9
-3
V
Static drain-source on-sate resistance
RDS(on)
VGS =-10V, ID =-16A
85
100
mΩ
Forward transconductance
g
FS
VDS =-50V, ID =-10A
5
S
Dynamic characteristics (note 3)
Input capacitance
Ciss
VDS =-25V,VGS =0V,
f =1MHz
2100
pF
Output capacitance
Coss
590
Reverse transfer capacitance
Crss
140
Switching characteristics (note 3)
Total gate charge
Qg
VDS=-80V, VGS=-10V,
ID=-16A
61
nC
Gate-source charge
Qgs
14
Gate-drain charge
Qgd
29
Turn-on delay time
td(on)
VDD=-50V,VGS=-10V,
RG=9.1Ω, ID=-16A
16
ns
Turn-on rise time
tr
73
Turn-off delay time
td(off)
34
Turn-off fall time
tf
57
Drain-Source Diode Characteristics
Drain-source diode forward voltage(note2)
VSD
VGS =0V, IS=-16A
-1.2
V
Continuous drain-source diode forward
current
IS
-18
A
Pulsed drain-source diode forward current
ISM
-72
A
Notes:
1.
L=0.5mH,VDD=-50V,VG=-10V,RG=25Ω,Starting TJ=25℃.
2.
Pulse Test : Pulse Width≤300µs, duty cycle ≤2%.
3.
Guaranteed by design, not subject to production.
MOSFET ELECTRICAL CHARACTERISTICS
a
T =25
℃ unless otherwise specified
www.cj-elec.com
2
A-1,Feb,2016


Similar Part No. - CJU18P10

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJU10N10 ZPSEMI-CJU10N10 Datasheet
502Kb / 2P
   Plastic-Encapsulate MOSFETS
logo
Jiangsu Changjiang Elec...
CJU10N10 JIANGSU-CJU10N10 Datasheet
910Kb / 5P
   N-Channel Power MOSFET
logo
ZP Semiconductor
CJU1117-1.5 ZPSEMI-CJU1117-1.5 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJU1117-1.5 ZPSEMI-CJU1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJU1117-1.5 ZPSEMI-CJU1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - CJU18P10

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com