Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVC0402T2504JET Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # HVC0402T2504JET
Description  Low temperature and voltage dependency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

HVC0402T2504JET Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  HVC0402T2504JET Datasheet HTML 1Page - Ohmite Mfg. Co. HVC0402T2504JET Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
21
dimen S ion S
(mm)
ho W to order
Power
Size Rating (mW)
L
W
T
a
0402
50
1.04 ±.05
0.50 ±.05
0.30 ±.05
0.1 +.1/-.05
0603
100
1.50 +.15/-.05
0.80 +.15/-.05
0.40 +.15/-.05
0.2 +.2/-.1
0805
125
2.00 +.15/-.05
1.25 +.15/-.05
0.40 +.15/-.05
0.3 +.2/-.1
1206
250
3.20 +.15/-.05
1.50 +.2/-.05
0.40 +.15/-.05
0.3 +.2/-.1
2512
1000
6.30 +.15/-.05
3.50 +.2/-.05
0.60 +.15/-.05
0.9 ±.2
4020
1500 10.20 +.20/-.05
5.10 +.2/-.05
0.60 +.20/-.1
0.9 ±.2
W
L
T
a
hVc Series
Precision High-Value High-voltage Wraparound Chip
H V C 1 2 0 6 T 1 0 0 4 J E T
Tolerance
D =0.50%
F = 1%
G = 2%
J = 5%
K = 10%
M= 20%
P = 30%
Ohms
1004 = 1M
Ω
5006 = 500M
Ω
(ppm)
TCR
W=
25
V =
50
T = 100
Z = 250
E = 500
N = 1000
U = 2000
Tape & Reel
500 pc/reel
RoHS Compliant
Package
Size
Series
High Voltage
Wrap Around Chip
t erminal d etail S
Base Metal
PdAg
Termination Finish
100% electroplated matte Sn100
Thickness of Finish
5 microns
Barrier Material between Base Metal and Finish
Porosity-free Ni (5-8 microns thickness)
Baking/Annealing Process after Sn Plating
150°C; > 4 hours
Peak Process Body Temperature (Classification
Temperature) and Maximum Time
260°C for 10 seconds
Standard Part Numbers
HVC0402E5006KET
HVC0402N5007KET
HVC0402T1004JET
HVC0402T1005JET
HVC0402T1006JET
HVC0402T2504JET
HVC0402T2505JET
HVC0402Z2506JET
HVC0402T5004JET
HVC0402T5005JET
HVC0603N1007KET
HVC0603N5007KET
HVC0603T1004FET
HVC0603T1005FET
HVC0603T1006FET
HVC0603T2504FET
HVC0603T2505FET
HVC0603T5004FET
HVC0603T5005FET
HVC0603Z5006JET
HVC0805E1008KET
HVC0805T1004JET
HVC0805T1005JET
HVC0805T1006JET
HVC0805T2504JET
HVC0805T2505JET
HVC0805Z2506JET
HVC0805T5004JET
HVC0805T5005JET
HVC0805E5007JET
HVC0805Z1007JET
HVC0805Z5006JET
HVC1206T1004JET
HVC1206T1005JET
HVC1206T1006JET
HVC1206Z2504JET
HVC1206T2505JET
HVC1206Z2506JET
HVC1206T5004JET
HVC1206T5005JET
HVC1206Z5007KET
HVC1206Z1007JET
HVC1206Z1008KET
HVC1206Z5006JET
HVC2512T1004JET
HVC2512T1005JET
HVC2512T1006JET
HVC2512T1007JET
HVC2512T1008KET
HVC2512T2504JET
HVC2512T2505JET
HVC2512T2506JET
HVC2512T5004JET
HVC2512T5005JET
HVC2512T5006JET
HVC2512T5007JET
HVC4020V1004JET
HVC4020V1005JET
HVC4020V1006JET
HVC4020V1007JET
HVC4020V1008KET
HVC4020V2504JET
HVC4020V2505JET
HVC4020V2506JET
HVC4020Z2508KET
HVC4020V5004JET
HVC4020V5005JET
HVC4020V5006JET
HVC4020V5007JET


Similar Part No. - HVC0402T2504JET

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
HVC0402T2504JET OHMITE-HVC0402T2504JET Datasheet
330Kb / 2P
   Precision High-Value High-voltage Wraparound Chip
More results

Similar Description - HVC0402T2504JET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASC7531A ETC2-ASC7531A Datasheet
308Kb / 18P
   LOW-VOLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR AND VOLTAGE MONITOR
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
   Temperature and voltage monitor
August 2008
logo
Analog Devices
TMP35 AD-TMP35 Datasheet
476Kb / 16P
   Low Voltage Temperature Sensors
REV. C
TMP37 AD-TMP37_15 Datasheet
367Kb / 20P
   Low Voltage Temperature Sensors
TMP35 AD-TMP35_15 Datasheet
367Kb / 20P
   Low Voltage Temperature Sensors
TMP35 AD-TMP35_10 Datasheet
341Kb / 20P
   Low Voltage Temperature Sensors
Rev. F
TMP36 AD-TMP36_15 Datasheet
367Kb / 20P
   Low Voltage Temperature Sensors
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Maxim Integrated Produc...
MAX6607 MAXIM-MAX6607 Datasheet
135Kb / 6P
   Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
Rev 1; 6/01
logo
Micron Technology
MT28F1284W18 MICRON-MT28F1284W18 Datasheet
785Kb / 66P
   1.8V Low Voltage, Extended Temperature
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com