Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1309VB2 Datasheet(PDF) 10 Page - New Japan Radio

Part # NJG1309VB2
Description  TRANSMITTING POWER AMPLIFIER GaAs MMIC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1309VB2 Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJG1309VB2 Datasheet HTML 6Page - New Japan Radio NJG1309VB2 Datasheet HTML 7Page - New Japan Radio NJG1309VB2 Datasheet HTML 8Page - New Japan Radio NJG1309VB2 Datasheet HTML 9Page - New Japan Radio NJG1309VB2 Datasheet HTML 10Page - New Japan Radio NJG1309VB2 Datasheet HTML 11Page - New Japan Radio NJG1309VB2 Datasheet HTML 12Page - New Japan Radio NJG1309VB2 Datasheet HTML 13Page - New Japan Radio NJG1309VB2 Datasheet HTML 14Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
- 10 -
NJG1309VB2
0
10
20
30
40
50
1.85
1.90
1.95
Freq [ GHz ]
Small Signal Power Gain vs. Frequency
V
DD1
=V
STB
=V
DD2,3
=3V,I
DD2,3
=130mA at T
a
=25
oC
+V
CONT
=0.0V
+V
CONT
=0.9V
+V
CONT
=1.1V
+V
CONT
=2.0V
nTYPICAL CHARACTERISTICS
-20
-15
-10
-5
0
1.0
1.5
2.0
2.5
3.0
Freq [ GHz ]
Intput Return Loss vs. Frequency
V
DD1
=V
STB
=V
DD2,3
=3V,I
DD2,3
=130mA at T
a
=25
o
C
+V
CONT
=0.0V
+V
CONT
=0.9V
+V
CONT
=2.0V
+V
CONT
=1.1V
0
10
20
30
40
50
1.0
1.5
2.0
2.5
3.0
Freq [ GHz ]
Small Signal Power Gain vs. Frequency
V
DD1
=V
STB
=V
DD2,3
=3V,I
DD2,3
=130mA at T
a
=25
oC
+V
CONT
=0.0V
+V
CONT
=0.9V
+V
CONT
=2.0V
+V
CONT
=1.1V
-10
0
10
20
30
40
50
1.0
1.5
2.0
2.5
3.0
Freq [ GHz ]
Small Signal Power Gain vs. Frequency
V
DD1
=V
STB
=V
DD2,3
=3V,+V
CONT
=0V at T
a
=25
oC
I
DD2,3
=20mA
I
DD2,3
=160mA
I
DD2,3
=40mA
I
DD2,3
=60mA
I
DD2,3
=80mA
I
DD2,3
=140mA
I
DD2,3
=100mA
I
DD2,3
=120mA
-40
-35
-30
-25
-20
-15
-10
-5
0
1.0
1.5
2.0
2.5
3.0
Freq [ GHz ]
Output Return Loss vs. Frequency
V
DD1
=V
STB
=V
DD2,3
=3V,I
DD2,3
=130mA at T
a
=25
oC
+V
CONT
=0.0V
+V
CONT
=0.9V
+V
CONT
=2.0V
+V
CONT
=1.1V
0
10
20
30
40
50
1.750 1.755 1.760 1.765 1.770 1.775 1.780
Freq [ GHz ]
Small Signal Power Gain vs. Frequency
V
DD1
=V
STB
=V
DD2,3
=3V,I
DD2,3
=130mA at T
a
=25
oC
+V
CONT
=0.0V
+V
CONT
=0.9V
+V
CONT
=1.1V
+V
CONT
=2.0V


Similar Part No. - NJG1309VB2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1301V NJRC-NJG1301V Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C1 NJRC-NJG1301V-C1 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C2 NJRC-NJG1301V-C2 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C3 NJRC-NJG1301V-C3 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C4 NJRC-NJG1301V-C4 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
More results

Similar Description - NJG1309VB2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM71100 MA-COM-MAAM71100_15 Datasheet
792Kb / 4P
   GaAs MMIC Power Amplifier
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
   GaAs MMIC Power Amplifier
XU1006-BD MA-COM-XU1006-BD_15 Datasheet
1Mb / 1P
   GaAs MMIC Power Amplifier
MAAM26100-P1 MA-COM-MAAM26100-P1_15 Datasheet
586Kb / 4P
   GaAs MMIC Power Amplifier
MAAM26100-B1 MA-COM-MAAM26100-B1_15 Datasheet
553Kb / 3P
   GaAs MMIC Power Amplifier
MAAM71100_V6 MA-COM-MAAM71100_V6 Datasheet
224Kb / 3P
   GaAs MMIC Power Amplifier
MAAM26100-B1_V7 MA-COM-MAAM26100-B1_V7 Datasheet
90Kb / 2P
   GaAs MMIC Power Amplifier
MAAM26100 MA-COM-MAAM26100_15 Datasheet
780Kb / 6P
   GaAs MMIC Power Amplifier
MAAM26100 MA-COM-MAAM26100 Datasheet
785Kb / 5P
   GaAs MMIC Power Amplifier
MAAM26100-B1 MA-COM-MAAM26100-B1 Datasheet
90Kb / 2P
   GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com