Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1221 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC1221
Description  High-Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1221 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC1221_14 Datasheet HTML 4Page - Microchip Technology TC1221_14 Datasheet HTML 5Page - Microchip Technology TC1221_14 Datasheet HTML 6Page - Microchip Technology TC1221_14 Datasheet HTML 7Page - Microchip Technology TC1221_14 Datasheet HTML 8Page - Microchip Technology TC1221_14 Datasheet HTML 9Page - Microchip Technology TC1221_14 Datasheet HTML 10Page - Microchip Technology TC1221_14 Datasheet HTML 11Page - Microchip Technology TC1221_14 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TC1221/TC1222
DS20001367C-page 8
 2002-2014 Microchip Technology Inc.
4.9
Voltage Doubler/Inverter
Another common application of the TC1221/TC1222 is
shown in Figure 4-6. This circuit performs two functions
in combination. C1 and C2 form the standard inverter
circuit described above. C3 and C4 plus the two diodes
form the voltage doubler circuit. C1 and C3 are the
pump capacitors and C2 and C4 are the reservoir
capacitors. Because both sub-circuits rely on the same
switches if either output is loaded, both will droop
toward GND. Make sure that the total current drawn
from both the outputs does not total more than 40mA.
4.10
Diode Protection for Heavy Loads
When heavy loads require the OUT pin to sink large
currents being delivered by a positive source, diode
protection may be needed. The OUT pin should not be
allowed
to
be
pulled
above
ground.
This
is
accomplished
by
connecting
a
Schottky
diode
(1N5817) as shown in Figure 4-7.
4.11
Layout Considerations
As with any switching power supply circuit, good layout
practice is recommended. Mount components as close
together as possible to minimize stray inductance and
capacitance. Noise leakage into other circuitry can be
minimized with the use of a large ground plane.
FIGURE 4-6:
COMBINED DOUBLER AND INVERTER
FIGURE 4-7:
HIGH V– LOAD CURRENT
C1
D1
D2
D1, D2 = 1N4148
6
4
1
2
3
C2
C4
C3
VIN
VOUT = -VIN
VOUT = (2VIN) –
(VFD1) – (VFD2)
TC1221
TC1222
Shutdown
Control
5
+
+
+
+
TC1221
TC1222
GND
OUT
4
1


Similar Part No. - TC1221_14

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1221ECH MICROCHIP-TC1221ECH Datasheet
462Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221ECH MICROCHIP-TC1221ECH Datasheet
469Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
TC1221ECHTR MICROCHIP-TC1221ECHTR Datasheet
469Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
More results

Similar Description - TC1221_14

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1221 MICROCHIP-TC1221 Datasheet
462Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221ECHTR MICROCHIP-TC1221ECHTR Datasheet
469Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
TC1219 MICROCHIP-TC1219 Datasheet
482Kb / 16P
   Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
logo
Analog Devices
ADM8829 AD-ADM8829_15 Datasheet
76Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5930 GMT-G5930_15 Datasheet
65Kb / 1P
   Switched Capacitor Voltage Inverter with Shutdown
logo
Analog Devices
ADM8828ART-REEL AD-ADM8828ART-REEL Datasheet
69Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828ARTZ AD-ADM8828ARTZ Datasheet
69Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5930 GMT-G5930 Datasheet
311Kb / 8P
   Switched Capacitor Voltage Inverter with Shutdown
logo
ON Semiconductor
MAX1720 ONSEMI-MAX1720 Datasheet
182Kb / 18P
   Switched Capacitor Voltage Inverter with Shutdown
December, 2005 ??Rev. 3
logo
Analog Devices
ADM8828 AD-ADM8828 Datasheet
67Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com