Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL613-01 Datasheet(PDF) 11 Page - Microchip Technology

Part # PL613-01
Description  1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL613-01 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PL613-01 Datasheet HTML 7Page - Microchip Technology PL613-01 Datasheet HTML 8Page - Microchip Technology PL613-01 Datasheet HTML 9Page - Microchip Technology PL613-01 Datasheet HTML 10Page - Microchip Technology PL613-01 Datasheet HTML 11Page - Microchip Technology PL613-01 Datasheet HTML 12Page - Microchip Technology PL613-01 Datasheet HTML 13Page - Microchip Technology PL613-01 Datasheet HTML 14Page - Microchip Technology PL613-01 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005650A-page 11
PL613-01
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
16-Pin QFN*
XXXXXX
NNN
XXX
16-Pin TSSOP*
Example
P613-01
13016
A20
XXXX-XX
WWNNN
XXX
Example
P61301
420
K79
Legend:
XX...X
Product code or customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (⎯) symbol may not be to scale.
3
e
3
e


Similar Part No. - PL613-01

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL613-05 PLL-PL613-05 Datasheet
456Kb / 9P
   1.8V-3.3V PicoTreoTM, 3-PLL, 200MHz, 5 Output Clock IC
PL613-05-XXXMC PLL-PL613-05-XXXMC Datasheet
456Kb / 9P
   1.8V-3.3V PicoTreoTM, 3-PLL, 200MHz, 5 Output Clock IC
PL613-05-XXXMCR PLL-PL613-05-XXXMCR Datasheet
456Kb / 9P
   1.8V-3.3V PicoTreoTM, 3-PLL, 200MHz, 5 Output Clock IC
PL613-05-XXXMI PLL-PL613-05-XXXMI Datasheet
456Kb / 9P
   1.8V-3.3V PicoTreoTM, 3-PLL, 200MHz, 5 Output Clock IC
PL613-05-XXXMIR PLL-PL613-05-XXXMIR Datasheet
456Kb / 9P
   1.8V-3.3V PicoTreoTM, 3-PLL, 200MHz, 5 Output Clock IC
More results

Similar Description - PL613-01

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL612-05 PLL-PL612-05 Datasheet
429Kb / 9P
   1.8V-3.3V PicoPLL, 2-PLL, 200MHz, 5 Output Clock IC
PL613-05 PLL-PL613-05 Datasheet
456Kb / 9P
   1.8V-3.3V PicoTreoTM, 3-PLL, 200MHz, 5 Output Clock IC
logo
Microchip Technology
PL611S-02 MICROCHIP-PL611S-02 Datasheet
290Kb / 20P
   1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
logo
ON Semiconductor
NB3N511 ONSEMI-NB3N511 Datasheet
111Kb / 6P
   3.3V / 5.0V 14 MHz to 200 MHz PLL Clock Multiplier
May, 2012 ??Rev. 3
NB3N511 ONSEMI-NB3N511_13 Datasheet
110Kb / 6P
   3.3V / 5.0V 14 MHz to 200 MHz PLL Clock Multiplier
November, 2013 ??Rev. 4
logo
Analog Devices
ADF4001 AD-ADF4001_15 Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
logo
Microchip Technology
PL610-01 MICROCHIP-PL610-01 Datasheet
316Kb / 20P
   1.8V to 3.3V, 1 MHz to 130 MHz XO IC
06/23/16
logo
Analog Devices
ADF4001 AD-ADF4001_03 Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
ADF4001 AD-ADF4001 Datasheet
190Kb / 16P
   200 MHz Clock Generator PLL
REV. 0
logo
PhaseLink Corporation
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
   1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com