Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL138-48QC Datasheet(PDF) 4 Page - Microchip Technology

Part # PL138-48QC
Description  2.5V to 3.3V, Low-Skew, 1:4 Differential PECL Fanout Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL138-48QC Datasheet(HTML) 4 Page - Microchip Technology

  PL138-48QC Datasheet HTML 1Page - Microchip Technology PL138-48QC Datasheet HTML 2Page - Microchip Technology PL138-48QC Datasheet HTML 3Page - Microchip Technology PL138-48QC Datasheet HTML 4Page - Microchip Technology PL138-48QC Datasheet HTML 5Page - Microchip Technology PL138-48QC Datasheet HTML 6Page - Microchip Technology PL138-48QC Datasheet HTML 7Page - Microchip Technology PL138-48QC Datasheet HTML 8Page - Microchip Technology PL138-48QC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
PL138-48
DS20005543B-page 4
 2016 Microchip Technology Inc.
AC ELECTRICAL CHARACTERISTICS
VCC = –3.8V to –2.375 or VCC = 2.375V to 3.8V; VEE = 0V; TA = –40°C to +85°C. All parameters are measured at
f ≤ 800 MHz unless otherwise noted.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Output Frequency
fMAX
800
MHz
At all temperatures
Propagation Delay, (Note 1)tPD
600
680
750
ps
At –40°C
650
725
790
At +25°C
690
790
890
At +85°C
Output Skew, (Note 2, Note 4)tSK(O)
25
37
ps
At all temperatures
Part-to-Part Skew, (Note 3,
Note 4)
tSK(PP)
85
225
ps
At all temperatures
Buffer Additive Phase Jitter,
RMS
tAPJ
0.10
ps
At all temperatures; refer to
Noise Characteristics
section
Peak-to-Peak Input Voltage
(Differential Configuration)
VPP
150
800
1200
mV
At all temperatures
Peak-to-Peak Output Voltage
VSWING
470
800
950
mV
At –40°C
600
800
930
At +25°C
600
800
930
At +85°C
Output Rise/Fall Time
tR/tF
200
550
ps
At all temperatures; 20% to
80% at full output swing.
Note 1: Measured from the differential input crossing point to the differential output crossing point.
2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at
the output differential cross points.
3: Defined as skew between outputs on different devices operating at the same supply voltages and with
equal load conditions. Using the same type of inputs on each device, the outputs are measured at the dif-
ferential cross points.
4: This parameter is defined in accordance with JEDEC Standard 65.


Similar Part No. - PL138-48QC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL138-28 MICREL-PL138-28 Datasheet
257Kb / 11P
   2.5V-3.3V Low-Skew 1-2 Differential PECL Fanout Buffer
More results

Similar Description - PL138-48QC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL138-28 MICREL-PL138-28 Datasheet
257Kb / 11P
   2.5V-3.3V Low-Skew 1-2 Differential PECL Fanout Buffer
logo
Renesas Technology Corp
ICS853S004I RENESAS-ICS853S004I Datasheet
474Kb / 21P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
May 27, 2017
logo
Integrated Device Techn...
ICS853S004I IDT-ICS853S004I Datasheet
278Kb / 20P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
853S004I IDT-853S004I Datasheet
278Kb / 20P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
IDT8T33FS314I RENESAS-IDT8T33FS314I Datasheet
933Kb / 25P
   Low Skew, 1-to-4 Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
2019
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
ICS858012 ICST-ICS858012 Datasheet
231Kb / 15P
   LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
85314I-01 RENESAS-85314I-01 Datasheet
473Kb / 21P
   Low Skew, 1-to-5 Differential-to-2.5V/3.3V LVPECL Fanout Buffer
DECEMBER 19, 2014
logo
Integrated Circuit Syst...
ICS85314I-11 ICST-ICS85314I-11 Datasheet
250Kb / 18P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com