Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR53HD420-P2 Datasheet(PDF) 5 Page - International Rectifier

Part # IR53HD420-P2
Description  SELF-OSCILLATING HALF BRIDGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR53HD420-P2 Datasheet(HTML) 5 Page - International Rectifier

  IR53HD420-P2 Datasheet HTML 1Page - International Rectifier IR53HD420-P2 Datasheet HTML 2Page - International Rectifier IR53HD420-P2 Datasheet HTML 3Page - International Rectifier IR53HD420-P2 Datasheet HTML 4Page - International Rectifier IR53HD420-P2 Datasheet HTML 5Page - International Rectifier IR53HD420-P2 Datasheet HTML 6Page - International Rectifier IR53HD420-P2 Datasheet HTML 7Page - International Rectifier IR53HD420-P2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
IR53H(D)420(-P2)
Symbol Definition
Min.
Typ.
Max.
Units Test Conditions
fosc
Oscillator frequency
19.4
20
20.6
RT = 36.9kΩ
94
100
106
RT = 7.43k
d
RT pin duty cycle
48
50
52
%
fo < 100kHz
ICT
CT pin current
0.001
1.0
uA
ICTUV
UV-mode CT pin pulldown current
0.30
0.70
1.2
mA
VCC = 7V
VCT+
Upper CT ramp voltage threshold
8.0
VCT-
Lower CT ramp voltage threshold
4.0
VCTSD
CT voltage shutdown threshold
1.8
2.1
2.4
VRT+
High-level RT output voltage, VCC - VRT
10
50
IRT = 100µA
100
300
IRT = 1mA
VRT-
Low-level RT output voltage
10
50
IRT = 100µA
100
300
IRT = 1mA
VRTUV
UV-mode RT output voltage
0
100
VCC ≤ VCCUV-
VRTSD
SD-Mode RT output voltage, VCC - VRT
10
50
IRT = 100µA,
VCT = 0V
10
300
IRT = 1mA,
VCT = 0V
V
mV
kHz
Floating Supply Characteristics
Oscillator I/O Characteristics
Symbol Definition
Min.
Typ.
Max.
Units
Test Conditions
IQBSUV
Micropower startup VBS supply current
0
10
VCC ≤ VCCUV-
IQBS
Quiescent VBS supply current
30
50
VBSMIN
Minimum required VBS voltage for proper
4.0
5.0
V
VCC=VCCUV+ + 0.1V
functionality from RT to HO
IOS
Offset supply leakage current
50
µAVB = VS = 600V
VF
Bootstrap diode forward voltage (IR2153D)
0.5
1.0
V
IF = 250mA
µA
Electrical Characteristics
VBIAS (VCC, VBS) = 12V, CT = 1 nF and TA = 25°C unless otherwise specified. The VIN, VTH and IIN parameters are
referenced to COM.
Low Voltage Supply Characteristics
Symbol Definition
Min.
Typ.
Max.
Units
Test Conditions
VCCUV+
Rising VCC undervoltage lockout threshold
8.1
9.0
9.9
VCCUV-
Falling VCC undervoltage lockout threshold
7.2
8.0
8.8
VCCUVH
VCC undervoltage lockout Hysteresis
0.5
1.0
1.5
IQCCUV
Micropower startup VCC supply current
75
150
VCC ≤ VCCUV-
IQCC
Quiescent VCC supply current
500
950
VCLAMP
VCC zener clamp voltage
14.4
15.6
16.8
V
ICC = 5mA
V
µA


Similar Part No. - IR53HD420-P2

ManufacturerPart #DatasheetDescription
logo
Cisco Systems, Inc.
IR530 CISCO-IR530 Datasheet
509Kb / 6P
   Cisco IR530 Series Resilient Mesh Range Extenders
01/19
IR530SB-OFD-ANZ/K9 CISCO-IR530SB-OFD-ANZ/K9 Datasheet
509Kb / 6P
   Cisco IR530 Series Resilient Mesh Range Extenders
01/19
IR530SB-OFD-BRZ/K9 CISCO-IR530SB-OFD-BRZ/K9 Datasheet
509Kb / 6P
   Cisco IR530 Series Resilient Mesh Range Extenders
01/19
IR530SB-OFD-FCC/K9 CISCO-IR530SB-OFD-FCC/K9 Datasheet
509Kb / 6P
   Cisco IR530 Series Resilient Mesh Range Extenders
01/19
logo
Everlight Electronics C...
IR533C EVERLIGHT-IR533C Datasheet
192Kb / 7P
   5mm Infrared LED , T-1 3/4
More results

Similar Description - IR53HD420-P2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR51HD320 IRF-IR51HD320 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD737 IRF-IR51HD737 Datasheet
193Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD310 IRF-IR51HD310 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD420 IRF-IR51HD420 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H320 IRF-IR51H320 Datasheet
181Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD214 IRF-IR51HD214 Datasheet
184Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H224 IRF-IR51H224 Datasheet
73Kb / 7P
   SELF-OSCILLATING HALF BRIDGE
IR51H214 IRF-IR51H214 Datasheet
223Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H310 IRF-IR51H310 Datasheet
191Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H737 IRF-IR51H737 Datasheet
182Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD224 IRF-IR51HD224 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com