Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RES-MINIMOX Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # RES-MINIMOX
Description  Silicone or epoxy coating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RES-MINIMOX Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  RES-MINIMOX Datasheet HTML 1Page - Ohmite Mfg. Co. RES-MINIMOX Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
68
MOX1125231006F E
Mini Mox
Series
Terminal
0 = MOX-200 or 300;
MOX-200 Z or 300 Z = 50ppm
2 = 0.020"
7 = 0.032"
Style
200, 300, 400,
750, 1125
Tolerance
D= 0.5%
F= 1%
G= 2%
J= 5%
K= 10%
M= 15%
P= 20%
Coating
2 = Black silicone
3 = Epoxy
6 = No coating
Ohms
First 3 digits are
significant; 4th digit is
multiplier (# of zeroes
to follow). Examples:
10R2 = 10.2 ohms
1000 = 100 ohms
1503 = 150,000 ohms
E = RoHS Compliant
Notalltolerances
availablein
allvalues.
Series
Power
A max.
B max.
• High-temperature (silicone coated)
@70°C
MOX-400-22
0.35W
0.510” / 12.95
0.140” / 3.56
MOX-750-22
0.70W
0.820” / 20.83
0.140” / 3.56
MOX1125-22
1.40W
1.210” / 30.73
0.140” / 3.56
• Standard (epoxy coated)
@25°C
MOX-400-23
0.75W
0.580” / 14.78
0.165” / 4.19
MOX-750-23
1.00W
0.880” / 22.35
0.165” / 4.19
MOX1125-23
1.50W
1.270” / 32.26
0.165” / 4.19
A
B
1.5" typ.
lead dia.
0.020" typ.
Mini-Mox
Precision Thick Film Axial Terminal
High Voltage/High Resistance
di M ensions
(in./mm)
ho W to order
Temp. Coeff. of Resistance
Voltage Coeff. of Resistance**
Resistor Series
25 PPM/°C
50 PPM/°C
100 PPM/°C
< 2PPM/Volt
< 5PPM/Volt
MOX-400
1K-99M
100M-450M
451M-30,000M
1K-1,000M
1,001M-100,000M
MOX-750
1K-199M
200M-900M
901M-70,000M
1K-2,000M
2,001M-100,000M
MOX1125
1K-299M
300M-1,350M
1,351M-100,000M
1K-3,000M
3,001M-100,000M
*TCR of 25ppm for temperature range of 0°C-85°C. TCR of 50ppm and 100ppm for -55°C to 125°C. Consult fac-
tory for TCR values operating higher than 125°C
**For tighter VCs please contact Ohmite.
s tandard t e M p./Voltage c oe FF icients o F r esistance


Similar Part No. - RES-MINIMOX

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-MINIMOX-200-300 OHMITE-RES-MINIMOX-200-300 Datasheet
334Kb / 2P
   Wide resistance ranges
More results

Similar Description - RES-MINIMOX

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2.2K3A1I TEC-2.2K3A1I Datasheet
119Kb / 4P
   Thermally conductive epoxy coating
10K3A1AM TEC-10K3A1AM Datasheet
110Kb / 4P
   Thermally conductive epoxy coating
10K3A1 TEC-10K3A1 Datasheet
113Kb / 5P
   Thermally conductive epoxy coating
logo
Abracon Corporation
AISC-1210 ABRACON-AISC-1210 Datasheet
2Mb / 4P
   Epoxy coating protects wound wire
12.28.12
logo
OSRAM GmbH
KW-DPLS31.SB OSRAM-KW-DPLS31.SB Datasheet
778Kb / 24P
   SMD epoxy package, colored silicone resin
KY-HAVPA1.22 OSRAM-KY-HAVPA1.22 Datasheet
851Kb / 21P
   SMD epoxy package with silicone lens
KRHAVPA1.22-VWAV-DQ OSRAM-KRHAVPA1.22-VWAV-DQ Datasheet
829Kb / 22P
   SMD epoxy package with silicone lens
LYH9GP-HZKY-36-1 OSRAM-LYH9GP-HZKY-36-1 Datasheet
689Kb / 21P
   SMD epoxy package with silicone lens
KTHAVPA1.12-BVCU-DJ18 OSRAM-KTHAVPA1.12-BVCU-DJ18 Datasheet
878Kb / 23P
   SMD epoxy package with silicone lens
LDH9GP-3T2U-35-1 OSRAM-LDH9GP-3T2U-35-1 Datasheet
725Kb / 21P
   SMD epoxy package with silicone lens
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com