Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS3264R015FER Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # MCS3264R015FER
Description  Industrial electronics, power electronics
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

MCS3264R015FER Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  MCS3264R015FER Datasheet HTML 1Page - Ohmite Mfg. Co. MCS3264R015FER Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
15
MCS Series
Metal Element Current Sense
Resistive Metal Alloy mOhm Technology, SMD
Power Rating
Resistance TCR (ppm/°C)
Series
(@70°C)
5m
Ω
10m
Ω
15m
Ω
20m
Ω
25m
Ω
30m
Ω
40m
Ω
50m
Ω
MCS1632
1W
<200
<70
<40
<40
<40
<40
<40
<40
MCS3264
2W
<200
<70
<40
<40
<40
<40
<40
<40
C hara C teri S ti CS
Resistance Range 0.005Ω - 0.05Ω
Color white (top) / green (bottom)
Power 1 and 2 watts at 70°C
Standard resistance
values (mΩ)
5, 10, 15, 20, 25, 30, 35, 50
TCR ±50ppm/°C (two standard series
of temperatures: 25°C, 0°C, -15°C,
-55°C and 25°C, 50°C, 75°C, 125°C,
150°C; temp. tolerance ±3°C; TCR =
(R2-R1)/R1(T2-T1)x106)
Tolerance 1%, 3%, 5%
Rated voltage (PxR)1/2
100
Ambient Temperature, C
60
20
0
80
40
0
50 70
-55
100
150
Derating
Recommended
Solder Profile
NiCu or MnCu
Resistive Alloy
Material TCR ±10ppm/ϒK
96% Alumina Substrate
Thermo-dissipation
Protective Layer
Flame-retardant Epoxy
Protective Coat
Cu Electrode
Pb-free Termination
Marking
Epoxy UL-94-V0
Conformal
300
Time (sec.)
Preheating
120 sec.
Soldering
Cooling
200
50
50
0
100
150
250
200
0
250
100
150
60 sec.
10 sec.
Fea ture S
•NiCuorMnCuresistivealloy;materialTCR
±10ppm/°K
•MarkingepoxyUL-94-V0conformal
•96%aluminasubstratethermodissipationprotec-
tivelayer
•CuTerminalElectrodewithPbFreetermination
(60%Sn,40%Ni)
•Flame-retardantepoxyprotectivecoat(UL-94-V0)
•Ultralowresistancevalue(0.005
Ω~0.050Ω)
•Precisionresistancealloy(NiCr20AlSi,orCuMnNi);
materialselectedforlowTCR(<50ppm/°C)
•Superiortemperaturecoefficientcharacteristics;
resistancevs.temp.changefrom25°Cto125°C
within10ppm/°C~50ppm/°C
•Lowinductance,lowthermoEMF(<50µV/°C)
a ppli C a tion S
•Industrialelectronics,powerelectronics:power
supply,DC/DCconverter,AC/DCconverter,motor
controller,automotiveelectronics
•Batterycharger,PC,PDA,3Cproducts,
Telecommunications,instruments,whitegoods
S erie S S pe C i F i C ation S
Preheating:
145°C ±15°, max. 120 sec.
Soldering:
min. 220°C, max. 60 sec.
Max. Temp.:
260°C ±5°, 10 sec.


Similar Part No. - MCS3264R015FER

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MCS3264R015FER OHMITE-MCS3264R015FER Datasheet
196Kb / 1P
   Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
MCS3264R015FER OHMITE-MCS3264R015FER Datasheet
542Kb / 2P
   Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
More results

Similar Description - MCS3264R015FER

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
BPX61 OSRAM-BPX61 Datasheet
431Kb / 8P
   Industrial electronics
logo
List of Unclassifed Man...
Z8E00010PSC ETC-Z8E00010PSC Datasheet
69Kb / 1P
   electronics
logo
Schaffner International...
FN-2410 SCHAFFNER-FN-2410 Datasheet
480Kb / 4P
   EMC/RFI Filters for Industrial Electronics
logo
EPCOS
B25667-A2507-A175 EPCOS-B25667-A2507-A175 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4177-A375 EPCOS-B25667-A4177-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4207-A365 EPCOS-B25667-A4207-A365 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4237-A365 EPCOS-B25667-A4237-A365 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4237-A375 EPCOS-B25667-A4237-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4277-A375 EPCOS-B25667-A4277-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4307-A365 EPCOS-B25667-A4307-A365 Datasheet
36Kb / 2P
   Capacitors for Power Electronics
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com