Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFE5KR100E Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # PFE5KR100E
Description  Clamps, movable along resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

PFE5KR100E Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  PFE5KR100E Datasheet HTML 1Page - Ohmite Mfg. Co. PFE5KR100E Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
105
PFE and PFR Series
Powr-Rib® Edgewound
Edgewound and Round Wire
Current Rating Continuous duty as listed on follow-
ing page.
Wattage Rating 700 to 1,000 (up to 1,600 watts on
special order)
Resistance
Tolerance
±10% standard, ±5% available
Terminals Clamps, movable along resistor
wire for setting intermediate resis-
tance values on Edgewound units
(current must be derated in propor-
tion).
Temperature
Coefficient
±300 ppm/°C for resistors 50 amps
and more; ±500 ppm/°C for resis-
tors 47 amps or less
Ohmic Values See chart on following page
Mounting Metal mounting bar is slotted on
each end to facilitate installation.
Short Term
Overload
10x rated wattage for five seconds
100
Ambient Temperature, °C
60
20
0
80
40
25
50
150
350
100
0
200 250 300
Designed in both Edgewound and Round
Wire formats, these rugged resistors can
handle 700 to 1000 Watts of power.
Specify our Edgewound design for
very low resistance and high power
capacity. When higher resistance with lower power
capacity is required use our Round Wire design.
These resistors are constructed of a heavy resistance alloy mounted on
ceramic insulators and supported by a metal mounting bracket. Metal parts,
except for the resistance element, are heavily plated to prevent oxidation at high
operating temperatures and to prevent corrosion. The mounting bar is slotted
on each end to facilitate installation. Edgewound units provide clamp-type ter-
minals, permitting a reliable connection which can be moved along the resistive
element to obtain intermediate values.
cha R act ER i S tic S
Derating
Size* (No. of
Insulator-Sections Long)
2
3
4
5 (std.)
6
7
8
Dimension A
in.
8.875
11.875 14.875 17.875 20.875 23.875 26.875
mm
(225.43) (301.63) (377.83) (454.03) (530.23) (606.43) (682.63)
Dimension B
in.
7.250
10.250 13.250 16.250 19.250 22.250 25.250
mm
(184.15) (260.35) (336.55) (412.75) (488.95) (565.15) (641.35)
Max. Amps Ohms
Ohms
Ohms
Ohms
Ohms
Ohms
Ohms
PFE Edgewound
100
0.033
0.057
0.080
0.100
0.120
0.140
0.160
91
0.040
0.070
0.100
0.120
0.140
0.160
0.180
89
0.046
0.078
0.110
0.140
0.170
0.200
0.230
78
0.052
0.088
0.120
0.160
0.190
0.220
0.250
75
0.060
0.100
0.140
0.180
0.210
0.250
0.300
68
0.070
0.120
0.180
0.220
0.260
0.300
0.340
63
0.080
0.130
0.190
0.250
0.300
0.350
0.400
57
0.100
0.160
0.230
0.300
0.360
0.420
0.480
54
0.110
0.180
0.250
0.330
0.400
0.470
0.540
50
0.120
0.200
0.280
0.370
0.450
0.530
0.610
47
0.170
0.280
0.380
0.500
0.600
0.700
0.800
43
0.210
0.330
0.460
0.600
0.720
0.850
0.980
41
0.230
0.360
0.510
0.670
0.800
0.930
1.06
39
0.260
0.420
0.580
0.750
0.900
1.05
1.20
33
0.350
0.560
0.770
1.00
1.20
1.40
1.60
29
0.450
0.730
1.00
1.30
1.50
1.75
2.00
26
0.560
0.900
1.20
1.60
1.90
2.20
2.50
18.4
0.690
1.20
1.70
2.20
2.70
3.10
3.50
16.3
0.880
1.50
2.20
2.80
3.40
4.00
4.60
14.6
1.10
1.90
2.70
3.50
4.30
5.10
5.90
12.7
1.40
2.40
3.50
4.50
5.50
6.50
7.50
11.8
1.70
2.90
4.20
5.40
6.60
7.80
9.00
10.3
2.10
3.70
5.30
6.80
8.30
9.80
11.3
9.4
2.70
4.60
6.50
8.50
10.40
12.3
14.2
PFR Round-Wire
8.3
3.4
5.9
8.5
11.0
13.5
16.0
18.5
7.6
4.1
7.1
10.0
13.0
15.9
18.8
21.7
6.6
5.3
9.2
13.0
17.0
20.8
24.6
28.4
5.9
6.3
10.9
15.4
20.0
24.5
29.0
33.5
5.1
7.9
13.6
19.3
25.0
30.7
36.4
42.1
*Standard 5-section units are stocked; part numbers are listed on the following page.
(continued)


Similar Part No. - PFE5KR100E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
PFE5KR100E OHMITE-PFE5KR100E Datasheet
120Kb / 2P
   Powr-Rib Edgewound Edgewound and Round Wire
More results

Similar Description - PFE5KR100E

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-33-000-9843 HARTING-09-33-000-9843 Datasheet
454Kb / 2P
   Jumper Along 1x4 blue 16A
2021-10-01
logo
List of Unclassifed Man...
R9-NBC-U2PK-GP ETC2-R9-NBC-U2PK-GP Datasheet
570Kb / 2P
   Movable Fan Aluminum Cooling Pad
R0-NBC-U3PK-GP ETC2-R0-NBC-U3PK-GP Datasheet
427Kb / 2P
   Movable Fan Aluminum Cooling Pad
logo
HARTING Technology Grou...
09-33-000-9852 HARTING-09-33-000-9852 Datasheet
454Kb / 2P
   Jumper Along 1x2 black 16A
2021-10-01
logo
List of Unclassifed Man...
I410 ETC2-I410 Datasheet
136Kb / 2P
   Current Clamps
logo
TE Connectivity Ltd
KRP-3_H TEC-KRP-3_H Datasheet
368Kb / 2P
   Heavy copper alloy movable contact arms
logo
List of Unclassifed Man...
536QC ETC2-536QC Datasheet
40Kb / 1P
   Bar Clamps
logo
Richco, Inc.
E14-CL RICHCO-E14-CL Datasheet
52Kb / 1P
   E CLAMPS
logo
HARTING Technology Grou...
09-33-000-9832 HARTING-09-33-000-9832 Datasheet
455Kb / 2P
   Jumper Along 1x4 red 16A
2021-10-01
09-33-000-9854 HARTING-09-33-000-9854 Datasheet
462Kb / 2P
   Jumper Along 1x4 black 16A
2021-10-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com