Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOX940 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # MOX940
Description  High-voltage Super Mox resistors have been developed
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

MOX940 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  MOX940 Datasheet HTML 1Page - Ohmite Mfg. Co. MOX940 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
77
characteristics
series s P eci F icati ON s
super Mox series
High Voltage
Insulation
Resistance
>10,000 MΩ
500 Volt 25 °C 75% relative
humidity
Dielectric
Strength
>1,000 Volt
25 °C 75% relative humidity
Thermal
Shock
∆ R/R < 0.1% typ.,
0.20% max.
MIL Std. 202, method 107
Cond. C (IEC 68 -2 -14)
Overload ∆ R/R < 0.1% typ.,
0.25% max.
1,5 x Pnom, 5 sec (do not
exceed max. voltage)
Moisture
Resistance
∆ R/R < 0.1% typ.,
0.25% max.
MIL Std. 202, method 106
(IEC 68 -2 -3)
Load Life ∆ R/R < 0.1% typ.,
0.25% max.
1000 hours at rated power
(IEC 115 -1)
Resistance
Range
from 1KΩ to 50GΩ on all models (contact Ohmite for
51G to 1TΩ)
Tolerances 0.05%, 0.1%, 0.25%, 0.5%, 1%, 2%, 5%, 10%
(0.05% avail. to 10G, 0.25% to 100G, other on
request)
Temperature
Coefficients
5, 10, 15, 25, 50 and 100ppm/°C (10ppm/°C avail-
able to 10G, 25ppm/°C to 100G, other on request.
Temperature coefficient referenced to 25°C, ΔR
taken at +125°C.
Encapsulation Silicone Conformal Coating
Terminal
Material
Gold Plated
Core Material Al2O3 (96%)
Resistor
Material
Ruthenium Oxide
Operating
Temperature
-55°C to 225°C (extended temperature range to
350°C available)
Power
Max. Oper.
Series
Rating (W)
Voltage
Res. Range (Ω)
VCR*
MOX910
3.80
15,000
1K-500M
0.40
500M-5G
0.75
MOX920
5.00
21,000
1K-1G
0.20
1G-10G
0.40
MOX930
7.50
30,000
1K-1G5
0.15
1G5-15G
0.30
MOX940
10.00
45,000
1K-2G5
0.10
2G5-25G
0.15
MOX950
13.50
60,000
1K-3G
0.08
3G-30G
0.12
MOX960
16.00
72,000
1K-4G
0.06
4G-40G
0.10
MOX970
20.00
90,000
1K-5G
0.04
5G-50G
0.08
* typical values, contact factory for details
Derating
100
Ambient Temperature, °C
60
20
0
150
80
40
100
0
50
-50
250
200
25°
225°
High-voltage Super Mox resistors have been devel-
oped to meet the precision temperature stability
requirements of high-accuracy and high-voltage
systems. Super Mox combines proprietary non-
inductive resistance system and design to achieve
low temperature coefficient, low voltage coefficients,
high stability and increased high operating voltages.
These resistors are designed to meet the demanding
Uncoated resistor element pictured for
demonstration purposes only. Finished
product is coated with silicone.
requirements of high voltage power supplies, elec-
tron microscopes, X-ray systems, high resolution
CRT displays and geophysical instruments.
(continued)


Similar Part No. - MOX940

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MOX94021005FVE OHMITE-MOX94021005FVE Datasheet
204Kb / 1P
   High Voltage
MOX94021006FVE OHMITE-MOX94021006FVE Datasheet
204Kb / 1P
   High Voltage
MOX94021007FTE OHMITE-MOX94021007FTE Datasheet
204Kb / 1P
   High Voltage
MOX94025005FVE OHMITE-MOX94025005FVE Datasheet
204Kb / 1P
   High Voltage
More results

Similar Description - MOX940

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0821807 PHOENIX-0821807 Datasheet
44Kb / 2P
   These labels have been specially developed for laser printers
1203123 PHOENIX-1203123 Datasheet
48Kb / 2P
   These crimping pliers have been specially developed for pre-assembling conductors
1203262 PHOENIX-1203262 Datasheet
47Kb / 2P
   These crimping pliers have been specially developed for pre-assembling conductors
logo
Murata Manufacturing Co...
MYGTM0242EBZF MURATA-MYGTM0242EBZF Datasheet
658Kb / 14P
   High efficiency and small size have been achieved
logo
EHAOAN.
HS0038B-A EHAOAN-HS0038B-A Datasheet
1Mb / 8P
   Modules have been implemented using resin molds.
logo
STMicroelectronics
AN4009 STMICROELECTRONICS-AN4009 Datasheet
1Mb / 23P
   The STEVAL-IFP019V1 demonstration board has been developed
AN2985 STMICROELECTRONICS-AN2985 Datasheet
1Mb / 19P
   The STEVAL-IFP010V3 demonstration board has been developed
AN2684 STMICROELECTRONICS-AN2684 Datasheet
769Kb / 21P
   The STEVAL-IFP006V1 demonstration board has been developed
logo
Nippon Precision Circui...
APXF2R0ARA681MF61G NPC-APXF2R0ARA681MF61G Datasheet
308Kb / 2P
   Super low ESR, impedance and high heat resistance have been obtained by using conductive polymer as electrolyte
logo
List of Unclassifed Man...
APXK2R5ARA221MF46G ETC2-APXK2R5ARA221MF46G Datasheet
46Kb / 2P
   Super low ESR, impedance and high heat resistance have been obtained by using conductive polymer as electrolyte.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com