Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLIM-MOX20803 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # SLIM-MOX20803
Description  Current pulse limiters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

SLIM-MOX20803 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  SLIM-MOX20803 Datasheet HTML 1Page - Ohmite Mfg. Co. SLIM-MOX20803 Datasheet HTML 2Page - Ohmite Mfg. Co. SLIM-MOX20803 Datasheet HTML 3Page - Ohmite Mfg. Co. SLIM-MOX20803 Datasheet HTML 4Page - Ohmite Mfg. Co. SLIM-MOX20803 Datasheet HTML 5Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
73
Slim-Mox
Precision Thick Film Planar
Max.
Capac-
Ohmite
Resistance
Power
Operating itance
Series
Range (Ohms)
@25°C
Voltage
(pf)
SLIM-MOX10003 100Ω to 500M
0.25W
1.5KV
1.00
SLIM-MOX10103 100Ω to 1,000M 0.50W
2.0KV
1.00
SLIM-MOX10203 200Ω to 5,000M 1.00W
5.0KV
0.90
SLIM-MOX10303 250Ω to 5,000M 1.25W
7.5KV
0.75
SLIM-MOX10403 500Ω to 5,000M 1.50W
10.0KV
0.70
SLIM-MOX10603 750Ωto 5,000M
2.00W
15.0KV
0.65
SLIM-MOX10803
1K to 5,000M
2.50W
20.0KV
0.60
SLIM-MOX20203 500Ω to 5,000M 1.50W
5.0KV
1.10
SLIM-MOX20403
1K to 5,000M
2.00W
10.0KV
0.80
SLIM-MOX20603
2K to 5,000M
2.50W
15.0KV
0.75
SLIM-MOX20803
2K to 5,000M
3.00W
20.0KV
0.65
SLIM-MOX21003
3K to 5,000M
3.50W
25.0KV
0.60
SLIM-MOX30603
3K to 5,000M
3.50W
15.0KV
0.75
SLIM-MOX30803
4K to 5,000M
4.00W
20.0KV
0.50
SLIM-MOX31003
5K to 5,000M
4.50W
25.0KV
0.40
SLIM-MOX40403
3K to 5,000M
3.00W
10.0KV
1.00
SLIM-MOX40803
5K to 5,000M
5.00W
20.0KV
0.80
SLIM-MOX41003
5K to 5,000M
5.50W
25.0KV
0.50
Contact Ohmite for custom configurations. *Maximum voltage and power rating determined by
Ohm’s law: P=V2/R
Ohmite’s Slim-Mox provides stable per-
formance for a wide range of resistance
values, with voltage ratings up to 25K.
Low temperature coefficients are avail-
able for high stability circuit applications.
The space-saving planar package offers
and alternative to traditional high voltage
resistors.
Applic A tion S
•HVpowersupplies
•Medicalinstrumentation
•Currentpulselimiters
•Ionizationchambers
Fe A ture S
•High dielectric & low out-
gassing epoxy coating
•Low resistor noise
•Non inductive
•RoHS compliant
•Radial terminals
Serie S Speci F ic Ation S
ch A r A cteri S tic S
Resistor Element Thick film on Alumina
Coating Epoxy or Silicone
Terminals RoHS solder composition is
96% Sn, 3.5% Ag, 0.5% Cu
Resistance Range 100 Ohms to 5,000M
Power Rating 0.25W to 5.5W
Voltage Rating 1.5KV to 25KV
Tolerance 0.5% to 20%; not all toler-
ances available in all values
Operating
Temperature
-55°C to +110°C
Temperature
Coefficient
See table
Series
Power @25°C
A max.
B max.
C ±0.025
D ±0.002
SLIM-MOX10003 0.25W
0.30” / 7.62
0.30” / 7.62
0.10” / 2.54
0.025” / 0.635
SLIM-MOX10103 0.50W
0.34” / 8.64
0.33” / 8.38
0.20” / 5.08
0.025” / 0.635
SLIM-MOX10203 1.00W
0.34” / 8.64
0.58” / 14.73
0.40” / 10.16
0.032” / 0.813
SLIM-MOX10303 1.25W
0.34” / 8.64
0.83” / 21.08
0.60” / 15.24
0.032” / 0.813
SLIM-MOX10403 1.50W
0.34” / 8.64
1.08” / 27.43
0.90” / 22.86
0.032” / 0.813
SLIM-MOX10603 2.00W
0.34” / 8.64
1.58” / 40.13
1.40” / 35.56
0.032” / 0.813
SLIM-MOX10803 2.50W
0.34” / 8.64
2.08” / 52.83
1.90” / 48.26
0.032” / 0.813
SLIM-MOX20203 1.50W 0.59” / 14.99
0.58” / 14.73
0.40” / 10.16
0.032” / 0.813
SLIM-MOX20403 2.00W 0.59” / 14.99
1.08” / 27.43
0.90” / 22.86
0.032” / 0.813
SLIM-MOX20603 2.50W 0.59” / 14.99
1.58” / 40.13
1.40” / 35.56
0.032” / 0.813
SLIM-MOX20803 3.00W 0.59” / 14.99
2.08” / 52.83
1.90” / 48.26
0.032” / 0.813
SLIM-MOX21003 3.50W 0.59” / 14.99
2.58” / 65.53
2.40” / 60.96
0.032” / 0.813
SLIM-MOX30603 3.50W 0.84” / 21.34
1.58” / 40.13
1.40” / 35.56
0.032” / 0.813
SLIM-MOX30803 4.00W 0.84” / 21.34
2.08” / 52.83
1.90” / 48.26
0.032” / 0.813
SLIM-MOX31003 4.50W 0.84” / 21.34
2.58” / 65.53
2.40” / 60.96
0.032” / 0.813
SLIM-MOX40403 3.00W 1.09” / 27.69
1.08” / 27.43
0.90” / 22.86
0.032” / 0.813
SLIM-MOX40803 5.00W 1.09” / 27.69
2.08” / 52.83
1.90” / 48.26
0.032” / 0.813
SLIM-MOX41003 5.50W 1.09” / 27.69
2.58” / 65.53
2.40” / 60.96
0.032” / 0.813
B
A
D
C
0.1"
1.3"
typ.
di M en S ion S
in./mm
Slim-Mox
Radial Terminal


Similar Part No. - SLIM-MOX20803

ManufacturerPart #DatasheetDescription
logo
Lin Eng. Inc.
SLIMPLANETARY LINENGINEERING-SLIMPLANETARY Datasheet
860Kb / 5P
   GEARBOXES
More results

Similar Description - SLIM-MOX20803

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57238 EPCOS-B57238 Datasheet
194Kb / 6P
   Inrush current limiters
logo
AMETHERM Circuit Protec...
995-MS12-15102 AMETHERM-995-MS12-15102 Datasheet
385Kb / 1P
   MEGASURGE MS SERIES - INRUSH CURRENT LIMITERS
logo
EPCOS
B59412C1130B070 EPCOS-B59412C1130B070 Datasheet
284Kb / 11P
   PTC thermistors as inrush current limiters
B5975X EPCOS-B5975X Datasheet
245Kb / 10P
   PTC thermistors as inrush current limiters
B5910 EPCOS-B5910 Datasheet
237Kb / 10P
   PTC thermistors as inrush current limiters
logo
MERITEK ELECTRONICS COR...
SCK MERITEK-SCK Datasheet
144Kb / 5P
   NTC Power Thermistors Inrush Current Limiters
logo
M/A-COM Technology Solu...
2690 MA-COM-2690 Datasheet
61Kb / 2P
   Coaxial Limiters
logo
Tyco Electronics
2690 MACOM-2690 Datasheet
138Kb / 2P
   Coaxial Limiters
logo
Littelfuse
600VOLTSAC LITTELFUSE-600VOLTSAC Datasheet
154Kb / 1P
   Cable Limiters
logo
Microsemi Corporation
GG77010 MICROSEMI-GG77010 Datasheet
705Kb / 4P
   RF BOADBAND LIMITERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com