Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT151-6500R Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # BT151-6500R
Description  Advanced high cell denity trench technology for ultra RDS(ON)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BT151-6500R Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  BT151-6500R Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BT151-6500R Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BT151-6500R Datasheet HTML 3Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BT151-650R
KERSMI ELECTRONIC CO.,LTD.
650V
www.kersemi.com
3


Similar Part No. - BT151-6500R

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BT151-650 CDIL-BT151-650 Datasheet
76Kb / 2P
   Thyristor Series
logo
Inchange Semiconductor ...
BT151-650 ISC-BT151-650 Datasheet
235Kb / 1P
   isc Thyristors
logo
NXP Semiconductors
BT151-650C NXP-BT151-650C Datasheet
110Kb / 8P
   Thyristors
April 2004
logo
WeEn Semiconductors
BT151-650C WEEN-BT151-650C Datasheet
216Kb / 12P
   SCR
logo
NXP Semiconductors
BT151-650L NXP-BT151-650L Datasheet
161Kb / 11P
   SCR, 12 A, 5 mA, 650 V, SOT78
Rev. 05-2 March 2009
More results

Similar Description - BT151-6500R

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSM3710 KERSEMI-KSM3710 Datasheet
645Kb / 4P
   Advanced high cell denity trench technology for ultra RDS(ON)
KSM2302 KERSEMI-KSM2302 Datasheet
321Kb / 4P
   Advanced high cell denity trench technology for ultra RDS(ON)
KSM13N50 KERSEMI-KSM13N50 Datasheet
695Kb / 4P
   Advanced high cell denity trench technology for ultra RDS(ON)
KMB9540 KERSEMI-KMB9540 Datasheet
681Kb / 4P
   Advanced high cell denity trench technology for ultra RDS(ON)
KSM6N65 KERSEMI-KSM6N65 Datasheet
669Kb / 4P
   Advanced high cell denity trench technology for ultra RDS(ON)
KSM530 KERSEMI-KSM530 Datasheet
673Kb / 5P
   Advanced high cell denity trench technology for ultra RDS(ON)
KSM4N65 KERSEMI-KSM4N65 Datasheet
708Kb / 4P
   Advanced high cell denity trench technology for ultra RDS(ON)
KSM2304 KERSEMI-KSM2304 Datasheet
284Kb / 4P
   Advanced high cell denity trench technology for ultra RDS(ON)
KSM2307 KERSEMI-KSM2307 Datasheet
271Kb / 4P
   Advanced high cell denity trench technology for ultra RDS(ON)
KSM2807 KERSEMI-KSM2807 Datasheet
648Kb / 4P
   Advanced high cell denity trench technology for ultra RDS(ON)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com