Electronic Components Datasheet Search |
|
SLIM-MOX10802 Datasheet(PDF) 4 Page - Ohmite Mfg. Co. |
|
SLIM-MOX10802 Datasheet(HTML) 4 Page - Ohmite Mfg. Co. |
4 / 5 page 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com 76 Slim-Mox ht divider High Temperature Thick Film Voltage Divider B A 0.07" 1.3" typ. C E Ohmite Power Operating Series @25°C Voltage SLIM-MOX103RD 1.25W 5.0KV SLIM-MOX104RD 1.50W 10.0KV SLIM-MOX106RD 2.50W 12.0KV SLIM-MOX108RD 3.25W 15.0KV SLIM-MOX204RD 2.50W 10.0KV SLIM-MOX206RD 3.25W 12.0KV SLIM-MOX208RD 4.25W 20.0KV SLIM-MOX210RD 5.00W 25.0KV SLIM-MOX306RD 4.50W 12.0KV SLIM-MOX308RD 5.00W 20.0KV SLIM-MOX310RD 5.75W 25.0KV SLIM-MOX408RD 6.75W 20.0KV SLIM-MOX410RD 7.50W 25.0KV Contact Ohmite for custom configurations. Series Power Rating C E SLIM-MOX103RD 1.25W 0.60” / 15.24 0.20” / 5.08 SLIM-MOX104RD 1.50W 0.90” / 22.86 0.20” / 5.08 SLIM-MOX106RD 2.50W 1.40” / 35.56 0.20” / 5.08 SLIM-MOX108RD 3.25W 0.90” / 22.86 0.60” / 15.24 SLIM-MOX204RD 2.50W 0.90” / 22.86 0.20” / 5.08 SLIM-MOX206RD 3.25W 1.40” / 35.56 0.20” / 5.08 SLIM-MOX208RD 4.25W 1.90” / 48.26 0.40” / 10.16 SLIM-MOX210RD 5.00W 2.40” / 60.96 0.20” / 5.08 SLIM-MOX306RD 4.50W 1.40” / 35.56 0.30” / 7.62 SLIM-MOX308RD 5.00W 1.90” / 48.26 0.30” / 7.62 SLIM-MOX310RD 5.75W 2.40” / 60.96 0.20” / 5.08 SLIM-MOX408RD 6.75W 1.90” / 48.26 0.30” / 7.62 SLIM-MOX410RD 7.50W 2.40” / 60.96 0.20” / 5.08 Slim-MoxHTRDresistor dividers complete the Slim- Mox family with the high temperature divider configura- tion. These resistors are use- ful wherever multiple voltage drops are needed in a circuit. Designed to customer speci- fications,theSlim-MoxHT RDresistorutilizesourthick film on alumina technology to offer flexible termination schemes. Fe A ture S •HighTemperature Operation •RoHScompliant •RadialTerminals ch A r A cteri S tic S Resistance range 1M to 5,000M ohms Resistance ratio 100:1 - 5000 : 1 To specify dividers outside this range, please see our website at: www.ohmite.com/dividers A complete description of the SLIM-MOX Divider is required. EXAMPLE: RT = 500MΩ 5% R1 = 499.5MΩ 5% R2 = 500KΩ 1% Ratio = RT / R2 = 1,000: 1, 1% Resistor element Thick film on Alumina Ratio tolerances 0.5% to 5% Temperature Coefficient Tracking TCR tracking to 10ppm and VCR track- ing to 1ppm Serie S Speci F ic Ation S di M en S ion S in. ±0.025 /mm (continued) To specify Slim-Mox Dividers, please see our website at: www.ohmite.com/dividers |
Similar Part No. - SLIM-MOX10802 |
|
Similar Description - SLIM-MOX10802 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |