Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLIM-MOX306 Datasheet(PDF) 4 Page - Ohmite Mfg. Co.

Part # SLIM-MOX306
Description  Current pulse limiters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

SLIM-MOX306 Datasheet(HTML) 4 Page - Ohmite Mfg. Co.

  SLIM-MOX306 Datasheet HTML 1Page - Ohmite Mfg. Co. SLIM-MOX306 Datasheet HTML 2Page - Ohmite Mfg. Co. SLIM-MOX306 Datasheet HTML 3Page - Ohmite Mfg. Co. SLIM-MOX306 Datasheet HTML 4Page - Ohmite Mfg. Co. SLIM-MOX306 Datasheet HTML 5Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
76
Slim-Mox ht divider
High Temperature Thick Film Voltage Divider
B
A
0.07"
1.3"
typ.
C
E
Ohmite
Power
Operating
Series
@25°C
Voltage
SLIM-MOX103RD
1.25W
5.0KV
SLIM-MOX104RD
1.50W
10.0KV
SLIM-MOX106RD
2.50W
12.0KV
SLIM-MOX108RD
3.25W
15.0KV
SLIM-MOX204RD
2.50W
10.0KV
SLIM-MOX206RD
3.25W
12.0KV
SLIM-MOX208RD
4.25W
20.0KV
SLIM-MOX210RD
5.00W
25.0KV
SLIM-MOX306RD
4.50W
12.0KV
SLIM-MOX308RD
5.00W
20.0KV
SLIM-MOX310RD
5.75W
25.0KV
SLIM-MOX408RD
6.75W
20.0KV
SLIM-MOX410RD
7.50W
25.0KV
Contact Ohmite for custom configurations.
Series
Power Rating
C
E
SLIM-MOX103RD
1.25W
0.60” / 15.24
0.20” / 5.08
SLIM-MOX104RD
1.50W
0.90” / 22.86
0.20” / 5.08
SLIM-MOX106RD
2.50W
1.40” / 35.56
0.20” / 5.08
SLIM-MOX108RD
3.25W
0.90” / 22.86
0.60” / 15.24
SLIM-MOX204RD
2.50W
0.90” / 22.86
0.20” / 5.08
SLIM-MOX206RD
3.25W
1.40” / 35.56
0.20” / 5.08
SLIM-MOX208RD
4.25W
1.90” / 48.26
0.40” / 10.16
SLIM-MOX210RD
5.00W
2.40” / 60.96
0.20” / 5.08
SLIM-MOX306RD
4.50W
1.40” / 35.56
0.30” / 7.62
SLIM-MOX308RD
5.00W
1.90” / 48.26
0.30” / 7.62
SLIM-MOX310RD
5.75W
2.40” / 60.96
0.20” / 5.08
SLIM-MOX408RD
6.75W
1.90” / 48.26
0.30” / 7.62
SLIM-MOX410RD
7.50W
2.40” / 60.96
0.20” / 5.08
Slim-MoxHTRDresistor
dividers complete the Slim-
Mox family with the high
temperature divider configura-
tion. These resistors are use-
ful wherever multiple voltage
drops are needed in a circuit.
Designed to customer speci-
fications,theSlim-MoxHT
RDresistorutilizesourthick
film on alumina technology
to offer flexible termination
schemes.
Fe A ture S
•HighTemperature
Operation
•RoHScompliant
•RadialTerminals
ch A r A cteri S tic S
Resistance range 1M to 5,000M ohms
Resistance ratio 100:1 - 5000 : 1
To specify dividers outside this range,
please see our website at:
www.ohmite.com/dividers
A complete description of the SLIM-MOX
Divider is required. EXAMPLE:
RT = 500MΩ 5%
R1 = 499.5MΩ 5%
R2 = 500KΩ 1%
Ratio = RT / R2 = 1,000: 1, 1%
Resistor element Thick film on Alumina
Ratio tolerances 0.5% to 5%
Temperature
Coefficient Tracking
TCR tracking to 10ppm and VCR track-
ing to 1ppm
Serie S Speci F ic Ation S
di M en S ion S
in. ±0.025 /mm
(continued)
To specify Slim-Mox Dividers,
please see our website at:
www.ohmite.com/dividers


Similar Part No. - SLIM-MOX306

ManufacturerPart #DatasheetDescription
logo
Lin Eng. Inc.
SLIMPLANETARY LINENGINEERING-SLIMPLANETARY Datasheet
860Kb / 5P
   GEARBOXES
More results

Similar Description - SLIM-MOX306

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57238 EPCOS-B57238 Datasheet
194Kb / 6P
   Inrush current limiters
logo
AMETHERM Circuit Protec...
995-MS12-15102 AMETHERM-995-MS12-15102 Datasheet
385Kb / 1P
   MEGASURGE MS SERIES - INRUSH CURRENT LIMITERS
logo
EPCOS
B59412C1130B070 EPCOS-B59412C1130B070 Datasheet
284Kb / 11P
   PTC thermistors as inrush current limiters
B5975X EPCOS-B5975X Datasheet
245Kb / 10P
   PTC thermistors as inrush current limiters
B5910 EPCOS-B5910 Datasheet
237Kb / 10P
   PTC thermistors as inrush current limiters
logo
MERITEK ELECTRONICS COR...
SCK MERITEK-SCK Datasheet
144Kb / 5P
   NTC Power Thermistors Inrush Current Limiters
logo
M/A-COM Technology Solu...
2690 MA-COM-2690 Datasheet
61Kb / 2P
   Coaxial Limiters
logo
Tyco Electronics
2690 MACOM-2690 Datasheet
138Kb / 2P
   Coaxial Limiters
logo
Littelfuse
600VOLTSAC LITTELFUSE-600VOLTSAC Datasheet
154Kb / 1P
   Cable Limiters
logo
Microsemi Corporation
GG77010 MICROSEMI-GG77010 Datasheet
705Kb / 4P
   RF BOADBAND LIMITERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com