Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32328A7166J0 Datasheet(PDF) 3 Page - TDK Electronics

Part # B32328A7166J0
Description  Motor run capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32328A7166J0 Datasheet(HTML) 3 Page - TDK Electronics

  B32328A7166J0 Datasheet HTML 1Page - TDK Electronics B32328A7166J0 Datasheet HTML 2Page - TDK Electronics B32328A7166J0 Datasheet HTML 3Page - TDK Electronics B32328A7166J0 Datasheet HTML 4Page - TDK Electronics B32328A7166J0 Datasheet HTML 5Page - TDK Electronics B32328A7166J0 Datasheet HTML 6Page - TDK Electronics B32328A7166J0 Datasheet HTML 7Page - TDK Electronics B32328A7166J0 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Film Capacitors – AC Capacitors
B32328
Motor run capacitors
B32328 – MotorCap
CAP RD FILM PD AC
September 2016
Please read Cautions and warnings and
Page 3 of 8
Important notes at the end of this document.
Test data
AC test voltage terminal to terminal VTT
2
 VR, 2 s (routine test)
2
 VR, 60 s (type test)
Insulation resistance Rins or time constant 
at 20 °C, rel. humidity
 65% (minimum as-delivered values)
3000 s
Dissipation factor tan
 at 20 °C
 7.0 10-3 (1 kHz )
Maximum rate of voltage rise dV/dtmax
10 V/
s
Climatic data
Climatic category
25/085/21 to IEC 60068-1
Lower category Tmin
–25° C
Upper category Tmax
+85° C
Damp heat test ttest
21 days
Mechanical and thermal properties
Ball pressure test to IEC 60309-1 sec. 27.3
20 N at 125 °C
Plastic can and top disk material
Compliant to IEC 60252-1
Option A:
UL 94 V2 compatible
Glow wire test to IEC 60695-2-1/0 and –2-1/1
Test temp 550 °C for IR ≤ 0.5 A
Test temp 850 °C for IR > 0.5 A
Self-extinguishing within 30 seconds of
withdrawing the glow wire and without igniting
wrapping tissue.
Tracking test to IEC 60112 solution A
> 250 V
Protection class to IEC 60529 2001
IP 53
Compatibility to RoHS
Compliance to directive 2002/95/EC
Approvals
VDE IEC 60252-1
Approved
400 V/85 °C: 10000 h (class B) for 1.5 µF to
50 µF
480 V/85 °C: 3000h (class C)for 3 µF to 35 µF
Compliance to LV directive 2014/35/EU
Display of ordering codes for EPCOS products
The ordering code for one and the same EPCOS product can be represented differently in data sheets, data
books, other publications, on the EPCOS website, or in order-related documents such as shipping notes, order
confirmations and product labels. The varying representations of the ordering codes are due to different
processes employed and do not affect the specifications of the respective products
. Detailed information
can be found on the Internet under www.epcos.com/orderingcodes


Similar Part No. - B32328A7166J0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32328A1106J0 TDK-B32328A1106J0 Datasheet
299Kb / 8P
   Film capacitors - AC capacitors Motor run capacitors
logo
EPCOS
B32328A1106J013 EPCOS-B32328A1106J013 Datasheet
384Kb / 8P
   Film capacitors - AC capacitors
B32328A1106J017 EPCOS-B32328A1106J017 Datasheet
384Kb / 8P
   Film capacitors - AC capacitors
B32328A1106J019 EPCOS-B32328A1106J019 Datasheet
384Kb / 8P
   Film capacitors - AC capacitors
B32328A1106J033 EPCOS-B32328A1106J033 Datasheet
384Kb / 8P
   Film capacitors - AC capacitors
More results

Similar Description - B32328A7166J0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C878BF34300AA4J KEMET-C878BF34300AA4J Datasheet
400Kb / 10P
   Motor Run Capacitors
logo
TDK Electronics
B32329 TDK-B32329_16 Datasheet
128Kb / 8P
   Motor run capacitors
logo
Cornell Dubilier Electr...
MPF CDE-MPF Datasheet
347Kb / 4P
   AC Motor Run Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
B32335 EPCOS-B32335 Datasheet
234Kb / 7P
   AC Film Capacitors Motor run
logo
TDK Electronics
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
logo
EPCOS
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
   AC Film Capacitors Motor run
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com